Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DE09PN24 Datasheet(PDF) 2 Page - Adam Technologies, Inc.

Part # DE09PN24
Description  D-SUBMINIATURE RIGHT ANGLE .197 [5.00] SLIMLINE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAM-TECH [Adam Technologies, Inc.]
Direct Link  http://www.adam-tech.com
Logo ADAM-TECH - Adam Technologies, Inc.

DE09PN24 Datasheet(HTML) 2 Page - Adam Technologies, Inc.

  DE09PN24 Datasheet HTML 1Page - Adam Technologies, Inc. DE09PN24 Datasheet HTML 2Page - Adam Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Adam Technologies, Inc.
909 Rahway Avenue Union, New Jersey 07083 T: 908-687-5000 F: 908-687-5710 WWW.ADAM-TECH.COM
87
D-SUBMINIATURE
RIGHT ANGLE .197" [5.00] SLIMLINE
DPN & DSN SERIES
.200 [5.08]
.232 [5.9]
.125 [3.18]
.585 [14.85]
.112 [2.84]
C
B
A
.109 [2.77]
#4-40 UNC
2X
.494 [12.55]
.311 [7.90]
.585 [14.85]
.200 [5.08]
.125 [3.18]
.232 [5.9]
#4-40 UNC
2X
.494 [12.55]
.329 [8.36]
.112 [2.84]
.109 [2.77]
C
B
A
.200 [5.08]
.232 [5.9]
.125 [3.18]
.585 [14.85]
.112 [2.84]
C
B
A
.109 [2.77]
#4-40 UNC
2X
.494 [12.55]
.311 [7.90]
.585 [14.85]
.200 [5.08]
.125 [3.18]
.232 [5.9]
#4-40 UNC
2X
.494 [12.55]
.329 [8.36]
.112 [2.84]
.109 [2.77]
C
B
A
PLUG
SOCKET
1.541 [39.14]
1.312 [33.32]
15
.994 [25.25]
1.852 [47.04]
25
1.534 [38.96]
2.088 [53.04]
.984 [24.99]
DIMENSIONS
Positions
9
.666 [16.92]
A
C
1.213 [30.81]
B
.971 [24.66]
1.511 [38.38]
.643 [16.33]
A
PLUG
SOCKET
Unit: Inch [mm]
RECOMENDED PCB LAYOUT
B
.109 [2.77]
ø.047 [1.20
]
(2X)ø.126 [3.20]
.112 [2.84]
Recommended PCB Layout
RECOMENDED PCB LAYOUT
B
.109 [2.77]
ø.047 [1.20
]
(2X)ø.126 [3.20]
.112 [2.84]
Recommended PCB Layout


Similar Part No. - DE09PN24

ManufacturerPart #DatasheetDescription
logo
FCI connector
DE09P064TXLF FCI-CONNECTOR-DE09P064TXLF Datasheet
288Kb / 1P
   D-SUB SOLDER BUCKET CONNECTOR
logo
Adam Technologies, Inc.
DE09PAM1 ADAM-TECH-DE09PAM1 Datasheet
257Kb / 2P
   D-SUBMINIATURE FLUSH MOUNT STRAIGHT PCB TAIL
DE09PAM1-R-BL ADAM-TECH-DE09PAM1-R-BL Datasheet
257Kb / 2P
   D-SUBMINIATURE FLUSH MOUNT STRAIGHT PCB TAIL
DE09PAM1-R3 ADAM-TECH-DE09PAM1-R3 Datasheet
257Kb / 2P
   D-SUBMINIATURE FLUSH MOUNT STRAIGHT PCB TAIL
DE09PAM2 ADAM-TECH-DE09PAM2 Datasheet
257Kb / 2P
   D-SUBMINIATURE FLUSH MOUNT STRAIGHT PCB TAIL
More results

Similar Description - DE09PN24

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
DB25SS24 ADAM-TECH-DB25SS24 Datasheet
227Kb / 2P
   D-SUBMINIATURE SMT RIGHT ANGLE .118" [3.00] SLIMLINE
DB25SHC1C ADAM-TECH-DB25SHC1C Datasheet
213Kb / 2P
   D-SUBMINIATURE RIGHT ANGLE MACHINED CONTACT
logo
Molex Electronics Ltd.
0520443045 MOLEX7-0520443045 Datasheet
137Kb / 2P
   5.00 and 7.50mm (.197 and .295
logo
Adam Technologies, Inc.
DB25-PL-25 ADAM-TECH-DB25-PL-25 Datasheet
240Kb / 2P
   D-SUBMINIATURE RIGHT ANGLE .318 (8.08) MOUNT
DPD2510B3 ADAM-TECH-DPD2510B3 Datasheet
192Kb / 2P
   D-SUBMINIATURE DUAL PORT, STACKED, RIGHT ANGLE
DB25SL24 ADAM-TECH-DB25SL24 Datasheet
134Kb / 1P
   D-SUBMINIATURE RIGHT ANGLE .318 (8.08) MOUNT
DB25SQSA4 ADAM-TECH-DB25SQSA4 Datasheet
381Kb / 3P
   D-SUBMINIATURE RIGHT ANGLE .590 [15.00] MOUNT
logo
Glenair, Inc.
247-1679PJB GLENAIR-247-1679PJB Datasheet
326Kb / 2P
   D-Subminiature Connector, Right Angle EMI Filtered European Footprint
logo
Adam Technologies, Inc.
HD15-SN-25 ADAM-TECH-HD15-SN-25 Datasheet
139Kb / 1P
   SLIMLINE D-SUB SOCKET
DXXX-SN-25-R ADAM-TECH-DXXX-SN-25-R Datasheet
109Kb / 1P
   SLIMLINE D-SUB SOCKET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com