Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSTM-S3-TR-9N038.88M Datasheet(PDF) 5 Page - Connor-Winfield Corporation

Part # MSTM-S3-TR-9N038.88M
Description  Stratum 3 Timing Module
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

MSTM-S3-TR-9N038.88M Datasheet(HTML) 5 Page - Connor-Winfield Corporation

  MSTM-S3-TR-9N038.88M Datasheet HTML 1Page - Connor-Winfield Corporation MSTM-S3-TR-9N038.88M Datasheet HTML 2Page - Connor-Winfield Corporation MSTM-S3-TR-9N038.88M Datasheet HTML 3Page - Connor-Winfield Corporation MSTM-S3-TR-9N038.88M Datasheet HTML 4Page - Connor-Winfield Corporation MSTM-S3-TR-9N038.88M Datasheet HTML 5Page - Connor-Winfield Corporation MSTM-S3-TR-9N038.88M Datasheet HTML 6Page - Connor-Winfield Corporation MSTM-S3-TR-9N038.88M Datasheet HTML 7Page - Connor-Winfield Corporation MSTM-S3-TR-9N038.88M Datasheet HTML 8Page - Connor-Winfield Corporation MSTM-S3-TR-9N038.88M Datasheet HTML 9Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Data Sheet #: TM027
Page 5 of 16
Rev: P05
Date: 12 / 02 / 02
© Copyright 2001 The Connor-Winfield Corp.
All Rights Reserved Specifications subject to change without notice
Typical Application
Figure 2
Typical System Test Set-up
Figure 3
Input Select
MUX
MUX
MUX
MUX
System Select
BITS
System
Signal
CW’s STM/MSTM module
CW’s STM/MSTM module
CW’s SCG
2000/4000
CW’s SCG
2000/4000
A
B
S
Y
A
B
Y
S
A
B
A
B
S
Y
S
Y
Timing Card #N
Line Card 1
RCV
RCV
Clock out
Clock out
Line Card N
Ta r g e t S y s te m U nde r Te s t
P o ssib le C h o i ces In c lu d e
S tanford R e sea rch M odel: F S 700
T ruetim e M odel X X X
Ar b itr ar y
W avefo r m
Ge n e r a t o r
E x te r nal
R e fe rence
Input
Ar b itr ar y
W avefo r m
Ge n e r a t o r
[N o i s e
S our c e ]
D S 1 ra te R Z (1 .544 M H z ), E 1 ra te R Z or 8 kH z
clock R Z w ith noise m odulatio n
T E K T R O N IX S J 300E
C lock or B IT S logic le v e l
c loc k input ( T T L , C M O S ,
etc.)
H P 53310A
M odulation A naly z er / T im e I n te rv al A n a ly z e r
D S 1 r a te [1 .5 4 4 M H z ] B IT S B ip o la r
P hase E rro r data out put
S a m p l e W a n d e r G e n e r a ti o n ( T D E V ) fo r S T M / M S T M -S 3
10 0.0E - 1 2
1. 0 E - 9
10 . 0 E - 9
10 0. 0 E - 9
1. 0 E - 6
1 0 . 0 E- 3
1 0 0 .0 E- 3
1 .0 E+ 0
1 0 . 0 E + 0
1 0 0 . 0 E + 0
1 .0 E + 3
I n t e gr a t i on
T i m e
( s e c )
TD E V
G R 12 4 4 - F ig5 . 1
G R 12 4 4 - F ig5 - 3
T y pi c a l r e s p o n s e - 3 0 0 0 s e c o n d te s t - Jitt e r a p p l ie d ( 2 U I @
1 0 H z )
re f d a te A P R
22 19 98
kd h
C o p y r i g h t 19 98 C o n n o r - W i n f ie l d a ll l rig h t s r e s e r v e d
S a m p le M T IE D a t a fo r S T M - S 3 / M S T M - S 3
1.0E - 9
10.0 E - 9
100.0E - 9
1.0E - 6
100 .0 E - 3
1 . 0 E + 0
1 0. 0 E + 0
1 0 0.0E + 0
1 . 0E + 3
10.0 E + 3
O b s e r v a t ion Tim e ( s )
MT IE
1 2 4 4 -5 . 2 M a s k (A )
1 2 4 4 -5 . 2 M a s k (B )
1 2 4 4 - 5 .6 M a s k
G R 2 5 3 - 5 .4 .4 . 3 . 2
C o p y ri g h t
1 9 9 8 C o nno r - W inf i e ld a l l r i g h t s re s e r v e d
T y p i ca l r e s p o n s e - 3 0 0 0 s eco n d t e s t - J it t er a p p li e d ( 2 U I @
1 0 H z )
r e f d a t e A P R
22 19 98
kd h
S tand ards
C o m p liance
D o cum ent s
T im e -s ta m ped ensem ble
based o n absolute tim e
re fe rence (10M H z input)
D S -1 , O C -3 , O C - 12 electric al or optic al signals
W ander A naly z er data ( IE E E -488)
10
MH z
T h is dev ic e supplie s sy stem tim e
in f o rm at ion. It can be thought of as
s upply ing " absolute tim e " re fe rence
in f o rm a t io n
10
MH z
E x te r nal
R e fe rence
Input
10
MH z
E x te r nal
R e fe rence
Input
IE E E -488 C ontro ller
P la t fo rm fo r s o f tw a re
H P 53305 A P hase A naly z er
H P E 1748A S y nc
M easurem ent
T e kt ronix W ander A naly z er
10
MH z
E x te r nal
Re fe re n c e
Input
. . . . ...
M T IE , T D E V , W a n d er T r an sf er ,
a n d W a n d e r G e ne r a tion P l ots
Te k tro n ix
S J 300E
G P S or LO R A N
T im ing S o ur c e


Similar Part No. - MSTM-S3-TR-9N038.88M

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
MSTM-S3-TR CONNOR-WINFIELD-MSTM-S3-TR_15 Datasheet
1Mb / 16P
   Stratum 3 Timing Module
More results

Similar Description - MSTM-S3-TR-9N038.88M

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
MSTM-S3-IT3-19.44M CONNOR-WINFIELD-MSTM-S3-IT3-19.44M Datasheet
1Mb / 16P
   Stratum 3 Timing Module
STL-S3 CONNOR-WINFIELD-STL-S3 Datasheet
1Mb / 24P
   Stratum 3 Timing Module
MSTM-S3-T2F1 CONNOR-WINFIELD-MSTM-S3-T2F1 Datasheet
884Kb / 16P
   Stratum 3 Timing Module
MSTM-S3-IT3 CONNOR-WINFIELD-MSTM-S3-IT3 Datasheet
1Mb / 16P
   Stratum 3 Timing Module
MSTM-S3-T2 CONNOR-WINFIELD-MSTM-S3-T2 Datasheet
1Mb / 20P
   Stratum 3 Timing Module
MSTM-S3-TR CONNOR-WINFIELD-MSTM-S3-TR_15 Datasheet
1Mb / 16P
   Stratum 3 Timing Module
logo
Zarlink Semiconductor I...
ZL30461 ZARLINK-ZL30461 Datasheet
465Kb / 53P
   COMPACT STRATUM 3 TIMING MODULE
logo
List of Unclassifed Man...
STM-S3E ETC1-STM-S3E Datasheet
837Kb / 16P
   Stratum 3E Timing Module
logo
Connor-Winfield Corpora...
STL-S3E CONNOR-WINFIELD-STL-S3E Datasheet
975Kb / 24P
   Stratum 3E Timing Module
STM-S3E CONNOR-WINFIELD-STM-S3E Datasheet
835Kb / 16P
   Stratum 3E Timing Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com