Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IN74HC244AN Datasheet(PDF) 6 Page - IK Semicon Co., Ltd

Part # IN74HC244AN
Description  Octal 3-State Noninverting Buffer/Line Driver/Line Receiver High-Performance Silicon-Gate CMOS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IN74HC244AN Datasheet(HTML) 6 Page - IK Semicon Co., Ltd

  IN74HC244AN Datasheet HTML 1Page - IK Semicon Co., Ltd IN74HC244AN Datasheet HTML 2Page - IK Semicon Co., Ltd IN74HC244AN Datasheet HTML 3Page - IK Semicon Co., Ltd IN74HC244AN Datasheet HTML 4Page - IK Semicon Co., Ltd IN74HC244AN Datasheet HTML 5Page - IK Semicon Co., Ltd IN74HC244AN Datasheet HTML 6Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
IN74HC244A
N SUFFIX PLASTIC DIP
(MS - 001AD)
Symbol
MIN
MAX
A
24.89
26.92
B
6.1
7.11
C
5.33
D
0.36
0.56
F
1.14
1.78
G
H
J
0
°
10
°
K
2.92
3.81
NOTES:
L
7.62
8.26
1. Dimensions “A”, “B” do not include mold flash or protrusions.
M
0.2
0.36
Maximum mold flash or protrusions 0.25 mm (0.010) per side.
N
0.38
D SUFFIX SOIC
(MS - 013AC)
Symbol
MIN
MAX
A
12.6
13
B
7.4
7.6
C
2.35
2.65
D
0.33
0.51
F
0.4
1.27
G
H
NOTES:
J
0
°
8
°
1. Dimensions A and B do not include mold flash or protrusion.
K
0.1
0.3
2. Maximum mold flash or protrusion 0.15 mm (0.006) per side
M
0.23
0.32
for A; for B ‑ 0.25 mm (0.010) per side.
P
10
10.65
R
0.25
0.75
Dimension, mm
1.27
9.53
Dimension, mm
2.54
7.62
A
B
H
C
K
C M
J
F
M
P
G
D
R x 45
SEATING
PLANE
0.25 (0.010) M
T
-T-
1
20
10
11
L
H
M
J
A
B
F
G
D
SEATING
PLANE
N
K
0.25 (0.010) M
T
-T-
C
1
20
10
11
Rev. 00


Similar Part No. - IN74HC244AN

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74HC244AN INTEGRAL-IN74HC244AN Datasheet
110Kb / 5P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver
More results

Similar Description - IN74HC244AN

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK74HCT244A KODENSHI-KK74HCT244A Datasheet
299Kb / 6P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver High-Performance Silicon-Gate CMOS
KK74HCT241A KODENSHI-KK74HCT241A Datasheet
239Kb / 6P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver High-Performance Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74HCT244A IKSEMICON-IN74HCT244A Datasheet
290Kb / 6P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver High-Performance Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74HC241A KODENSHI-KK74HC241A Datasheet
242Kb / 6P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver High-Performance Silicon-Gate CMOS
KK74HC244A KODENSHI-KK74HC244A Datasheet
231Kb / 6P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver High-Performance Silicon-Gate CMOS
logo
System Logic Semiconduc...
SL74HCT244 SLS-SL74HCT244 Datasheet
47Kb / 5P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver(High-Performance Silicon-Gate CMOS)
SL74HCT241 SLS-SL74HCT241 Datasheet
51Kb / 5P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver(High-Performance Silicon-Gate CMOS)
logo
IK Semicon Co., Ltd
IN74HC241A IKSEMICON-IN74HC241A Datasheet
224Kb / 6P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver High-Performance Silicon-Gate CMOS
IN74HCT241A IKSEMICON-IN74HCT241A Datasheet
225Kb / 6P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver High-Performance Silicon-Gate CMOS
logo
Integral Corp.
IN74AC244 INTEGRAL-IN74AC244 Datasheet
159Kb / 4P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver High-Speed Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com