Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IN74HC4094A Datasheet(PDF) 4 Page - IK Semicon Co., Ltd

Part # IN74HC4094A
Description  8-Bit Serial-Input Shift Register With Latched 3-State Outputs High-Performance Silicon-Gate CMOS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IN74HC4094A Datasheet(HTML) 4 Page - IK Semicon Co., Ltd

  IN74HC4094A Datasheet HTML 1Page - IK Semicon Co., Ltd IN74HC4094A Datasheet HTML 2Page - IK Semicon Co., Ltd IN74HC4094A Datasheet HTML 3Page - IK Semicon Co., Ltd IN74HC4094A Datasheet HTML 4Page - IK Semicon Co., Ltd IN74HC4094A Datasheet HTML 5Page - IK Semicon Co., Ltd IN74HC4094A Datasheet HTML 6Page - IK Semicon Co., Ltd IN74HC4094A Datasheet HTML 7Page - IK Semicon Co., Ltd IN74HC4094A Datasheet HTML 8Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
IN74HC4094A
Rev. 00
AC ELECTRICAL CHARACTERISTICS (CL=50pF,Input tr=tf=6.0 ns)
VCC
Guaranteed Limit
Symbol
Parameter
V
25
°C
to
-55
°C
≤85°C
≤125°C
Unit
fmax
Maximum Clock Frequency (50% Duty Cycle)
(Figures 1 and 5)
2.0
4.5
6.0
6
30
35
5
25
28
4
20
23
MHz
tPLH, tPHL
Maximum Propagation Delay, Clock to SQH
(Figures 1 and 5)
2.0
4.5
6.0
150
30
26
190
38
33
225
45
38
ns
tPLH, tPHL
Maximum Propagation Delay, Clock to QA-QH
(Figures 2 and 5)
2.0
4.5
6.0
195
40
33
245
50
42
295
60
50
ns
tPLZ, tPHZ
Maximum Propagation Delay ,Output Enable to
QA-QH (Figures 3 and 6)
2.0
4.5
6.0
125
25
21
155
31
26
190
38
32
ns
tPZL, tPZH
Maximum Propagation Delay ,Output Enable to
QA-QH (Figures 3 and 6)
2.0
4.5
6.0
175
35
30
220
44
37
265
53
45
ns
CIN
Maximum Input Capacitance
-
10
10
10
pF
COUT
Maximum Three-State Output Capacitance
(Output in High-Impedance State), QA-QH
-
15
15
15
pF
Power Dissipation Capacitance (Per Package)
Typical @25
°C,V
CC=5.0 V
CPD
Used to determine the no-load dynamic power
consumption: PD=CPDVCC
2f+I
CCVCC
300
pF
TIMING REQUIREMENTS(CL=50pF,Input tr=tf=6.0 ns)
VCC
Guaranteed Limit
Symbol
Parameter
V
25
°C to
-55
°C
≤85°C
≤125°C
Unit
tsu
Minimum Setup Time, Serial Data
Input A to Clock (Figure 4)
2.0
4.5
6.0
50
10
9.0
65
13
11
75
15
13
ns
th
Minimum Hold Time, Clock to Data
Input A (Figure 4)
2.0
4.5
6.0
3
3
3
3
3
3
3
3
3
ns
tw
Minimum Pulse Width, Strobe
(Figure 1)
2.0
4.5
6.0
80
16
14
100
20
17
120
24
20
ns
tr, tf
Maximum Input Rise and Fall Times
(Figure 1)
2.0
4.5
6.0
1000
500
400
1000
500
400
1000
500
400
ns


Similar Part No. - IN74HC4094A

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74HC4094 INTEGRAL-IN74HC4094 Datasheet
181Kb / 7P
   8-Bit Serial-Input Shift Register With Latched 3-State Outputs High-Performance Silicon-Gate CMOS
IN74HC4094D INTEGRAL-IN74HC4094D Datasheet
181Kb / 7P
   8-Bit Serial-Input Shift Register With Latched 3-State Outputs High-Performance Silicon-Gate CMOS
IN74HC4094N INTEGRAL-IN74HC4094N Datasheet
181Kb / 7P
   8-Bit Serial-Input Shift Register With Latched 3-State Outputs High-Performance Silicon-Gate CMOS
More results

Similar Description - IN74HC4094A

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74HC4094 INTEGRAL-IN74HC4094 Datasheet
181Kb / 7P
   8-Bit Serial-Input Shift Register With Latched 3-State Outputs High-Performance Silicon-Gate CMOS
logo
System Logic Semiconduc...
SL74HC4094 SLS-SL74HC4094 Datasheet
315Kb / 7P
   8-Bit Serial-Input Shift Register With Latched 3-State Outputs(High-Performance Silicon-Gate CMOS)
logo
KODENSHI_AUK CORP.
KK74HC4094A KODENSHI-KK74HC4094A Datasheet
312Kb / 8P
   8-Bit Serial-Input Shift Register With Latched 3-State Outputs High-Performance Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74HC595A IKSEMICON-IN74HC595A Datasheet
199Kb / 10P
   8-Bit Serial-Input/Serial or Parallel-Output Shift Register with Latched 3-State Outputs High-Performance Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74HC595A KODENSHI-KK74HC595A Datasheet
319Kb / 10P
   8-Bit Serial-Input/Serial or Parallel-Output Shift Register with Latched 3-State Outputs High-Performance Silicon-Gate CMOS
logo
ON Semiconductor
MC74HC595A ONSEMI-MC74HC595A Datasheet
248Kb / 12P
   8-Bit Serial-Input/Serial or Parallel-Output Shift Register with Latched 3-State Outputs
March, 2000 ??Rev. 8
MC74HC595ADTG ONSEMI-MC74HC595ADTG Datasheet
158Kb / 12P
   8-Bit Serial-Input/Serial or Parallel-Output Shift Register with Latched 3-State Outputs
July, 2013 ??Rev. 15
logo
System Logic Semiconduc...
SL74HC595 SLS-SL74HC595 Datasheet
81Kb / 10P
   8-Bit Serial-Input/Serial or Parallel-Output Shift Register with Latched 3-State Outputs
logo
Integral Corp.
IN74HC595A INTEGRAL-IN74HC595A Datasheet
156Kb / 9P
   8-Bit Serial-Input/Serial or Parallel-Output Shift Register with Latched 3-State Outputs
logo
ON Semiconductor
MC74HC595A ONSEMI-MC74HC595A_05 Datasheet
124Kb / 12P
   8-Bit Serial-Input/Serial or Parallel-Output Shift Register with Latched 3-State Outputs High?뭁erformance Silicon?묰ate CMOS
April, 2005 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com