Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DPD5011C1 Datasheet(PDF) 1 Page - Adam Technologies, Inc.

Part # DPD5011C1
Description  D-SUBMINIATURE DUAL PORT, STACKED, RIGHT ANGLE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAM-TECH [Adam Technologies, Inc.]
Direct Link  http://www.adam-tech.com
Logo ADAM-TECH - Adam Technologies, Inc.

DPD5011C1 Datasheet(HTML) 1 Page - Adam Technologies, Inc.

  DPD5011C1 Datasheet HTML 1Page - Adam Technologies, Inc. DPD5011C1 Datasheet HTML 2Page - Adam Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Adam Technologies, Inc.
909 Rahway Avenue Union, New Jersey 07083 T: 908-687-5000 F: 908-687-5710 WWW.ADAM-TECH.COM
98
INTRODUCTION:
Adam Tech Dual Port D-Sub connectors are a popular space saving
interface for many I/O applications. Offered in 9, 15, 25, 37 and 50
positions they are a good choice for a low cost industry standard
connection and are ideal for PCB space saving applications. These
connectors are manufactured with precision stamped contacts and
are available in a number of connector combinations including same
and mixed gender, mixed density and mixed interface. Options
include a choice of contact plating and a variety of mating, mounting
and grounding options.
FEATURES:
Stacked space saving design
Industry standard compatibility
Durable metal shell design
Precision formed contacts
Variety of Mating and mounting options
MATING CONNECTORS:
Adam Tech D-Subminiatures and all industry standard
D-Subminiature connectors.
SPECIFICATIONS:
Material:
Insulator: PBT, 30% glass reinforced, rated UL94V-0
Insulator Color: Black
Contacts: Phosphor Bronze
Shell: Steel, Tin or Zinc plated
Hardware: Brass, Nickel plated
Contact Plating:
Gold Flash (15 and 30 µin Optional) over Nickel underplate overall.
Electrical:
Operating voltage: 250V AC / DC max.
Current rating: 5 Amps max.
Contact resistance: 20 m
Ω max. initial
Insulation resistance: 5000 M
Ω min.
Dielectric withstanding voltage: 1000V AC for 1 minute
Mechanical:
Insertion force: 0.75 lbs max
Extraction force: 0.44 lbs min
Temperature Rating:
Operating temperature: -65°C to +125°C
PACKAGING:
Anti-ESD plastic trays
APPROVALS AND CERTIFICATIONS:
UL Recognized File No. E224053
CSA Certified File No. LR1578596
D-SUBMINIATURE
DUAL PORT, STACKED, RIGHT ANGLE
DDP SERIES
OPTIONS:
Add designator(s) to end of part number
15 = 15 µin gold plating in contact area
30 = 30 µin gold plating in contact area
JS = #4-40 Jackscrews installed
R = Rear boardlocks only
F = Four prong board lock
ORDERING INFORMATION
25
10
3
SERIES
INDICATOR
DPD = Stacked,
Dual Port
D-Sub
POSITIONS
09 = 9 Position
15 = 15 Position
25 = 25 Position
37 = 37 Position
50 = 50 Position
X/X = Mixed positions
customer specified
PORT SPACING
A = .900" (Dim. "E")
B = .750" (Dim. "E")
C = .625" (Dim. "E")
BOARD
MOUNTING
OPTIONS
1 = Through
holes only
2 = #4-40
threaded
holes
3 = Forked board
locks
TOP / BOTTOM GENDER
10 = Plug top, receptacle bottom
11 = Plug top and bottom
01 = Receptacle top, plug bottom
00 = Receptacle top and bottom
DPD
B
®
®
V
D E
UL
®
RoHS
COMPLIANT
2002 / 95 / EC
2002 / 95 / EC
Pb
RoHS
COMPLIANT


Similar Part No. - DPD5011C1

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
DPD-09-00-C3 ADAM-TECH-DPD-09-00-C3 Datasheet
86Kb / 1P
   DUAL PORT D-SUB
DPD-09-10-X3 ADAM-TECH-DPD-09-10-X3 Datasheet
136Kb / 1P
   DUAL PORT D-SUB
DPD-09-10-X3-JS ADAM-TECH-DPD-09-10-X3-JS Datasheet
138Kb / 1P
   DUAL PORT D-SUB
DPD-09-1X-B3 ADAM-TECH-DPD-09-1X-B3 Datasheet
83Kb / 1P
   DUAL PORT D-SUB
DPD-09-25-00-B3 ADAM-TECH-DPD-09-25-00-B3 Datasheet
91Kb / 1P
   DUAL PORT D-SUB
More results

Similar Description - DPD5011C1

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
DPD-XX-11-A3-JS ADAM-TECH-DPD-XX-11-A3-JS Datasheet
113Kb / 1P
   DUAL PORT D-SUB RIGHT ANGLE
DPD-XX-11-C3 ADAM-TECH-DPD-XX-11-C3 Datasheet
112Kb / 1P
   DUAL PORT D-SUB RIGHT ANGLE
DPD-XX-11-C3-JS ADAM-TECH-DPD-XX-11-C3-JS Datasheet
113Kb / 1P
   DUAL PORT D-SUB RIGHT ANGLE
DPD-XX-11-X1 ADAM-TECH-DPD-XX-11-X1 Datasheet
114Kb / 1P
   DUAL PORT D-SUB RIGHT ANGLE
DPD-XX-11-X2-JS ADAM-TECH-DPD-XX-11-X2-JS Datasheet
115Kb / 1P
   DUAL PORT D-SUB RIGHT ANGLE
DPD-XX-11-A1-JS ADAM-TECH-DPD-XX-11-A1-JS Datasheet
112Kb / 1P
   DUAL PORT D-SUB RIGHT ANGLE
DPD-XX-11-B2 ADAM-TECH-DPD-XX-11-B2 Datasheet
120Kb / 1P
   DUAL PORT D-SUB RIGHT ANGLE
DPD-XX-11-C1-JS ADAM-TECH-DPD-XX-11-C1-JS Datasheet
112Kb / 1P
   DUAL PORT D-SUB RIGHT ANGLE
DPD-XX-11-X3 ADAM-TECH-DPD-XX-11-X3 Datasheet
115Kb / 1P
   DUAL PORT D-SUB RIGHT ANGLE
DPD-25-0X-B3 ADAM-TECH-DPD-25-0X-B3 Datasheet
117Kb / 1P
   DUAL PORT D-SUB RIGHT ANGLE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com