Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IN74HC4060A Datasheet(PDF) 3 Page - IK Semicon Co., Ltd

Part # IN74HC4060A
Description  14 STAGE BINARY COUNTER/OSCILLATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IN74HC4060A Datasheet(HTML) 3 Page - IK Semicon Co., Ltd

  IN74HC4060A Datasheet HTML 1Page - IK Semicon Co., Ltd IN74HC4060A Datasheet HTML 2Page - IK Semicon Co., Ltd IN74HC4060A Datasheet HTML 3Page - IK Semicon Co., Ltd IN74HC4060A Datasheet HTML 4Page - IK Semicon Co., Ltd IN74HC4060A Datasheet HTML 5Page - IK Semicon Co., Ltd IN74HC4060A Datasheet HTML 6Page - IK Semicon Co., Ltd IN74HC4060A Datasheet HTML 7Page - IK Semicon Co., Ltd IN74HC4060A Datasheet HTML 8Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
IN74HC4060A
Rev. 00
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VСС
Supply Voltage
-0.5 to +7
V
VI
DC Input Voltage
-0.5 to VCC + 0.5
V
VO
DC Output Voltage
-0.5 to VCC + 0.5
V
IIK
DC Input Diode Current
± 20
mA
IOK
DC Output Diode Current
± 20
mA
IO
DC Output Current
± 25
mA
ICC or IGND
DC VCC or Ground Current
± 50
mA
Tstg
Storage Temperature
-65 to +150
°C
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation
under these conditions is not implied
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Value
Unit
VСС
Supply Voltage
2 to 6
V
VI
Input Voltage
0 to VCC
V
VO
Output Voltage
0 to VCC
V
TOP
Operating Temperature
-55 to +125
°C
VCC = 2.0 V
0 to 1000
ns
VCC = 4.5 V
0 to 500
ns
tr, tf
Input Rise and Fall Time
VCC = 6.0 V
0 to 400
ns


Similar Part No. - IN74HC4060A

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74HC4060A INTEGRAL-IN74HC4060A Datasheet
356Kb / 8P
   14 STAGE BINARY COUNTER/OSCILLATOR
IN74HC4060ADW INTEGRAL-IN74HC4060ADW Datasheet
356Kb / 8P
   14 STAGE BINARY COUNTER/OSCILLATOR
IN74HC4060AN INTEGRAL-IN74HC4060AN Datasheet
356Kb / 8P
   14 STAGE BINARY COUNTER/OSCILLATOR
More results

Similar Description - IN74HC4060A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC4060RM13TR STMICROELECTRONICS-M74HC4060RM13TR Datasheet
564Kb / 16P
   14-stage binary counter/oscillator
M74HC4060TTR STMICROELECTRONICS-M74HC4060TTR Datasheet
564Kb / 16P
   14-stage binary counter/oscillator
logo
KODENSHI_AUK CORP.
KK74HC4060A KODENSHI-KK74HC4060A Datasheet
372Kb / 8P
   14 STAGE BINARY COUNTER/OSCILLATOR
logo
STMicroelectronics
M54HC4060 STMICROELECTRONICS-M54HC4060 Datasheet
257Kb / 12P
   14 STAGE BINARY COUNTER/OSCILLATOR
logo
Integral Corp.
IN74HC4060A INTEGRAL-IN74HC4060A Datasheet
356Kb / 8P
   14 STAGE BINARY COUNTER/OSCILLATOR
logo
Fairchild Semiconductor
MM74HC4020 FAIRCHILD-MM74HC4020 Datasheet
98Kb / 9P
   14-Stage Binary Counter 12-Stage Binary Counter
logo
Renesas Technology Corp
HD74HC4060 RENESAS-HD74HC4060 Datasheet
89Kb / 7P
   14-stage Binary Counter
logo
NXP Semiconductors
74HC4060 PHILIPS-74HC4060 Datasheet
90Kb / 12P
   14-stage binary ripple counter with oscillator
December 1990
logo
STMicroelectronics
M54HC4060 STMICROELECTRONICS-M54HC4060_04 Datasheet
380Kb / 12P
   RAD-HARD 14 STAGE BINARY COUNTER/OSCILLATOR
logo
Texas Instruments
8409901RX TI1-8409901RX Datasheet
122Kb / 7P
[Old version datasheet]   14-STAGE ASYNCHRONOUS BINARY COUNTER AND OSCILLATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com