Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IW4020B Datasheet(PDF) 3 Page - IK Semicon Co., Ltd

Part # IW4020B
Description  14 Stage Ripple-Carry Binary Counter/Divider High-Voltage Silicon-Gate CMOS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IW4020B Datasheet(HTML) 3 Page - IK Semicon Co., Ltd

  IW4020B Datasheet HTML 1Page - IK Semicon Co., Ltd IW4020B Datasheet HTML 2Page - IK Semicon Co., Ltd IW4020B Datasheet HTML 3Page - IK Semicon Co., Ltd IW4020B Datasheet HTML 4Page - IK Semicon Co., Ltd IW4020B Datasheet HTML 5Page - IK Semicon Co., Ltd IW4020B Datasheet HTML 6Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
IW4020B
Rev. 00
DC ELECTRICAL CHARACTERISTICS (Voltages Referenced to GND)
VCC
Guaranteed Limit
Symbol
Parameter
Test Conditions
V
-55
°C
25
°C
125
°
C
Unit
VIH
Minimum High-Level
Input Voltage
VOUT=0.5 V or VCC - 0.5 V
VOUT=1.0 V or VCC - 1.0 V
VOUT=1.5 V or VCC - 1.5 V
5.0
10
15
3.5
7.0
11.0
3.5
7.0
11.0
3.5
7.0
11.0
V
VIL
Maximum Low -Level
Input Voltage
VOUT=0.5 V or VCC - 0.5 V
VOUT=1.0 V or VCC - 1.0 V
VOUT=1.5 V or VCC - 1.5 V
5.0
10
15
1.5
3.0
4.0
1.5
3.0
4.0
1.5
3.0
4.0
V
VOH
Minimum High-Level
Output Voltage
VIN= GND or VCC
5.0
10
15
4.95
9.95
14.95
4.95
9.95
14.95
4.95
9.95
14.95
V
VOL
Maximum Low-Level
Output Voltage
VIN= GND or VCC
5.0
10
15
0.05
0.05
0.05
0.05
0.05
0.05
0.05
0.05
0.05
V
IIN
Maximum Input Leakage
Current
VIN= GND or VCC
18
±0.1
±0.1
±1.0
μA
ICC
Maximum Quiescent
Supply Current
(per Package)
VIN= GND or VCC
5.0
10
15
20
5
10
20
100
5
10
20
100
150
300
600
3000
μA
IOL
Minimum Output Low
(Sink) Current
VIN= GND or VCC
UOL=0.4 V
UOL=0.5 V
UOL=1.5 V
5.0
10
15
0.64
1.6
4.2
0.51
1.3
3.4
0.36
0.9
2.4
mA
IOH
Minimum Output High
(Source) Current
VIN= GND or VCC
UOH=2.5 V
UOH=4.6 V
UOH=9.5 V
UOH=13.5 V
5.0
5.0
10
15
-2.0
-0.64
-1.6
-4.2
-1.6
-0.51
-1.3
-3.4
-1.15
-0.36
-0.9
-2.4
mA


Similar Part No. - IW4020B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IW4020B ETC1-IW4020B Datasheet
309Kb / 6P
   14 Stage Ripple-Carry Binary Counter/Divider
logo
Estek Electronics Co. L...
IW4020B ESTEK-IW4020B Datasheet
151Kb / 6P
   ripple-carry binary counter
logo
List of Unclassifed Man...
IW4020BD ETC1-IW4020BD Datasheet
309Kb / 6P
   14 Stage Ripple-Carry Binary Counter/Divider
IW4020BN ETC1-IW4020BN Datasheet
309Kb / 6P
   14 Stage Ripple-Carry Binary Counter/Divider
More results

Similar Description - IW4020B

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK4020B KODENSHI-KK4020B Datasheet
326Kb / 6P
   14 Stage Ripple-Carry Binary Counter/Divider High-Voltage Silicon-Gate CMOS
logo
Unisonic Technologies
UCD4060B UTC-UCD4060B_15 Datasheet
241Kb / 9P
   CMOS 14-Stage Ripple-Carry Binary Counter/Divider
logo
System Logic Semiconduc...
SL4020B SLS-SL4020B Datasheet
59Kb / 6P
   14 Stage Ripple-Carry Binary Counter/Divider
logo
IK Semicon Co., Ltd
IW4060B IKSEMICON-IW4060B Datasheet
212Kb / 6P
   14-Stage Ripple-Carry Binary Counter/Divider and Oscillator High-Voltage Silicon-Gate CMOS
IW4024B IKSEMICON-IW4024B Datasheet
219Kb / 7P
   7 Stage Ripple-Carry Binary Counter/Divider High-Voltage Silicon-Gate CMOS
logo
Integral Corp.
IW4060B INTEGRAL-IW4060B Datasheet
198Kb / 5P
   14-Stage Ripple-Carry Binary Counter/Divider and Oscillator High-Voltage Silicon-Gate CMOS
logo
List of Unclassifed Man...
IW4020B ETC1-IW4020B Datasheet
309Kb / 6P
   14 Stage Ripple-Carry Binary Counter/Divider
logo
KODENSHI_AUK CORP.
KK4060B KODENSHI-KK4060B Datasheet
313Kb / 6P
   14-Stage Ripple-Carry Binary Counter/Divider and Oscillator High-Voltage Silicon-Gate CMOS
KK4024B KODENSHI-KK4024B Datasheet
340Kb / 7P
   7 Stage Ripple-Carry Binary Counter/Divider High-Voltage Silicon-Gate CMOS
logo
Intersil Corporation
CD4060BMS INTERSIL-CD4060BMS Datasheet
91Kb / 9P
   CMOS 14 Stage Ripple-Carry Binary Counter/Divider and Oscillator
December 1992
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com