Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA15PE2R Datasheet(PDF) 2 Page - Adam Technologies, Inc.

Part # DA15PE2R
Description  D-SUBMINIATURE STRAIGHT & WIRE WRAP PCB TAIL
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAM-TECH [Adam Technologies, Inc.]
Direct Link  http://www.adam-tech.com
Logo ADAM-TECH - Adam Technologies, Inc.

DA15PE2R Datasheet(HTML) 2 Page - Adam Technologies, Inc.

  DA15PE2R Datasheet HTML 1Page - Adam Technologies, Inc. DA15PE2R Datasheet HTML 2Page - Adam Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Adam Technologies, Inc.
909 Rahway Avenue Union, New Jersey 07083 T: 908-687-5000 F: 908-687-5710 WWW.ADAM-TECH.COM
79
Recommended PCB Layout
D-SUBMINIATURE
STRAIGHT & WIRE WRAP PCB TAIL
DPT & DST SERIES
#4-40 THREAD
2X
.236 [6.0]
#4-40 THREAD
2X
.157 [4.0]
#4-40 THREAD
2X
.157 [4.0]
.112 [2.84]
.1
09[2
.77]
ø.039 [ø1
.0 ]
ø.118
[ø3.0 ]
2
X
B
.311
[7.
90
]
.329
[8.
36]
2
X
ø.1
1
8
[3.0 ]
.494
[12
.5 5]
C
B
A
.109
[2
.77]
.112
[2.
84]
E
.2
32
[5.9]
.031
[0.8
]
.421
[10
.70 ]
.433
[11
.0]
.433
[11
.0]
2
X
ø.1
1
8
[3.0 ]
.494
[12
.5 5]
.112
[2.
84]
.421
[10
.70 ]
E
.2
32
[5.9]
.031
[0.8
]
.109
[2
.77]
C
B
A
D
D
PLUG
MOUNTING OPTIONS
SOCKET
.112
[2.84]
.109
[2.77]
ø.039[ ø1
.0]
B
ø.118
[3.0]
BLOPTION
.2
2
8
[5.8]
THREAD
.1
57
[4
.0]
.51 2
[1
3.00]
#4
-4
0
THREAD
#4
-4
0
SL OPTION
JS OPTION
.2
36
[6.0]
THREAD
#4
-4
0
BL Option
#4-40 Threaded Boardlocks
Wire Wrap Tail Option
1.541 [39.14]
1.312 [33.32]
15
.994 [25.25]
2.500 [63.50]
1.852 [47.04]
37
25
2.182 [55.43]
1.534 [38.96]
2.729 [69.32]
2.088 [53.04]
.984 [24.99]
DIMENSIONS
Positions
9
.666 [16.92]
A
C
1.213 [30.81]
B
1.091 [27.70]
2.256 [57.30]
1.618 [41.10]
D
.756 [19.20]
.971 [24.66]
2.159 [54.84]
1.511 [38.38]
.643 [16.33]
A
PLUG
SOCKET
2.406 [61.11]
50
2.079 [52.81]
2.637 [67.00]
2.169 [55.10]
2.064 [52.43]
Unit: Inch [mm]
SL Option
Bottom side riveted #4-40
Clinch Nuts
JS Option
Top side riveted #4-40
Jack Screws
Terminal length -2
wire wrap tail
*E = .189" or .512"
*E = .189" or .512"


Similar Part No. - DA15PE2R

ManufacturerPart #DatasheetDescription
logo
Protek Devices
DA15P PROTEC-DA15P Datasheet
124Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
DA15P PROTEC-DA15P Datasheet
76Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
DA15P PROTEC-DA15P Datasheet
568Kb / 5P
   High powered multi-line tvs array
DA15P PROTEC-DA15P Datasheet
394Kb / 5P
   HIGH POWERED MULTI-LINE TVS ARRAY
logo
ITT Industries
DA15P-0L2-K87 ITT-DA15P-0L2-K87 Datasheet
9Mb / 301P
   D Subminiature Connectors
More results

Similar Description - DA15PE2R

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
DB25-PE-1 ADAM-TECH-DB25-PE-1 Datasheet
121Kb / 1P
   D-SUBMINIATURE HIGH PROFILE STRAIGHT PCB TAIL
DB25SAM2 ADAM-TECH-DB25SAM2 Datasheet
257Kb / 2P
   D-SUBMINIATURE FLUSH MOUNT STRAIGHT PCB TAIL
DXXX-ST-2-SL ADAM-TECH-DXXX-ST-2-SL Datasheet
141Kb / 1P
   D-SUB SOCKET WIRE WRAP TAIL
DXXX-ST-2-JS ADAM-TECH-DXXX-ST-2-JS Datasheet
122Kb / 1P
   D-SUB SOCKET WIRE WRAP TAIL
logo
Precid-Dip Durtal SA
460-10-216-00-001 PREDIP-460-10-216-00-001 Datasheet
70Kb / 1P
   PCB Header Strips Single row / double row Wire-wrap / solder tail
logo
Adam Technologies, Inc.
DXXX-PT-2-BL-EMI ADAM-TECH-DXXX-PT-2-BL-EMI Datasheet
90Kb / 1P
   D-SUB MALE STRAIGHT EMI WIRE WRAP TAILS
logo
Precid-Dip Durtal SA
423-91-216-41-001 PREDIP-423-91-216-41-001 Datasheet
63Kb / 1P
   PCB connectors 2.54 mm Single row / double row / wire-wrap 1/2/3/4 level / wire-wrap solder tail
803-91-016-10-004 PREDIP-803-91-016-10-004 Datasheet
57Kb / 1P
   PCB connectors 2.54 mm Single row / double row Wire-wrap / solder tail
logo
Aries Electronics, Inc.
503 ARIES-503 Datasheet
658Kb / 1P
   Available with Solder Tail or Wire Wrap Pins
logo
ITT Industries
PCB-D ITT-PCB-D Datasheet
65Kb / 1P
   D Subminiature Straight
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com