Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IW4511B Datasheet(PDF) 7 Page - IK Semicon Co., Ltd

Part # IW4511B
Description  CMOS BCD-to-7-Segment Latch Decoder Drivers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IW4511B Datasheet(HTML) 7 Page - IK Semicon Co., Ltd

  IW4511B Datasheet HTML 1Page - IK Semicon Co., Ltd IW4511B Datasheet HTML 2Page - IK Semicon Co., Ltd IW4511B Datasheet HTML 3Page - IK Semicon Co., Ltd IW4511B Datasheet HTML 4Page - IK Semicon Co., Ltd IW4511B Datasheet HTML 5Page - IK Semicon Co., Ltd IW4511B Datasheet HTML 6Page - IK Semicon Co., Ltd IW4511B Datasheet HTML 7Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
IW4511B
N SUFFIX PLASTIC DIP
(MS - 001BB)
Symbol
MIN
MAX
A
18.67
19.69
B
6.1
7.11
C
5.33
D
0.36
0.56
F
1.14
1.78
G
H
J
0
°
10
°
K
2.92
3.81
NOTES:
L
7.62
8.26
1. Dimensions “A”, “B” do not include mold flash or protrusions.
M
0.2
0.36
Maximum mold flash or protrusions 0.25 mm (0.010) per side.
N
0.38
D SUFFIX SOIC
(MS - 012AC)
Symbol
MIN
MAX
A
9.8
10
B
3.8
4
C
1.35
1.75
D
0.33
0.51
F
0.4
1.27
G
H
J
0
°
8
°
NOTES:
K
0.1
0.25
1. Dimensions A and B do not include mold flash or protrusion.
M
0.19
0.25
2. Maximum mold flash or protrusion 0.15 mm (0.006) per side
P
5.8
6.2
for A; for B ‑ 0.25 mm (0.010) per side.
R
0.25
0.5
5.72
2.54
7.62
1.27
Dimension, mm
Dimension, mm
A
B
H
C
K
C M
J
F
M
P
G
D
R x 45
SEATING
PLANE
0.25 (0.010) M T
-T-
1
16
8
9
L
H
M
J
A
B
F
G
D
SEATING
PLANE
N
K
0.25 (0.010) M T
-T-
C
1
16
8
9
Rev. 00


Similar Part No. - IW4511B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IW4516 ETC-IW4516 Datasheet
284Kb / 6P
   Presettable Up/Down Counter High-Voltage Silicon-Gate CMOS
IW4516B ETC-IW4516B Datasheet
284Kb / 6P
   Presettable Up/Down Counter High-Voltage Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IW4516B IKSEMICON-IW4516B Datasheet
313Kb / 7P
   Presettable Up/Down Counter High-Voltage Silicon-Gate CMOS
logo
List of Unclassifed Man...
IW4516BD ETC-IW4516BD Datasheet
284Kb / 6P
   Presettable Up/Down Counter High-Voltage Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IW4516BD IKSEMICON-IW4516BD Datasheet
313Kb / 7P
   Presettable Up/Down Counter High-Voltage Silicon-Gate CMOS
More results

Similar Description - IW4511B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4511B TI-CD4511B Datasheet
253Kb / 6P
[Old version datasheet]   CMOS BCD-TO-7-SEGMENT LATCH DECODER DRIVERS
logo
KODENSHI_AUK CORP.
KK4511B KODENSHI-KK4511B Datasheet
324Kb / 7P
   CMOS BCD-to-7-Segment Latch Decoder Drivers
logo
Intersil Corporation
CD4511BMS INTERSIL-CD4511BMS Datasheet
134Kb / 11P
   CMOS BCD-to-7-Segment Latch Decoder Drivers
December 1992
logo
Texas Instruments
CD4511B TI1-CD4511B_17 Datasheet
1Mb / 15P
[Old version datasheet]   CMOS BCD-to-7-Segment Latch Decoder Drivers
CD4511BF TI-CD4511BF Datasheet
1Mb / 15P
[Old version datasheet]   CMOS BCD-to-7 Segment Latch Decoder Drivers
CD54HC4511 TI-CD54HC4511 Datasheet
428Kb / 17P
[Old version datasheet]   BCD-TO-7 SEGMENT LATCH/DECODER/DRIVERS
logo
NXP Semiconductors
HEF4511B PHILIPS-HEF4511B Datasheet
108Kb / 11P
   BCD to 7-segment latch/decoder/driver
January 1995
logo
STMicroelectronics
M54HC4511 STMICROELECTRONICS-M54HC4511 Datasheet
269Kb / 13P
   BCD TO 7 SEGMENT LATCH/DECODER DRIVER
logo
Fairchild Semiconductor
CD4511BC FAIRCHILD-CD4511BC Datasheet
65Kb / 8P
   BCD-to-7 Segment Latch/Decoder/Driver
logo
National Semiconductor ...
MM74HC4511 NSC-MM74HC4511 Datasheet
140Kb / 6P
   BCD-to-7 Segment Latch/Decoder/Driver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com