Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV857X Datasheet(PDF) 1 Page - Supertex, Inc

Part # HV857X
Description  High Voltage EL Lamp Driver for Low Noise Applications
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV857X Datasheet(HTML) 1 Page - Supertex, Inc

  HV857X Datasheet HTML 1Page - Supertex, Inc HV857X Datasheet HTML 2Page - Supertex, Inc HV857X Datasheet HTML 3Page - Supertex, Inc HV857X Datasheet HTML 4Page - Supertex, Inc HV857X Datasheet HTML 5Page - Supertex, Inc HV857X Datasheet HTML 6Page - Supertex, Inc HV857X Datasheet HTML 7Page - Supertex, Inc HV857X Datasheet HTML 8Page - Supertex, Inc HV857X Datasheet HTML 9Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
HV857
11/14/01
Supertex Inc. does not recommend the use of its products in life support applications and will not knowingly sell its products for use in such applications unless it receives an adequate "products liability
indemnification insurance agreement." Supertex does not assume responsibility for use of devices described and limits its liability to the replacement of devices determined to be defective due to
workmanship. No responsibility is assumed for possible omissions or inaccuracies. Circuitry and specifications are subject to change without notice. For the latest product specifications, refer to the
Supertex website: http://www.supertex.com. For complete liability information on all Supertex products, refer to the most current databook or to the Legal/Disclaimer page on the Supertex website.
HV857
High Voltage EL Lamp Driver for
Low Noise Applications
Features
❏ Patent pending audible noise reduction
❏ Patent pending lamp aging compensation
❏ 190V
PP output voltage for higher brightness
❏ Patented output timing for high efficiency
❏ Single cell lithium ion compatible
❏ 150nA shutdown current
❏ Wide input voltage range 1.8V to 5.0V
❏ Separately adjustable lamp and converter frequencies
❏ Output voltage regulation
❏ Split supply capability
Applications
❏ LCD backlighting
❏ Mobile cellular phones
❏ PDAs
❏ Handheld wireless communication products
❏ Global Positioning Systems (GPS)
General Description
The Supertex HV857 is a high voltage driver designed for driving
Electroluminescent (EL) lamps of up to 5 square inches. The
input supply voltage range is from 1.8V to 5.0V. The device uses
a single inductor and a minimum number of passive components.
The nominal regulated output voltage that is applied to the EL
lamp is
±95V. The chip can be enabled/disabled by connecting
the resistor on R
sw-osc to VDD/ground.
The HV857 has two internal oscillators, a switching MOSFET,
and a high voltage EL lamp driver. The frequency for the
switching MOSFET is set by an external resistor connected
between the R
sw-osc pin and the supply pin VDD. The EL lamp
driver frequency is set by an external resistor connected be-
tween R
EL-osc pin and the VDD pin. An external inductor is
connected between the L
X and VDD pins or VIN for split supply
applications. A 0.003-0.1µF capacitor is connected between Cs
and ground. The EL lamp is connected between V
A and VB.
The switching MOSFET charges the external inductor and
discharges it into the capacitor at C
s. The voltage at Cs will start
to increase. Once the voltage at C
s reaches a nominal value of
95V, the switching MOSFET is turned OFF to conserve power.
The outputs V
A and VB are configured as an H bridge and are
switching in opposite states to achieve
±95V across the EL lamp.
Typical Application
EL Lamp
+
_
CS
1
2
3
4
8
6
5
HV857MG
7
VDD=VIN
VDD
RSW-osc
REL-osc
Gnd
LX
CS
VB
VA
LX
CIN
Regulated Voltage=VDD
Enable Signal
ON=VDD
OFF=0


Similar Part No. - HV857X

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV857 SUTEX-HV857 Datasheet
552Kb / 9P
   Low Noise, High Voltage EL Lamp Driver IC
HV857DB1 SUTEX-HV857DB1 Datasheet
437Kb / 2P
   EL Lamp Driver
HV857K7-G SUTEX-HV857K7-G Datasheet
552Kb / 9P
   Low Noise, High Voltage EL Lamp Driver IC
HV857K7-G SUTEX-HV857K7-G Datasheet
931Kb / 9P
   Low Noise, High Voltage EL Lamp Driver IC
HV857L SUTEX-HV857L Datasheet
704Kb / 8P
   Low Noise, High Voltage EL Lamp Driver IC
More results

Similar Description - HV857X

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV859 SUTEX-HV859 Datasheet
269Kb / 6P
   High Voltage EL Lamp Driver for Low Noise Applications
HV859 SUTEX-HV859_13 Datasheet
858Kb / 8P
   High Voltage EL Lamp Driver for Low Noise Applications
HV850MG-G SUTEX-HV850MG-G Datasheet
665Kb / 8P
   High Voltage, Low Noise, Inductorless EL Lamp Driver
HV857L SUTEX-HV857L_13 Datasheet
883Kb / 8P
   Low Noise, High Voltage EL Lamp Driver IC
HV852 SUTEX-HV852 Datasheet
465Kb / 6P
   High Voltage, Low Noise, Inductorless EL Lamp Driver
HV850 SUTEX-HV850 Datasheet
248Kb / 6P
   High Voltage Low Noise Inductorless EL Lamp Driver
HV857 SUTEX-HV857_07 Datasheet
552Kb / 9P
   Low Noise, High Voltage EL Lamp Driver IC
HV857L SUTEX-HV857L Datasheet
704Kb / 8P
   Low Noise, High Voltage EL Lamp Driver IC
HV853 SUTEX-HV853 Datasheet
688Kb / 7P
   High Voltage, Low Noise, Inductorless EL Lamp Driver
HV852 SUTEX-HV852_07 Datasheet
701Kb / 7P
   High Voltage, Low Noise, Inductorless EL Lamp Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com