Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV9100 Datasheet(PDF) 3 Page - Supertex, Inc

Part # HV9100
Description  High-Voltage Switchmode Controllers with MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV9100 Datasheet(HTML) 3 Page - Supertex, Inc

  HV9100 Datasheet HTML 1Page - Supertex, Inc HV9100 Datasheet HTML 2Page - Supertex, Inc HV9100 Datasheet HTML 3Page - Supertex, Inc HV9100 Datasheet HTML 4Page - Supertex, Inc HV9100 Datasheet HTML 5Page - Supertex, Inc HV9100 Datasheet HTML 6Page - Supertex, Inc HV9100 Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
HV9100/HV9102/HV9103
Electrical Characteristics
(Continued)
(VDD = 10V, +VIN = 48V, Discharge = -VIN = 0V, RBIAS = 390KΩ, ROSC = 330KΩ,TA = 25°C, unless otherwise specified)
Symbol Parameters
Min
Typ
Max
Unit
Conditions
Pre-Regulator/Startup
+V
IN
Allowable Input Voltage
HV9100
70
V
I
IN = 10µA
HV9102/03
120
Input Leakage Current
10
µAV
DD > 9.4V
V
TH
V
DD Pre-regulator Turn-off
7.8
8.6
9.4
V
I
PREREG = 10µA
Threshold Voltage
V
LOCK
Undervoltage Lockout
7.0
8.1
8.9
V
R
L = 100Ω from Drain to VDD
Supply
I
DD
Supply Current
0.60
1.0
mA
0.55
mA
Shutdown = -VIN
I
BIAS
Bias Current
20
µA
V
DD
Operating Range
9.0
13.5
V
Logic
t
SD
Shutdown Delay Time1
50
100
ns
V
SOURCE = -VIN
tSW
Shutdown Pulse Width1
50
ns
t
RW
RESET Pulse Width1
50
ns
t
LW
Latching Pulse Width1
25
ns
VIL
Input Low Voltage
2.0
V
V
IH
Input High Voltage
7.0
V
I
IH
Input High Current
1.0
5.0
µAV
IN = 10V
I
IL
Input Low Current
-25
-35
µAV
IN = 0V
MOSFET Switch
BV
DSS
Breakdown Voltage
HV9100
150
V
V
SOURCE = Shutdown = 0V,
HV9102/03
200
I
D = 100µA,
T
A = -55°C to 125°C
R
DS(ON)
Drain-to-Source
HV9100
3.5
5.0
V
SOURCE = 0V, ID = 100mA
On-resistance
HV9102/03
7.0
I
DSS
OFF State Drain Leakage Current
10
µAV
SOURCE = Shutdown = 0V,
V
DRAIN = 100V
C
DS
Drain Capacitance
35
pF
V
DS = 25V, Shutdown = 0V
Truth Table
Shutdown
Reset
Output
H
H
Normal Operation
HH
→ L
Normal Operation, No Change
L
H
Off, Not Latched
L
L
Off, Latched
L
→ H
L
Off, Latched, No Change
Note:
1. Guaranteed by design. Not subject to production test.


Similar Part No. - HV9100

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9105 SUTEX-HV9105 Datasheet
320Kb / 7P
   High-Voltage Switchmode Controllers with MOSFET
HV9105P SUTEX-HV9105P Datasheet
320Kb / 7P
   High-Voltage Switchmode Controllers with MOSFET
HV9105PJ SUTEX-HV9105PJ Datasheet
320Kb / 7P
   High-Voltage Switchmode Controllers with MOSFET
HV9108 SUTEX-HV9108 Datasheet
320Kb / 7P
   High-Voltage Switchmode Controllers with MOSFET
HV9108P SUTEX-HV9108P Datasheet
320Kb / 7P
   High-Voltage Switchmode Controllers with MOSFET
More results

Similar Description - HV9100

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9105 SUTEX-HV9105 Datasheet
320Kb / 7P
   High-Voltage Switchmode Controllers with MOSFET
logo
Teledyne Technologies I...
TSC9110 TELEDYNE-TSC9110 Datasheet
457Kb / 7P
   high-voltage switchmode controllers
logo
Vishay Siliconix
SI9110 VISHAY-SI9110_V01 Datasheet
170Kb / 10P
   High-Voltage Switchmode Controllers
01-Jan-2022
SI9110 VISHAY-SI9110 Datasheet
107Kb / 8P
   High-Voltage Switchmode Controllers
Rev. H, 15-Nov-04
SI9110 VISHAY-SI9110_11 Datasheet
167Kb / 9P
   High-Voltage Switchmode Controllers
Rev. I, 16-May-11
SI9112 VISHAY-SI9112 Datasheet
71Kb / 6P
   High-Voltage Switchmode Controller
Rev. H, 15-Nov-04
SI9112 VISHAY-SI9112_V01 Datasheet
161Kb / 9P
   High-Voltage Switchmode Controller
01-Jan-2022
SI9104 VISHAY-SI9104 Datasheet
121Kb / 5P
   High-Voltage Switchmode Regulator
Rev. B, 16-Apr-01
SI9104 VISHAY-SI9104_V01 Datasheet
175Kb / 8P
   High-Voltage Switchmode Regulator
02-Oct-12
SI9102 VISHAY-SI9102_07 Datasheet
277Kb / 10P
   3-W High-Voltage Switchmode Regulator
Rev. H, 19-Mar-07
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com