Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IN74HC74A Datasheet(PDF) 3 Page - IK Semicon Co., Ltd

Part # IN74HC74A
Description  Dual D Flip-Flop with Set and Reset
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IN74HC74A Datasheet(HTML) 3 Page - IK Semicon Co., Ltd

  IN74HC74A Datasheet HTML 1Page - IK Semicon Co., Ltd IN74HC74A Datasheet HTML 2Page - IK Semicon Co., Ltd IN74HC74A Datasheet HTML 3Page - IK Semicon Co., Ltd IN74HC74A Datasheet HTML 4Page - IK Semicon Co., Ltd IN74HC74A Datasheet HTML 5Page - IK Semicon Co., Ltd IN74HC74A Datasheet HTML 6Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
IN74HC74A
DC ELECTRICAL CHARACTERISTICS (Voltages Referenced to GND)
VCC
Guaranteed Limit
Symbol
Parameter
Test Conditions
V
25
°C
to
-55
°C
≤85
°C
≤125
°C
Unit
VIH
Minimum High-
Level Input Voltage
VOUT=0.1 V or VCC-0.1 V
⎢I
OUT⎢≤ 20 µA
2.0
4.5
6.0
1.5
3.15
4.2
1.5
3.15
4.2
1.5
3.15
4.2
V
VIL
Maximum Low -
Level Input Voltage
VOUT=0.1 V or VCC-0.1 V
⎢I
OUT⎢ ≤ 20 µA
2.0
4.5
6.0
0.5
1.35
1.8
0.5
1.35
1.8
0.5
1.35
1.8
V
VOH
Minimum High-
Level Output Voltage
VIN=VIH or VIL
⎢I
OUT⎢ ≤ 20 µA
2.0
4.5
6.0
1.9
4.4
5.9
1.9
4.4
5.9
1.9
4.4
5.9
V
VIN=VIH or VIL
⎢I
OUT⎢ ≤ 4.0 mA
⎢I
OUT⎢ ≤ 5.2 mA
4.5
6.0
3.98
5.48
3.84
5.34
3.7
5.2
VOL
Maximum Low-
Level Output Voltage
VIN=VIH or VIL
⎢I
OUT⎢ ≤ 20 µA
2.0
4.5
6.0
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
V
VIN=VIH or VIL
⎢I
OUT⎢ ≤ 4.0 mA
⎢I
OUT⎢ ≤ 5.2 mA
4.5
6.0
0.26
0.26
0.33
0.33
0.4
0.4
IIN
Maximum Input
Leakage Current
VIN=VCC or GND
6.0
±0.1
±1.0
±1.0
µA
ICC
Maximum Quiescent
Supply Current
(per Package)
VIN=VCC or GND
IOUT=0µA
6.0
2.0
20
80
µA
Rev. 00


Similar Part No. - IN74HC74A

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74HC74AD INTEGRAL-IN74HC74AD Datasheet
100Kb / 5P
   Dual D Flip-Flop with Set and Reset High-Performance Silicon-Gate CMOS
IN74HC74AN INTEGRAL-IN74HC74AN Datasheet
100Kb / 5P
   Dual D Flip-Flop with Set and Reset High-Performance Silicon-Gate CMOS
More results

Similar Description - IN74HC74A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC74 TI1-CD54HC74_14 Datasheet
628Kb / 17P
[Old version datasheet]   Dual D Flip-Flop with Set and Reset
logo
KODENSHI_AUK CORP.
KK74VHC74 KODENSHI-KK74VHC74 Datasheet
311Kb / 7P
   DUAL D FLIP-FLOP WITH SET AND RESET
logo
IK Semicon Co., Ltd
IN74VHCT74 IKSEMICON-IN74VHCT74 Datasheet
290Kb / 7P
   Dual D Flip-Flop with Set and Reset
logo
ON Semiconductor
MC74HC74A ONSEMI-MC74HC74A Datasheet
187Kb / 8P
   Dual D Flip-Flop with Set and Reset
March, 2000 ??Rev. 8
logo
KODENSHI_AUK CORP.
KK74VHCT74 KODENSHI-KK74VHCT74 Datasheet
303Kb / 7P
   Dual D Flip-Flop with Set and Reset
logo
ON Semiconductor
MC74HC74A ONSEMI-MC74HC74A_11 Datasheet
150Kb / 9P
   Dual D Flip-Flop with Set and Reset
May, 2011 ??Rev. 12
logo
Integral Corp.
IN74VHC74 INTEGRAL-IN74VHC74 Datasheet
295Kb / 7P
   DUAL D FLIP-FLOP WITH SET AND RESET
logo
KODENSHI_AUK CORP.
KK74HC74A KODENSHI-KK74HC74A Datasheet
241Kb / 6P
   Dual D Flip-Flop with Set and Reset
logo
ON Semiconductor
MC74HCT74A ONSEMI-MC74HCT74A_14 Datasheet
103Kb / 5P
   Dual D Flip-Flop with Set and Reset
September, 2014 ??Rev. 12
MC74HC74A ONSEMI-MC74HC74A_14 Datasheet
116Kb / 7P
   Dual D Flip-Flop with Set and Reset
August, 2014 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com