Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6416FD18MR Datasheet(PDF) 4 Page - Torex Semiconductor

Part # XC6416FD18MR
Description  Dual LDO Voltage Regulator with ?쏥reenOperation?
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6416FD18MR Datasheet(HTML) 4 Page - Torex Semiconductor

  XC6416FD18MR Datasheet HTML 1Page - Torex Semiconductor XC6416FD18MR Datasheet HTML 2Page - Torex Semiconductor XC6416FD18MR Datasheet HTML 3Page - Torex Semiconductor XC6416FD18MR Datasheet HTML 4Page - Torex Semiconductor XC6416FD18MR Datasheet HTML 5Page - Torex Semiconductor XC6416FD18MR Datasheet HTML 6Page - Torex Semiconductor XC6416FD18MR Datasheet HTML 7Page - Torex Semiconductor XC6416FD18MR Datasheet HTML 8Page - Torex Semiconductor XC6416FD18MR Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
4/30
XC6416 Series
PARAMETER
SYMBOL
RATINGS
UNITS
Input Voltage
VIN
- 0.3 ~ + 6.5
V
Output Current
IOUT1+IOUT2
500
(*1)
mA
Output Voltage 1 / Output Voltage 2
VOUT1 /VOUT2
VSS - 0.3 VIN + 0.3
V
EN1 / EN2 Input Voltage
VEN1 /VEN2
VSS - 0.3 ~ + 6.5
V
120
USP-6C
1000 (PCB mounted)
(*2)
Power Dissipation
SOT-26
Pd
250
mW
Operating Temperature Range
Topr
- 40 ~ + 85
Storage Temperature Range
Tstg
- 55 ~ + 125
■BLOCK DIAGRAMS
■ABSOLUTE MAXIMUM RATINGS
* Diodes inside the circuits are ESD protection diodes and parasitic diodes.
Ta=25OC
< XC6416AA Series >
< XC6416CD Series >
*1) Please use within the range of Pd > { (VIN-VOUT1)×IOUT1 + (VIN-VOUT2)×IOUT2 }
*2) This power dissipation figure shown is PCB mounted and is for reference only. Please refer to page 29 for details.


Similar Part No. - XC6416FD18MR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6411 TOREX-XC6411 Datasheet
697Kb / 28P
   0.8uA Low Power Consumption Dual Voltage Regulator
XC6411P001EL TOREX-XC6411P001EL Datasheet
697Kb / 28P
   0.8uA Low Power Consumption Dual Voltage Regulator
XC6411P001ER TOREX-XC6411P001ER Datasheet
697Kb / 28P
   0.8uA Low Power Consumption Dual Voltage Regulator
XC6411P001ML TOREX-XC6411P001ML Datasheet
697Kb / 28P
   0.8uA Low Power Consumption Dual Voltage Regulator
XC6411P001MR TOREX-XC6411P001MR Datasheet
697Kb / 28P
   0.8uA Low Power Consumption Dual Voltage Regulator
More results

Similar Description - XC6416FD18MR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6220 TOREX-XC6220 Datasheet
530Kb / 30P
   1A LDO Voltage Regulator with ?쏥reenOperation?
XC6220B181MR-G TOREX-XC6220B181MR-G Datasheet
530Kb / 30P
   1A LDO Voltage Regulator with ?쏥reenOperation?
logo
Interpion semiconductor
IP1524 INTERPION-IP1524 Datasheet
226Kb / 12P
   DUAL OUTPUT VOLTAGE LDO REGULATOR
IP1525 INTERPION-IP1525 Datasheet
219Kb / 11P
   DUAL OUTPUT VOLTAGE LDO REGULATOR
logo
Seaward Electronics Inc...
SE5221 SEAWARD-SE5221 Datasheet
204Kb / 7P
   Dual 200mA CMOS LDO Voltage Regulator
logo
Richtek Technology Corp...
RT9012 RICHTEK-RT9012_11 Datasheet
316Kb / 11P
   300mA Dual LDO Regulator with POR
RT9006A RICHTEK-RT9006A Datasheet
201Kb / 10P
   Dual LDO Regulator with Reset Function
RT9012 RICHTEK-RT9012 Datasheet
314Kb / 11P
   300mA Dual LDO Regulator with POR
logo
ON Semiconductor
NCV8703 ONSEMI-NCV8703_13 Datasheet
1Mb / 17P
   LDO Voltage Regulator
June, 2013 ??Rev. 1
NCP705 ONSEMI-NCP705_17 Datasheet
1Mb / 20P
   LDO Voltage Regulator
December, 2017 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com