Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DC37SQF5 Datasheet(PDF) 1 Page - Adam Technologies, Inc.

Part # DC37SQF5
Description  D-SUBMINIATURE RIGHT ANGLE .590 [15.00] MOUNT
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAM-TECH [Adam Technologies, Inc.]
Direct Link  http://www.adam-tech.com
Logo ADAM-TECH - Adam Technologies, Inc.

DC37SQF5 Datasheet(HTML) 1 Page - Adam Technologies, Inc.

  DC37SQF5 Datasheet HTML 1Page - Adam Technologies, Inc. DC37SQF5 Datasheet HTML 2Page - Adam Technologies, Inc. DC37SQF5 Datasheet HTML 3Page - Adam Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Adam Technologies, Inc.
909 Rahway Avenue Union, New Jersey 07083 T: 908-687-5000 F: 908-687-5710 WWW.ADAM-TECH.COM
75
INTRODUCTION:
Adam Tech Right Angle .590” footprint PCB D-Sub connectors are a
popular interface for many I/O applications. Offered in 9, 15, 25 and
37 positions they are an excellent choice for a low cost industry
standard connection. They are available with full or half mounting
flanges. Adam Tech connectors are manufactured with precision
stamped contacts offering a choice of contact plating and a wide
selection of mating and mounting options.
FEATURES:
Half or Full flange options
Industry standard compatibility
Durable metal shell design
Precision formed contacts
Variety of Mating and mounting options
MATING CONNECTORS:
Adam Tech D-Subminiatures and all industry standard
D-Subminiature connectors.
SPECIFICATIONS:
Material:
Standard insulator: PBT, 30% glass reinforced, rated UL94V-0
Optional Hi-Temp insulator: Nylon 6T
Insulator Color: Black
Contacts: Phosphor Bronze
Shell: Steel, Tin or Zinc plated
Hardware: Brass, Nickel plated
Contact Plating:
Gold Flash (15 and 30 µin Optional) over Nickel underplate.
Electrical:
Operating voltage: 250V AC / DC max.
Current rating: 5 Amps max.
Contact resistance: 20 m
Ω max. Initial
Insulation resistance: 5000 M
Ω min.
Dielectric withstanding voltage: 1000V AC for 1 minute
Mechanical:
Insertion force: 0.75 lbs max
Extraction force: 0.44 lbs min
Temperature Rating:
Operating temperature: -65°C to +125°C
Soldering process temperature:
Standard insulator: 235°C
Hi-Temp insulator: 260°C
PACKAGING:
Anti-ESD plastic trays
APPROVALS AND CERTIFICATIONS:
UL Recognized File No. E224053
CSA Certified File No. LR1578596
D-SUBMINIATURE
RIGHT ANGLE .590" [15.00] MOUNT
DPQ & DSQ SERIES
OPTIONS:
Add designator(s) to end of part number
15 = 15 µin gold plating in
contact area
30 = 30 µin gold plating in
contact area
EMI = Ferrite filtered version
for EMI/RFI suppression
LPJ = Loose packed jackscrews
F = Superior retention 4 prong
boardlocks
HT = Hi-Temp insulator for
Hi-Temp soldering
processes up to 260°C
R = Round jackscrews
ORDERING INFORMATION
DB25
SQ
SA
4
SHELL SIZE/
POSITIONS
DE
09 = 9 Position
DA
15 = 15 Position
DB
25 = 25 Position
DC
37 = 37 Position
CONTACT TYPE
PQ = Plug,
.590" Footprint
SQ = Socket,
.590" Footprint
MATING FACE
MOUNTING OPTIONS
3 = #4-40 fixed jack screws
4 = #4-40 flush threaded
inserts
5 = #4-40 flush threaded
inserts with removable
jack screws installed
6 = .120" non-threaded
mounting holes
* See Mounting Option
diagrams page 77
PCB MOUNTING
OPTIONS
SA = Wrap around
ground straps
with thru holes
on half flange
SB = Wrap around
ground straps
with thru holes
on full flange
SC = Top side only
ground straps
with thru holes
on half flange
SD = Top side only
ground straps
with thru holes
on full flange
F = Forked boardlocks
on half flange
R = Forked boardlocks
on full flange
* See Mounting Option
diagrams page 77
®
®
V
D E
UL
®
RoHS
COMPLIANT
2002 / 95 / EC
2002 / 95 / EC
Pb
RoHS
COMPLIANT
HI-TEMP
INSULATOR
A V A I L A B L E


Similar Part No. - DC37SQF5

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DC37S-0L2-A197 ITT-DC37S-0L2-A197 Datasheet
9Mb / 301P
   D Subminiature Connectors
DC37S-1A5N-A197 ITT-DC37S-1A5N-A197 Datasheet
9Mb / 301P
   D Subminiature Connectors
DC37S-1A6N-A197 ITT-DC37S-1A6N-A197 Datasheet
9Mb / 301P
   D Subminiature Connectors
DC37S-1A7N-A197 ITT-DC37S-1A7N-A197 Datasheet
9Mb / 301P
   D Subminiature Connectors
DC37S-1A8N-A197 ITT-DC37S-1A8N-A197 Datasheet
9Mb / 301P
   D Subminiature Connectors
More results

Similar Description - DC37SQF5

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
DB25-PL-25 ADAM-TECH-DB25-PL-25 Datasheet
240Kb / 2P
   D-SUBMINIATURE RIGHT ANGLE .318 (8.08) MOUNT
DB25SL24 ADAM-TECH-DB25SL24 Datasheet
134Kb / 1P
   D-SUBMINIATURE RIGHT ANGLE .318 (8.08) MOUNT
DB25SHC1C ADAM-TECH-DB25SHC1C Datasheet
213Kb / 2P
   D-SUBMINIATURE RIGHT ANGLE MACHINED CONTACT
DPD2510B3 ADAM-TECH-DPD2510B3 Datasheet
192Kb / 2P
   D-SUBMINIATURE DUAL PORT, STACKED, RIGHT ANGLE
DB25SN24 ADAM-TECH-DB25SN24 Datasheet
232Kb / 2P
   D-SUBMINIATURE RIGHT ANGLE .197 [5.00] SLIMLINE
logo
Pasternack Enterprises,...
PE4444 PASTERNACK-PE4444 Datasheet
105Kb / 1P
   N FEMALE PANEL MOUNT ,590
logo
Adam Technologies, Inc.
DB25SS24 ADAM-TECH-DB25SS24 Datasheet
227Kb / 2P
   D-SUBMINIATURE SMT RIGHT ANGLE .118" [3.00] SLIMLINE
logo
List of Unclassifed Man...
626-037-562-043 ETC2-626-037-562-043 Datasheet
731Kb / 3P
   Two contact rows with. 590 (14.99mm) footprint right-angle bend.
logo
Glenair, Inc.
247-1679PJB GLENAIR-247-1679PJB Datasheet
326Kb / 2P
   D-Subminiature Connector, Right Angle EMI Filtered European Footprint
logo
ITT Industries
ZDA ITT-ZDA Datasheet
59Kb / 1P
   D Subminiature
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com