Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IN74HC154AN Datasheet(PDF) 4 Page - IK Semicon Co., Ltd

Part # IN74HC154AN
Description  1-of-16 Decoder/Demultiplexer High-Performance Silicon-Gate CMOS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IN74HC154AN Datasheet(HTML) 4 Page - IK Semicon Co., Ltd

  IN74HC154AN Datasheet HTML 1Page - IK Semicon Co., Ltd IN74HC154AN Datasheet HTML 2Page - IK Semicon Co., Ltd IN74HC154AN Datasheet HTML 3Page - IK Semicon Co., Ltd IN74HC154AN Datasheet HTML 4Page - IK Semicon Co., Ltd IN74HC154AN Datasheet HTML 5Page - IK Semicon Co., Ltd IN74HC154AN Datasheet HTML 6Page - IK Semicon Co., Ltd IN74HC154AN Datasheet HTML 7Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
IN74HC154A
AC ELECTRICAL CHARACTERISTICS (CL=50pF,Input tr=tf=6.0 ns)
VCC
Guaranteed Limit
Symbol
Parameter
V
25
°C to
-55
°C
≤85°C
≤125°C
Unit
tPLH, tPHL
Maximum Propagation Delay, Input A to
Output Y (Figures 1and 3)
2.0
4.5
6.0
190
38
32
240
48
41
285
57
48
ns
tPLH, tPHL
Maximum Propagation Delay , CS to
Output Y (Figures 2 and 3)
2.0
4.5
6.0
175
35
30
220
44
37
265
53
45
ns
tTLH, tTHL
Maximum Output Transition Time, Any Output
(Figures 2 and 3)
2.0
4.5
6.0
75
15
13
95
19
16
110
22
19
ns
CIN
Maximum Input Capacitance
-
10
10
10
pF
Power Dissipation Capacitance (Per Package)
Typical @25
°C,V
CC=5.0 V
CPD
Used to determine the no-load dynamic power
consumption: PD=CPDVCC
2f+I
CCVCC
80
pF
FUNCTION TABLE
Inputs
Outputs
CS1 CS2 A3 A2 A1 A0 Y0 Y1 Y2 Y3 Y4 Y5 Y6 Y7 Y8 Y9 Y10 Y11 Y12 Y13 Y14 Y15
L
L
L
L
L
L
L
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
L
L
L
L
L
H
H
L
H
H
H
H
H
H
H
H
H
H
H
H
H
H
L
L
L
L
H
L
H
H
L
H
H
H
H
H
H
H
H
H
H
H
H
H
L
L
L
L
H
H
H
H
H
L
H
H
H
H
H
H
H
H
H
H
H
H
L
L
L
H
L
L
H
H
H
H
L
H
H
H
H
H
H
H
H
H
H
H
L
L
L
H
L
H
H
H
H
H
H
L
H
H
H
H
H
H
H
H
H
H
L
L
L
H
H
L
H
H
H
H
H
H
L
H
H
H
H
H
H
H
H
H
L
L
L
H
H
H
H
H
H
H
H
H
H
L
H
H
H
H
H
H
H
H
L
L
H
L
L
L
H
H
H
H
H
H
H
H
L
H
H
H
H
H
H
H
L
L
H
L
L
H
H
H
H
H
H
H
H
H
H
L
H
H
H
H
H
H
L
L
H
L
H
L
H
H
H
H
H
H
H
H
H
H
L
H
H
H
H
H
L
L
H
L
H
H
H
H
H
H
H
H
H
H
H
H
H
L
H
H
H
H
L
L
H
H
L
L
H
H
H
H
H
H
H
H
H
H
H
H
L
H
H
H
L
L
H
H
L
H
H
H
H
H
H
H
H
H
H
H
H
H
H
L
H
H
L
L
H
H
H
L
H
H
H
H
H
H
H
H
H
H
H
H
H
H
L
H
L
L
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
L
L
H
X
X
X
X
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
L
X
X
X
X
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
X
X
X
X
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
X = Don’t Care
Rev. 00


Similar Part No. - IN74HC154AN

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74HC154 INTEGRAL-IN74HC154 Datasheet
126Kb / 6P
   1-OF-16 DECODER/DEMULTIPLEXER
IN74HC154DW INTEGRAL-IN74HC154DW Datasheet
126Kb / 6P
   1-OF-16 DECODER/DEMULTIPLEXER
IN74HC154N INTEGRAL-IN74HC154N Datasheet
126Kb / 6P
   1-OF-16 DECODER/DEMULTIPLEXER
More results

Similar Description - IN74HC154AN

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC54HC154 MOTOROLA-MC54HC154 Datasheet
107Kb / 7P
   1-of-16 Decoder/Demultiplexer High-Performance Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74HC154A KODENSHI-KK74HC154A Datasheet
310Kb / 7P
   1-of-16 Decoder/Demultiplexer High-Performance Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74HCT138A IKSEMICON-IN74HCT138A Datasheet
208Kb / 6P
   1-of-8 Decoder/Demultiplexer High-Performance Silicon-Gate CMOS
logo
System Logic Semiconduc...
SL74HCT138 SLS-SL74HCT138 Datasheet
52Kb / 5P
   1- of-8 Decoder/Demultiplexer(High-Performance Silicon-Gate CMOS)
logo
Motorola, Inc
MC54HC138 MOTOROLA-MC54HC138 Datasheet
274Kb / 4P
   1-of-8 Decoder / Demultiplexer High-Performance Silicon-Gate CMOS
logo
Integral Corp.
IN74HC138 INTEGRAL-IN74HC138 Datasheet
103Kb / 5P
   1-of-8 Decoder/Demultiplexer High-Performance Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74HCT138A KODENSHI-KK74HCT138A Datasheet
222Kb / 6P
   1-of-8 Decoder/Demultiplexer High-Performance Silicon-Gate CMOS
logo
Motorola, Inc
MC74HC4514 MOTOROLA-MC74HC4514 Datasheet
247Kb / 9P
   1-of-16 Decoder/Demultiplexer with Address Latch High-Performance Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74HCT139A IKSEMICON-IN74HCT139A Datasheet
209Kb / 6P
   Dual 1-of-4 Decoder/Demultiplexer High-Performance Silicon-Gate CMOS
logo
Integral Corp.
IN74HC139A INTEGRAL-IN74HC139A Datasheet
103Kb / 5P
   Dual 1-of-4 Decoder/Demultiplexer High-Performance Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com