Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV9105PJ Datasheet(PDF) 1 Page - Supertex, Inc

Part # HV9105PJ
Description  High-Voltage Switchmode Controllers with MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV9105PJ Datasheet(HTML) 1 Page - Supertex, Inc

  HV9105PJ Datasheet HTML 1Page - Supertex, Inc HV9105PJ Datasheet HTML 2Page - Supertex, Inc HV9105PJ Datasheet HTML 3Page - Supertex, Inc HV9105PJ Datasheet HTML 4Page - Supertex, Inc HV9105PJ Datasheet HTML 5Page - Supertex, Inc HV9105PJ Datasheet HTML 6Page - Supertex, Inc HV9105PJ Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
Feedback
Max
BV
DSS
R
DS(ON)
Min
Max
Voltage
Duty Cycle
14 Pin Plastic DIP
20 Pin Plastic PLCC
200V
5.0
10V
120V
±1%
49%
HV9105P
HV9105PJ
200V
5.0
10V
120V
±1%
99%
HV9108P
HV9108PJ
Standard temperature range for all parts is industrial (-40
° to +85°C).
High-Voltage Switchmode Controllers with MOSFET
Ordering Information
General Description
The Supertex HV9105 and HV9108 are high-efficiency high
voltage SMPS ICs intended for use in power converters requiring
extreme efficiency at output power levels of 5.0W or less. The low
supply current (0.5mA max) allows them to be used to build
supplies which meet CCITT I.430 performance recommenda-
tions (60% efficiency at .025W out).
The HV9105/08 provides all the functions necessary to build a
single-switch current-mode converter of any common topology,
with a minimum of external parts.
In addition to high efficiency, because it uses Supertex’s propri-
etary high voltage BiCMOS/DMOS technology, the HV9105/08
offers numerous performance advantages when compared to
conventional PWM ICs. Dynamic range is approximately 8 times
wider than with bipolar ICs, both response speed and maximum
clock rate are faster, and no external power resistors or zeners are
necessary for high voltage starting.
Accessory circuits are included to provide either latching or
nonlatching shutdown. When shut down, device dissipation is
less than 4mW.
The HV9105/08 is intended for operation with input voltages from
10 to 120VDC.
Features
❏ 10 to 120V input range
❏ 200V, 5Ω output MOSFET
❏ Current-Mode Control
❏ High Efficiency
❏ CCITT Compatible
❏ Internal Start-up Circuit
Applications
❏ DC/DC Converters
❏ Distributed Power Systems
❏ ISDN Equipment
❏ PBX Systems
❏ Modems
Absolute Maximum Ratings
+V
IN, Input Voltage
120V
V
DS
200V
V
DD, Logic Voltage
15.0V
Control Inputs
-0.3V to V
DD+0.3V
I
D (Peak)
2.5A
Storage Temperature
-65
°C to 150°C
Power Dissipation, Plastic DIP
750mW
Power Dissipation, PLCC
1400mW
Package Outlines
MOSFET Switch
+V
IN
For detailed circuit and application information, please refer
to application notes AN-H13 and AN-H21 to AN-H24.
HV9105
HV9108
11/12/01
Supertex Inc. does not recommend the use of its products in life support applications and will not knowingly sell its products for use in such applications unless it receives an adequate "products liability
indemnification insurance agreement." Supertex does not assume responsibility for use of devices described and limits its liability to the replacement of devices determined to be defective due to
workmanship. No responsibility is assumed for possible omissions or inaccuracies. Circuitry and specifications are subject to change without notice. For the latest product specifications, refer to the
Supertex website: http://www.supertex.com. For complete liability information on all Supertex products, refer to the most current databook or to the Legal/Disclaimer page on the Supertex website.


Similar Part No. - HV9105PJ

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9100 SUTEX-HV9100 Datasheet
319Kb / 7P
   High-Voltage Switchmode Controllers with MOSFET
HV9100P SUTEX-HV9100P Datasheet
319Kb / 7P
   High-Voltage Switchmode Controllers with MOSFET
HV9100PJ SUTEX-HV9100PJ Datasheet
319Kb / 7P
   High-Voltage Switchmode Controllers with MOSFET
HV9102 SUTEX-HV9102 Datasheet
319Kb / 7P
   High-Voltage Switchmode Controllers with MOSFET
HV9102P SUTEX-HV9102P Datasheet
319Kb / 7P
   High-Voltage Switchmode Controllers with MOSFET
More results

Similar Description - HV9105PJ

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9100 SUTEX-HV9100 Datasheet
319Kb / 7P
   High-Voltage Switchmode Controllers with MOSFET
logo
Teledyne Technologies I...
TSC9110 TELEDYNE-TSC9110 Datasheet
457Kb / 7P
   high-voltage switchmode controllers
logo
Vishay Siliconix
SI9110 VISHAY-SI9110_V01 Datasheet
170Kb / 10P
   High-Voltage Switchmode Controllers
01-Jan-2022
SI9110 VISHAY-SI9110 Datasheet
107Kb / 8P
   High-Voltage Switchmode Controllers
Rev. H, 15-Nov-04
SI9110 VISHAY-SI9110_11 Datasheet
167Kb / 9P
   High-Voltage Switchmode Controllers
Rev. I, 16-May-11
SI9112 VISHAY-SI9112 Datasheet
71Kb / 6P
   High-Voltage Switchmode Controller
Rev. H, 15-Nov-04
SI9112 VISHAY-SI9112_V01 Datasheet
161Kb / 9P
   High-Voltage Switchmode Controller
01-Jan-2022
SI9104 VISHAY-SI9104 Datasheet
121Kb / 5P
   High-Voltage Switchmode Regulator
Rev. B, 16-Apr-01
SI9104 VISHAY-SI9104_V01 Datasheet
175Kb / 8P
   High-Voltage Switchmode Regulator
02-Oct-12
SI9102 VISHAY-SI9102_07 Datasheet
277Kb / 10P
   3-W High-Voltage Switchmode Regulator
Rev. H, 19-Mar-07
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com