Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTJ489X2 Datasheet(PDF) 1 Page - Adam Technologies, Inc.

Part # MTJ489X2
Description  MODULAR TELEPHONE JACKS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAM-TECH [Adam Technologies, Inc.]
Direct Link  http://www.adam-tech.com
Logo ADAM-TECH - Adam Technologies, Inc.

MTJ489X2 Datasheet(HTML) 1 Page - Adam Technologies, Inc.

  MTJ489X2 Datasheet HTML 1Page - Adam Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Adam Technologies, Inc.
909 Rahway Avenue Union, New Jersey 07083 T: 908-687-5000 F: 908-687-5710 WWW.ADAM-TECH.COM
9
ORDERING INFORMATION
INTRODUCTION:
Adam Tech MTJ series Modular Telephone Jacks are a complete
line of PCB and wire leaded jacks which are UL and CSA approved
and meet all required FCC rules and regulations. Adam Tech offers
a multitude of sizes (4p2c thru 10p10c) with styles including single,
ganged and stacked versions with options of ferrite or magnetic
filtering and or metal shielding. Jacks with integral LED’s and
combination hybrids such as MTJ/USB jacks are also available.
These jacks are available in thru-hole or SMT mounting.
FEATURES:
UL 1863 recognized
FCC compliant to No. 47 CFR part 68
Magnetic and Ferrite filtered types
4,6,8 and 10 positions available
Single, stacked or ganged
Hi-Temp and LED options
Unshielded or Metal Shielded
Thru-Hole or SMT mounting
Cat. 5 & 5E ANSI/TIA/EIA 568.2
MATING PLUGS:
Adam Tech modular telephone plugs and all industry standard
telephone plugs.
SPECIFICATIONS:
Material:
Standard Insulator: PBT, or ABS, rated UL94V-0
Optional Hi-Temp Insulator: Nylon 6T rated UL94V-0
Insulator Colors: Black or medium gray
Contacts: Phosphor Bronze
Shield: Phosphor Bronze, tin plated
Contact Plating:
Flat contacts: Gold Flash over Nickel underplate on contact area,
Tin over Copper underplate on solder tails.
Round contacts: Gold flash over Nickel underplate overall
Electrical:
Operating voltage: 150V AC max.
Current rating: 1.5 Amps max.
Contact resistance: 20 m
Ω max. initial
Insulation resistance: 500 M
Ω min.
Dielectric withstanding voltage: 1000V AC for 1 minute
Mechanical:
Insertion force: 4 contacts:
17.6N
6 contacts:
20.6N
8 contacts:
22.5N
10 contacts:
24.5N
Durability: 500 Cycles
Temperature Rating:
Operating temperature: -40°C to +70°C
Soldering process temperature:
Standard insulator: 235°C
Hi-Temp insulator: 260C
PACKAGING:
Anti-ESD plastic trays
SAFETY AGENCY APPROVALS:
UL Recognized E224049
MODULAR TELEPHONE JACKS
MTJ SERIES
OPTIONS:
Add designator(s) to end of part number
S = Face shielded jack (Body type 0 only)
FSX = Full metal shield (Use FSA, FSB, FSD, FSE)
SMT = Surface mount tails, housings 0, 5, 9, G & W with
Hi-Temp insulator
N = No panel stops
K = Keyed telephone jack
HT = Hi-Temp insulator for Hi-Temp soldering processes
up to 260C (Add this option for thru-hole products only.
All SMT products are manufactured with Hi-Temp insulators)
PG = Panel ground tabs
MTJ
6
4
0
2
1
SERIES
INDICATOR
MTJ = Modular
telephone
jack
HOUSING
PLUG SIZE
4, 6, 8 or 10
PLATING
X = Gold Flash
0 = 15 µin gold
1 = 30 µin gold
2 = 50 µin gold
BODY
COLOR
1 = Black
2 = Gray
NO. OF CONTACT
POSITIONS FILLED
2, 4, 6, 8 or 10
HOUSING TYPE
0, 1, 2, 2B, 2C, 3, 5, 7,
9, A, D, E, F, G, H, K,
M, V, W, WA, WB, AR,
Y, Q, H, K, V, AA
®
®
V
D E
UL
®
®
®
V
D E
UL
®
HI-TEMP
INSULATOR
A V A I L A B L E
RoHS
COMPLIANT
RoHS
COMPLIANT
2002 / 95 / EC
2002 / 95 / EC
Pb
RoHS
COMPLIANT


Similar Part No. - MTJ489X2

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
MTJ-1006WAX1-TR ADAM-TECH-MTJ-1006WAX1-TR Datasheet
73Kb / 1P
   MODULAR TELEPHONE JACK
MTJ-10089X1 ADAM-TECH-MTJ-10089X1 Datasheet
94Kb / 1P
   MODULAR TELEPHONE JACK
MTJ-1008WX1-FSD-PG ADAM-TECH-MTJ-1008WX1-FSD-PG Datasheet
88Kb / 1P
   MODULAR TELEPHONE JACK
MTJ-1008WX1-FSE ADAM-TECH-MTJ-1008WX1-FSE Datasheet
152Kb / 1P
   MODULAR TELEPHONE JACK
MTJ-10100X1-S ADAM-TECH-MTJ-10100X1-S Datasheet
113Kb / 1P
   MODULAR TELEPHONE JACK
More results

Similar Description - MTJ489X2

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
MTJG-8-88JX1-FSG-PG-L25 ADAM-TECH-MTJG-8-88JX1-FSG-PG-L25 Datasheet
97Kb / 1P
   MODULAR TELEPHONE JACKS GANGED
MTJG-8-88JX1-FS-PG-LD-SPB ADAM-TECH-MTJG-8-88JX1-FS-PG-LD-SPB Datasheet
104Kb / 1P
   MODULAR TELEPHONE JACKS GANGED
MTJG-8-88JX1-FSG-PG-LD ADAM-TECH-MTJG-8-88JX1-FSG-PG-LD Datasheet
144Kb / 1P
   MODULAR TELEPHONE JACKS GANGED
MTJG-8-88JX1-FSG-PG-LH ADAM-TECH-MTJG-8-88JX1-FSG-PG-LH Datasheet
105Kb / 1P
   MODULAR TELEPHONE JACKS GANGED
MTJG-8-88JX1-FSG-PG-LQ ADAM-TECH-MTJG-8-88JX1-FSG-PG-LQ Datasheet
145Kb / 1P
   MODULAR TELEPHONE JACKS GANGED
MTJG-8-88JX1-FSH-PG-LH ADAM-TECH-MTJG-8-88JX1-FSH-PG-LH Datasheet
107Kb / 1P
   MODULAR TELEPHONE JACKS GANGED
MTJG-8-88JX1-FS-PG ADAM-TECH-MTJG-8-88JX1-FS-PG Datasheet
91Kb / 1P
   MODULAR TELEPHONE JACKS GANGED
MTJG-8-88JX1-PG-LL-M118 ADAM-TECH-MTJG-8-88JX1-PG-LL-M118 Datasheet
264Kb / 1P
   MODULAR TELEPHONE JACKS GANGED
MTJG-12-88JX1-FSG-PG ADAM-TECH-MTJG-12-88JX1-FSG-PG Datasheet
157Kb / 1P
   MODULAR TELEPHONE JACKS GANGED & STACKED JACKS
MTJG-8-88JX1-FSG-PG-M14 ADAM-TECH-MTJG-8-88JX1-FSG-PG-M14 Datasheet
150Kb / 1P
   MODULAR TELEPHONE JACKS GANGED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com