Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IN74HCT132AN Datasheet(PDF) 3 Page - IK Semicon Co., Ltd

Part # IN74HCT132AN
Description  Quad 2-Input NAND Gate with Schmitt-Trigger Inputs High-Performance Silicon-Gate CMOS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IN74HCT132AN Datasheet(HTML) 3 Page - IK Semicon Co., Ltd

  IN74HCT132AN Datasheet HTML 1Page - IK Semicon Co., Ltd IN74HCT132AN Datasheet HTML 2Page - IK Semicon Co., Ltd IN74HCT132AN Datasheet HTML 3Page - IK Semicon Co., Ltd IN74HCT132AN Datasheet HTML 4Page - IK Semicon Co., Ltd IN74HCT132AN Datasheet HTML 5Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
IN74HCT132A
DC ELECTRICAL CHARACTERISTICS (Voltages Referenced to GND)
VCC
Guaranteed Limit
Symbol
Parameter
Test Conditions
V
25
°C
to
-55
°C
≤85
°C
≤125
°C
Unit
VT+max
Maximum Positive-
Going Input Threshold
Voltage
VOUT=0.1 V
⎢I
OUT⎢≤ 20 µA
4.5
5.5
1.9
2.1
1.9
2.1
1.9
2.1
V
VT+min
Minimum Positive-
Going Input Threshold
Voltage
VOUT=0.1 V
⎢I
OUT⎢ ≤ 20 µA
4.5
5.5
1.2
1.4
1.2
1.4
1.2
1.4
V
VT-max
Maximum Negative-
Going Input Threshold
Voltage
VOUT=VCC-0.1 V
⎢I
OUT⎢≤ 20 µA
4.5
5.5
1.2
1.4
1.2
1.4
1.2
1.4
V
VT-min
Minimum Negative-
Going Input Threshold
Voltage
VOUT=VCC-0.1 V
⎢I
OUT⎢ ≤ 20 µA
4.5
5.5
0.5
0.6
0.5
0.6
0.5
0.6
V
VHmax
Note
Maximum Hysteresis
Voltage
VOUT=0.1 V or VCC-0.1 V
⎢I
OUT⎢ ≤ 20 µA
4.5
5.5
1.4
1.5
1.4
1.5
1.4
1.5
V
VHmin
Note
Minimum Hysteresis
Voltage
VOUT=0.1 V or VCC-0.1 V
⎢I
OUT⎢ ≤ 20 µA
4.5
5.5
0.4
0.4
0.4
0.4
0.4
0.4
V
VOH
Minimum High-Level
Output Voltage
VIN≤VT-min or VT+max
⎢I
out⎢ ≤ 20 µA
4.5
5.5
4.4
5.4
4.4
5.4
4.4
5.4
V
VIN≤VT-min or VT+max
⎢I
OUT⎢ ≤ 4.0 mA
⎢I
OUT⎢ ≤ 5.2 mA
4.5
3.98
3.84
3.7
VOL
Maximum Low-Level
Output Voltage
VIN ≥VT+max
⎢I
OUT⎢ ≤ 20 µA
4.5
5.5
0.1
0.1
0.1
0.1
0.1
0.1
V
VIN≥ VT+max
⎢I
OUT⎢ ≤ 4.0 mA
⎢I
OUT⎢ ≤ 5.2 mA
4.5
0.26
0.33
0.4
IIN
Maximum Input
Leakage Current
VIN=VCC or GND
5.5
±0.1
±1.0
±1.0
µA
ICC
Maximum Quiescent
Supply Current
(per Package)
VIN=VCC or GND
IOUT=0µA
5.5
1.0
10
40
µA
∆I
CC
Additional Quiescent
Supply Current
VIN = 2.4 V, Any One Input
VIN=VCC or GND, Other
Inputs
≥-55°C
25
°C to
125
°C
mA
IOUT=0µA
5.5
2.9
2.4
Note. VHmin>(VT+min)-(VT-max); VHmax=(VT+max)+(VT-min).
Rev. 00


Similar Part No. - IN74HCT132AN

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74HCT132AN INTEGRAL-IN74HCT132AN Datasheet
127Kb / 6P
   QUAD 2-INPUT NAND GATE WITH SCHMITT-TRIGGER INPUTS
More results

Similar Description - IN74HCT132AN

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74AC132 INTEGRAL-IN74AC132 Datasheet
108Kb / 4P
   Quad 2-Input NAND Gate with Schmitt-Trigger Inputs High-Performance Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74HC132A KODENSHI-KK74HC132A Datasheet
203Kb / 5P
   Quad 2-Input NAND Gate with Schmitt-Trigger Inputs High-Performance Silicon-Gate CMOS
logo
Integral Corp.
IN74HC132A INTEGRAL-IN74HC132A Datasheet
125Kb / 4P
   QUAD 2-INPUT NAND GATE WITH SCHMITT-TRIGGER INPUTS High-Performance Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74HC132A IKSEMICON-IN74HC132A Datasheet
189Kb / 5P
   Quad 2-Input NAND Gate with Schmitt-Trigger Inputs High-Performance Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74ACT132 KODENSHI-KK74ACT132 Datasheet
241Kb / 5P
   Quad 2-Input NAND Gate with Schmitt-Trigger Inputs High-Performance Silicon-Gate CMOS
KK74HCT132A KODENSHI-KK74HCT132A Datasheet
195Kb / 5P
   Quad 2-Input NAND Gate with Schmitt-Trigger Inputs High-Performance Silicon-Gate CMOS
KK74AC132 KODENSHI-KK74AC132 Datasheet
242Kb / 5P
   Quad 2-Input NAND Gate with Schmitt-Trigger Inputs High-Performance Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74ACT132 IKSEMICON-IN74ACT132 Datasheet
175Kb / 5P
   Quad 2-Input NAND Gate with Schmitt-Trigger Inputs High-Performance Silicon-Gate CMOS
logo
System Logic Semiconduc...
SL74HCT132 SLS-SL74HCT132 Datasheet
68Kb / 6P
   Quad 2-Input NAND Gate with Schmitt-Trigger Inputs(High-Performance Silicon-Gate CMOS)
logo
Motorola, Inc
MC54HC132A MOTOROLA-MC54HC132A Datasheet
197Kb / 6P
   QUAD 2-INPUT NAND GATE WITH SCHMITT-TRIGGER INPUTS HIGH-PERFORMANCE SILICON-GATE CMOS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com