Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV9102P Datasheet(PDF) 5 Page - Supertex, Inc

Part # HV9102P
Description  High-Voltage Switchmode Controllers with MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV9102P Datasheet(HTML) 5 Page - Supertex, Inc

  HV9102P Datasheet HTML 1Page - Supertex, Inc HV9102P Datasheet HTML 2Page - Supertex, Inc HV9102P Datasheet HTML 3Page - Supertex, Inc HV9102P Datasheet HTML 4Page - Supertex, Inc HV9102P Datasheet HTML 5Page - Supertex, Inc HV9102P Datasheet HTML 6Page - Supertex, Inc HV9102P Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
HV9100/HV9102/HV9103
+
Reference
V
1
V
2
0.1V swept 10Hz – 1MHz
0.1
µF
10.0V
4.00V
100K1%
100K1%
PSRR
+
Reference
V
1
V
2
60.4K
40.2K
1.0V swept 100Hz – 2.2MHz
Tektronix
P6021
(1 turn
secondary)
0.1
µF
+10V
(V
DD)
GND
(–V
IN)
(FB)
NOTE: Set Feedback Voltage so that
V
COMP = VDIVIDE ± 1mV before connecting transformer
Error Amp Z
OUT
Output Switching Frequency
vs. Oscillator Resistance
1M
100 k
10k
10k
ROSC (Ω)
100k
1M
HV9103
HV9100, 9101, 9102
Frequency
80
70
60
50
40
30
20
10
0
-10
100Hz
1KHz
10KHz
Error Amplifier
Open Loop Gain/Phase
100KHz
1MHz
180
°
120
°
60
°
0
°
-60
°
-120
°
-180
°
10
6
10
5
10
4
10
3
10
2
10
1.0
0.1
.01
10MHz
1MHz
100Hz
1KHz
10KHz
Error Amplifier Output Impedance (Z0)
100KHz
PSRR – Error Amplifier and Reference
100KHz
1KHz
0
-10
-20
-30
-40
-50
-60
-70
-80
10Hz
100Hz
10KHz
1MHz
Fig. 1
Fig. 2
Fig. 4
Fig. 3
Typical Performance Curves
Test Circuits


Similar Part No. - HV9102P

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9105 SUTEX-HV9105 Datasheet
320Kb / 7P
   High-Voltage Switchmode Controllers with MOSFET
HV9105P SUTEX-HV9105P Datasheet
320Kb / 7P
   High-Voltage Switchmode Controllers with MOSFET
HV9105PJ SUTEX-HV9105PJ Datasheet
320Kb / 7P
   High-Voltage Switchmode Controllers with MOSFET
HV9108 SUTEX-HV9108 Datasheet
320Kb / 7P
   High-Voltage Switchmode Controllers with MOSFET
HV9108P SUTEX-HV9108P Datasheet
320Kb / 7P
   High-Voltage Switchmode Controllers with MOSFET
More results

Similar Description - HV9102P

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9105 SUTEX-HV9105 Datasheet
320Kb / 7P
   High-Voltage Switchmode Controllers with MOSFET
logo
Teledyne Technologies I...
TSC9110 TELEDYNE-TSC9110 Datasheet
457Kb / 7P
   high-voltage switchmode controllers
logo
Vishay Siliconix
SI9110 VISHAY-SI9110_V01 Datasheet
170Kb / 10P
   High-Voltage Switchmode Controllers
01-Jan-2022
SI9110 VISHAY-SI9110 Datasheet
107Kb / 8P
   High-Voltage Switchmode Controllers
Rev. H, 15-Nov-04
SI9110 VISHAY-SI9110_11 Datasheet
167Kb / 9P
   High-Voltage Switchmode Controllers
Rev. I, 16-May-11
SI9112 VISHAY-SI9112 Datasheet
71Kb / 6P
   High-Voltage Switchmode Controller
Rev. H, 15-Nov-04
SI9112 VISHAY-SI9112_V01 Datasheet
161Kb / 9P
   High-Voltage Switchmode Controller
01-Jan-2022
SI9104 VISHAY-SI9104 Datasheet
121Kb / 5P
   High-Voltage Switchmode Regulator
Rev. B, 16-Apr-01
SI9104 VISHAY-SI9104_V01 Datasheet
175Kb / 8P
   High-Voltage Switchmode Regulator
02-Oct-12
SI9102 VISHAY-SI9102_07 Datasheet
277Kb / 10P
   3-W High-Voltage Switchmode Regulator
Rev. H, 19-Mar-07
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com