Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV9120P Datasheet(PDF) 2 Page - Supertex, Inc

Part # HV9120P
Description  High-Voltage Current-Mode PWM Controller
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV9120P Datasheet(HTML) 2 Page - Supertex, Inc

  HV9120P Datasheet HTML 1Page - Supertex, Inc HV9120P Datasheet HTML 2Page - Supertex, Inc HV9120P Datasheet HTML 3Page - Supertex, Inc HV9120P Datasheet HTML 4Page - Supertex, Inc HV9120P Datasheet HTML 5Page - Supertex, Inc HV9120P Datasheet HTML 6Page - Supertex, Inc HV9120P Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
HV9120/HV9123
Electrical Characteristics
(Unless otherwise specified, V
DD = 10V, +VIN = 48V, Discharge = -VIN = 0V, RBIAS = 390KΩ, ROSC = 330KΩ,TA = 25°C.)
Symbol Parameters
Min
Typ
Max
Unit
Conditions
Reference
V
REF
Output Voltage
3.92
4.00
4.08
V
R
L = 10MΩ
3.84
4.00
4.16
RL = 10MΩ,
T
A = -55°C to 125°C
ZOUT
Output Impedance1
15
30
45
K
I
SHORT
Short Circuit Current
125
250
µAV
REF = -VIN
∆V
REF
Change in V
REF with Temperature
1
0.25
mV/
°CT
A = -55°C to 125°C
Oscillator
f
MAX
Oscillator Frequency
1.0
3.0
MHz
R
OSC = 0Ω
f
OSC
Initial Accuracy2
80
100
120
KHz
R
OSC = 330KΩ
160
200
240
ROSC = 150KΩ
∆V
OSC
Voltage Stability
15
%
9.5V < V
DD <13.5V
TC
OSC
Temperature Coefficient1
170
ppm/
°CT
A = -55°C to 125°C
PWM
D
MAX
Maximum Duty Cycle1
HV9120
49.0
49.4
49.6
%
HV9123
95
97
99
Deadtime1
HV9123
225
nsec
D
MIN
Minimum Duty Cycle
0
%
Minimum Pulse Width
80
125
nsec
Before Pulse Drops Out 1
Current Limit
V
lim
Maximum Input Signal
1.0
1.2
1.4
V
V
FB = 0V
t
d
Delay to Output1
80
150
ns
V
SENSE = 1.5V, VCOMP ≤ 2.0V
Error Amplifier
V
FB
Feedback Voltage
3.92
4.00
4.08
V
V
FB Shorted to Comp
I
IN
Input Bias Current
25
500
nA
V
FB = 4.0V
VOS
Input Offset Voltage
nulled during trim
A
VOL
Open Loop Voltage Gain1
60
80
dB
GB
Unity Gain Bandwidth1
1.0
1.3
MHz
ZOUT
Output Impedance1
see fig. 1
I
SOURCE
Output Source Current
-1.4
-2.0
mA
V
FB = 3.4V
I
SINK
Output Sink Current
0.12
0.15
mA
V
FB = 4.5V
PSRR
Power Supply Rejection1
see fig. 2
dB
Notes:
1. Guaranteed by design. Not subject to production test.
2. Stray C on OSC IN pin must be
≤5pF.


Similar Part No. - HV9120P

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9120P-G SUTEX-HV9120P-G Datasheet
960Kb / 11P
   High-Voltage, Current-Mode PWM Controller
logo
Microchip Technology
HV9120P-G MICROCHIP-HV9120P-G Datasheet
476Kb / 18P
   High-Voltage, Current-Mode, PWM Controller
07/14/15
HV9120P-G-M901 MICROCHIP-HV9120P-G-M901 Datasheet
476Kb / 18P
   High-Voltage, Current-Mode, PWM Controller
07/14/15
HV9120P-G-M934 MICROCHIP-HV9120P-G-M934 Datasheet
476Kb / 18P
   High-Voltage, Current-Mode, PWM Controller
07/14/15
logo
Supertex, Inc
HV9120PJ-G SUTEX-HV9120PJ-G Datasheet
960Kb / 11P
   High-Voltage, Current-Mode PWM Controller
More results

Similar Description - HV9120P

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9112 SUTEX-HV9112_07 Datasheet
705Kb / 8P
   High-Voltage Current-Mode PWM Controller
logo
Microchip Technology
HV9120 MICROCHIP-HV9120 Datasheet
476Kb / 18P
   High-Voltage, Current-Mode, PWM Controller
07/14/15
logo
Supertex, Inc
HV9120NG-G SUTEX-HV9120NG-G Datasheet
960Kb / 11P
   High-Voltage, Current-Mode PWM Controller
HV9110 SUTEX-HV9110 Datasheet
324Kb / 7P
   High-Voltage Current-Mode PWM Controller
HV9123 SUTEX-HV9123_14 Datasheet
649Kb / 11P
   High-Voltage,Current-Mode PWM Controller
HV9605C SUTEX-HV9605C Datasheet
312Kb / 5P
   High Voltage Current Mode PWM Controller
logo
Microchip Technology
HV9110 MICROCHIP-HV9110 Datasheet
620Kb / 18P
   High-Voltage Current-Mode PWM Controller
06/23/16
logo
Supertex, Inc
HV9110 SUTEX-HV9110_07 Datasheet
706Kb / 8P
   High-Voltage Current-Mode PWM Controller
HV9123NG-G SUTEX-HV9123NG-G Datasheet
951Kb / 11P
   High-Voltage, Current-Mode PWM Controller
HV9113 SUTEX-HV9113_07 Datasheet
706Kb / 8P
   High-Voltage Current-Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com