Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PJ1JM Datasheet(PDF) 2 Page - MTRONPTI

Part # PJ1JM
Description  Surface Mount Crystals 5.5 x 11.7 x 2.2 mmPARAMETERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MTRONPTI [MTRONPTI]
Direct Link  http://www.mtronpti.com
Logo MTRONPTI - MTRONPTI

PJ1JM Datasheet(HTML) 2 Page - MTRONPTI

  PJ1JM Datasheet HTML 1Page - MTRONPTI PJ1JM Datasheet HTML 2Page - MTRONPTI  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application.
Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact us for your application specific requirements: MtronPTI 1-800-762-8800.
MtronPTI Lead Free Solder Profile


Similar Part No. - PJ1JM

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
PJ1JM MTRONPTI-PJ1JM Datasheet
224Kb / 2P
   Surface Mount Crystals
PJ1JMS MTRONPTI-PJ1JMS Datasheet
224Kb / 2P
   Surface Mount Crystals
PJ1JMXX MTRONPTI-PJ1JMXX Datasheet
224Kb / 2P
   Surface Mount Crystals
More results

Similar Description - PJ1JM

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
PR1DD MTRONPTI-PR1DD Datasheet
291Kb / 2P
   3.5 x 6.0 x 1.0 mm Surface Mount Crystals
SX2060 MTRONPTI-SX2060 Datasheet
237Kb / 1P
   4.6 x 12.5 x 3.7 mm, Surface Mount Crystals
PM MTRONPTI-PM_08 Datasheet
370Kb / 2P
   Surface Mount Crystals 5.0 x 7.0 x 1.3 mm
PP MTRONPTI-PP_08 Datasheet
403Kb / 2P
   Surface Mount Crystals 3.5 x 6.0 x 1.2 mm
SX2060 MTRONPTI-SX2060_07 Datasheet
252Kb / 2P
   4.6 x 12.5 x 3.7 mm, Surface Mount Crystals
logo
List of Unclassifed Man...
SX2050 ETC1-SX2050 Datasheet
97Kb / 1P
   SX2050 Surface Mount Crystals 5.0 X 13.0 X 4.2 mm
logo
Kingbright Corporation
AA2214QWS-D-AMT KINGBRIGHT-AA2214QWS-D-AMT Datasheet
320Kb / 6P
   2.2 x 1.4 mm Surface Mount LED Lamp
logo
HK TO-GRACE TECHNOLOGY ...
AA2214SURSK TO-GRACE-AA2214SURSK Datasheet
404Kb / 4P
   2.2 x 1.4 mm Surface Mount LED Lamp
AA2214VRBXS-A-TR-AMT TO-GRACE-AA2214VRBXS-A-TR-AMT Datasheet
482Kb / 6P
   2.2 x 1.4 mm Surface Mount LED Lamp
AA3021VBS-D TO-GRACE-AA3021VBS-D Datasheet
401Kb / 4P
   2.2 x 1.4 mm Surface Mount LED Lamp
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com