|
| HV9605C |
|
||
|
SUTEX |
|
5 page
5 Functional Block Diagram + — - + + — RT CLK CLR Q A C S OUT CS PGND SGND Q R DQ REF NI FB COMP Bandgap Reference Generator VDD VDD VDD +VIN STOP START Clock Oscillator MOSFET Driver PWM Good Bootstrap Good VREF STATUS UVLO C Start-Up Regulator Enable — + C VSTART H L Typical Application Circuit HV9605C VDD STATUS OUT CS PGND SGND COMP FB NI REF RT START STOP 48V INPUT +VIN HV9605C + ++ + + - + 40V ISOLATED OUTPUT - RESET +5.0V REFERENCED TO INPUT (-) TERMINAL TN2124K1 or TN2524N8 1235 Bordeaux Drive, Sunnyvale, CA 94089 TEL: (408) 744-0100 • FAX: (408) 222-4895 www.supertex.com 11/12/01 ©2001 Supertex Inc. All rights reserved. Unauthorized use or reproduction prohibited. |
|
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| HV9605 | High Voltage Current Mode PWM Controller for ISDN Equipment | 1 2 3 4 5 | Supertex, Inc |
| SC4905A | HIGH PERFORMANCE VOLTAGE MODE PWM CONTROLLER | 1 2 3 4 5 More | Semtech Corporation |
| UC2842A | HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER | 1 2 3 4 5 More | STMicroelectronics |
| UC2842B | HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER | 1 2 3 4 5 More | STMicroelectronics |
| UC3842A | HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER | 1 2 3 4 5 More | STMicroelectronics |
| UC3844T | HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER | 1 2 3 4 5 More | STMicroelectronics |
| LM5034 | High Voltage Dual Interleaved Current Mode Controller with Active Clamp | 1 2 3 4 5 More | National Semiconductor |
| UC3842B | HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER | 1 2 3 4 5 More | STMicroelectronics |
| KA5L0380R | SPS consist of high voltage power SenseFET and current mode PWM IC | 1 2 3 4 5 More | Fairchild Semiconductor |
| LT1619 | Low Voltage Current Mode PWM Controller | 1 2 3 4 5 More | Linear Technology |
Link URL |
Sponsor of Alldatasheet |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Bookmark | Link Exchange | Manufacturer List All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |