Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT25 Datasheet(PDF) 6 Page - Adam Technologies, Inc.

Part # RT25
Description  RELAY LOW PROFILE SMT SIGNAL RELAY-TYPE RT1
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAM-TECH [Adam Technologies, Inc.]
Direct Link  http://www.adam-tech.com
Logo ADAM-TECH - Adam Technologies, Inc.

RT25 Datasheet(HTML) 6 Page - Adam Technologies, Inc.

Back Button RT25 Datasheet HTML 2Page - Adam Technologies, Inc. RT25 Datasheet HTML 3Page - Adam Technologies, Inc. RT25 Datasheet HTML 4Page - Adam Technologies, Inc. RT25 Datasheet HTML 5Page - Adam Technologies, Inc. RT25 Datasheet HTML 6Page - Adam Technologies, Inc. RT25 Datasheet HTML 7Page - Adam Technologies, Inc. RT25 Datasheet HTML 8Page - Adam Technologies, Inc. RT25 Datasheet HTML 9Page - Adam Technologies, Inc. RT25 Datasheet HTML 10Page - Adam Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Adam Technologies, Inc.
909 Rahway Avenue Union, New Jersey 07083 T: 908-687-5000 F: 908-687-5710 WWW.ADAM-TECH.COM
55
RELAY
MINIATURE POWER RELAY-TYPE RPS
R SERIES
Recommended PCB Layout
1 Form A
SCHEMATIC
1 FORM A
1 FORM C
SCHEMATIC
.885 [22.50]
MAX.
.649
[16.50]
MAX.
.472
[12.00]
.649
[16.50]
MAX.
.082
[2.10]
.480
[12.20]
.480
[12.20]
.472
[12.00]
.082
[2.10]
.082
[2.10]
.480
[12.20]
.472
[12.00]
.015
[0.40]
.039
[1.00]
ø.051
[1.30] 5X
ø.051
[1.30] 4X
V DC
Voltage
Max allowable
Nominal
Operating Power
mW
(±10%)
Coil Resistance
mA (±10%)
Operating Current
Nominal
Drop-out
Voltage
V DC (min.)
Pick-up Voltage
V DC (max.)
V DC
Voltage
Nominal
N.O.
N.O.
N.C.
COM
COM
360
100
1,600
400
69.4
6,400
60
15
30
72
7.5
0.6
2.4
1.2
0.5
4.8
4.2
16.8
8.4
3.5
33.6
48
5
12
24
6
130%V
of nominal
Voltage
RPS-1A-X
RPS-1C-X
Recommended PCB Layout
1 Form C
Schematic
1 Form C
RPS-1A-24
Schematic
1 Form A


Similar Part No. - RT25

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RT25 VISHAY-RT25 Datasheet
118Kb / 3P
   Wirewound Rheostat/Potentiometer
Revision: 24-Sep-08
logo
Adam Technologies, Inc.
RT25 ADAM-TECH-RT25 Datasheet
156Kb / 2P
   RELAY SIGNAL RELAY THRU-HOLE-RT2
logo
Vishay Siliconix
RT25 VISHAY-RT25 Datasheet
122Kb / 4P
   Wirewound Rheostat / Potentiometer
Revision: 24-Aug-16
RT25 VISHAY-RT25 Datasheet
104Kb / 4P
   Wirewound Rheostat / Potentiometer
01-Jan-2022
logo
List of Unclassifed Man...
RT2512 ETC1-RT2512 Datasheet
41Kb / 2P
   Thin Film Chip Resistors
More results

Similar Description - RT25

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
RT1-5 ADAM-TECH-RT1-5 Datasheet
151Kb / 2P
   RELAY LOW PROFILE SMT SIGNAL RELAY-TYPE RT1
RT1-XX ADAM-TECH-RT1-XX Datasheet
105Kb / 1P
   LOW PROFILE SMT SIGNAL RELAY
logo
Tyco Electronics
RT114005 MACOM-RT114005_05 Datasheet
243Kb / 4P
   Power PCB Relay RT1
1-1393240-1 MACOM-1-1393240-1 Datasheet
479Kb / 4P
   Power PCB Relay RT1
logo
TE Connectivity Ltd
RT1 TEC-RT1 Datasheet
492Kb / 4P
   Power PCB Relay RT1
logo
Tyco Electronics
2-1419108-8 MACOM-2-1419108-8 Datasheet
618Kb / 3P
   Power PCB Relay RT1
2-1393238-1 MACOM-2-1393238-1 Datasheet
726Kb / 4P
   Power PCB Relay RT1
2-1393238-5 MACOM-2-1393238-5 Datasheet
726Kb / 4P
   Power PCB Relay RT1
6-1393238-2 MACOM-6-1393238-2 Datasheet
492Kb / 4P
   Power PCB Relay RT1
RTD34012F MACOM-RTD34012F Datasheet
669Kb / 3P
   Power PCB Relay RT1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com