Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV9103PJ Datasheet(PDF) 1 Page - Supertex, Inc

Part # HV9103PJ
Description  High-Voltage Switchmode Controllers with MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV9103PJ Datasheet(HTML) 1 Page - Supertex, Inc

  HV9103PJ Datasheet HTML 1Page - Supertex, Inc HV9103PJ Datasheet HTML 2Page - Supertex, Inc HV9103PJ Datasheet HTML 3Page - Supertex, Inc HV9103PJ Datasheet HTML 4Page - Supertex, Inc HV9103PJ Datasheet HTML 5Page - Supertex, Inc HV9103PJ Datasheet HTML 6Page - Supertex, Inc HV9103PJ Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
General Description
The Supertex HV9100 through HV9103 are a series of BiCMOS/
DMOS single-output, pulse width modulator ICs intended for use
in high-speed high-efficiency switchmode power supplies. They
provide all the functions necessary to implement a single-switch
current-mode PWM, in any topology, with a minimum of external
parts.
Utilization of Supertex proprietary BiCMOS/DMOS technology
results in a device with one tenth of the operating power of
conventional bipolar PWM ICs, which can operate at more than
twice their switching frequency. Dynamic range for regulation is
also increased, to approximately 8 times that of similar bipolar
parts. They start directly from any DC input voltage between 10
and 70VDC for the HV9100 or 10 to 120VDC for the HV9102 and
HV9103, requiring no external power resistor. The output stage
for the HV9100 is a 150V, 5.0 ohm MOSFET and for the HV9102
and HV9103 is a 200V, 7.0 ohm MOSFET. The clock frequency
is set with a single external resistor.
Accessory functions are included to permit fast remote shutdown
(latching or nonlatching), and undervoltage shutdown.
Absolute Maximum Ratings
+V
IN, Input Voltage
120V
V
DS
200V
VDD, Logic Voltage
15.0V
Input Voltage Logic, Linear, FB and Sense -0.3V to V
DD+0.3V
I
D (Peak)
2.5A
Storage Temperature
-65
°C to 150°C
Power Dissipation, Plastic DIP
750mW
Power Dissipation, PLCC
1400mW
Applications
❏ DC/DC Converters
❏ Distributed Power Systems
❏ ISDN Equipment
❏ PBX Systems
❏ Modems
Features
❏ 10 to 120V input range
❏ 200V, 7.0Ω output MOSFET
❏ Current-Mode Control
❏ High Efficiency
❏ Up to 1MHz Internal Oscillator
❏ Internal Start-up Circuit
+V
IN
Feedback
Max
MOSFET Switch
Package Options
Min
Max
Voltage
Duty Cycle
BV
DSS
R
DS (ON)
14 Pin Plastic DIP
20 Pin Plastic PLCC
10V
70V
± 1.0%
49%
150V
5.0
HV9100P
HV9100PJ
10V
120V
± 1.0%
49%
200V
7.0
HV9102P
HV9102PJ
10V
120V
±1.0%
99%
200V
7.0
HV9103P
HV9103PJ
Standard temperature range for all parts is industrial (-40
° to +85°C).
Ordering Information
High-Voltage Switchmode Controllers with MOSFET
For detailed circuit and application information, please refer
to application notes AN-H13 and AN-H21 to AN-H24.
HV9100
HV9102
HV9103
11/12/01
Supertex Inc. does not recommend the use of its products in life support applications and will not knowingly sell its products for use in such applications unless it receives an adequate "products liability
indemnification insurance agreement." Supertex does not assume responsibility for use of devices described and limits its liability to the replacement of devices determined to be defective due to
workmanship. No responsibility is assumed for possible omissions or inaccuracies. Circuitry and specifications are subject to change without notice. For the latest product specifications, refer to the
Supertex website: http://www.supertex.com. For complete liability information on all Supertex products, refer to the most current databook or to the Legal/Disclaimer page on the Supertex website.


Similar Part No. - HV9103PJ

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9105 SUTEX-HV9105 Datasheet
320Kb / 7P
   High-Voltage Switchmode Controllers with MOSFET
HV9105P SUTEX-HV9105P Datasheet
320Kb / 7P
   High-Voltage Switchmode Controllers with MOSFET
HV9105PJ SUTEX-HV9105PJ Datasheet
320Kb / 7P
   High-Voltage Switchmode Controllers with MOSFET
HV9108 SUTEX-HV9108 Datasheet
320Kb / 7P
   High-Voltage Switchmode Controllers with MOSFET
HV9108P SUTEX-HV9108P Datasheet
320Kb / 7P
   High-Voltage Switchmode Controllers with MOSFET
More results

Similar Description - HV9103PJ

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9105 SUTEX-HV9105 Datasheet
320Kb / 7P
   High-Voltage Switchmode Controllers with MOSFET
logo
Teledyne Technologies I...
TSC9110 TELEDYNE-TSC9110 Datasheet
457Kb / 7P
   high-voltage switchmode controllers
logo
Vishay Siliconix
SI9110 VISHAY-SI9110_V01 Datasheet
170Kb / 10P
   High-Voltage Switchmode Controllers
01-Jan-2022
SI9110 VISHAY-SI9110 Datasheet
107Kb / 8P
   High-Voltage Switchmode Controllers
Rev. H, 15-Nov-04
SI9110 VISHAY-SI9110_11 Datasheet
167Kb / 9P
   High-Voltage Switchmode Controllers
Rev. I, 16-May-11
SI9112 VISHAY-SI9112 Datasheet
71Kb / 6P
   High-Voltage Switchmode Controller
Rev. H, 15-Nov-04
SI9112 VISHAY-SI9112_V01 Datasheet
161Kb / 9P
   High-Voltage Switchmode Controller
01-Jan-2022
SI9104 VISHAY-SI9104 Datasheet
121Kb / 5P
   High-Voltage Switchmode Regulator
Rev. B, 16-Apr-01
SI9104 VISHAY-SI9104_V01 Datasheet
175Kb / 8P
   High-Voltage Switchmode Regulator
02-Oct-12
SI9102 VISHAY-SI9102_07 Datasheet
277Kb / 10P
   3-W High-Voltage Switchmode Regulator
Rev. H, 19-Mar-07
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com