Selected language     English  ā–¼


D-120 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part No. D-120
Description  120W Dual Output Switching Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MEANWELL [Mean Well Enterprises Co., Ltd.]
Homepage  http://www.meanwell.com
Logo 

   
 1 page
background image
D-120A
D-120B
5V
5V
CH1
12V
CH2
24V
CH2
12A
6A
5A
4A
2~12A
2~10A
0.5~5A
0.4~4A
120W
126W
60mVp-p
120mVp-p
150mVp-p
60mVp-p
CH1:4.75~5.5V
2.0%
2.0%
6.0%
7.0%
0.5%
0.5%
1.0%
1.0%
0.5%
0.5%
5.0%
6.0%
SPECIFICATION
MODEL
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
OUTPUT
VOLTAGE ADJ.RANGE
LINEREGULATION
LOADREGULATION
SETUP,RISE,HOLDTIME
VOLTAGERANGE
FREQUENCY RANGE
EFFICIENCY (Typ.)
INPUT
INRUSHCURRENT(max.)
LEAKAGECURRENT
SAFETY STANDARDS
HARMONICCURRENT
EMSIMMUNITY
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
OVERVOLTAGE
ACCURRENT
200ms,50ms,20msatfullload
88~132VAC/176~264VACselectedbyswitch248~370VDC
47~63Hz
78%
80%
2.8A/115VAC1.6A/230VAC
COLDSTART 35A
<3.5mA /240VAC
105~135% ratedoutputpower
CH1:5.75~6.75VDC
Protectiontype:Shutdowno/pvoltage,re-powerontorecover
Protectiontype: Shutdowno/pvoltage,re-powerontorecover
UL60950-1, TUVEN60950-1 Approved
-10~+60
(Refertooutputloadderatingcurve)
20~90%RHnon-condensing
-20~+85
,10~95%RH
0.03%/
(0~50
)on+5Voutput
10~500Hz,2G10min./1cycle,60min.eachalongX, Y,Zaxes
272.8Khrsmin.MIL-HDBK-217F(25
)
199*110*50mm(L*W*H)
0.82Kg;16pcs/14.2Kg/0.95CUFT
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives.
FileName:D-120-SPEC2004-11-30
CompliancetoEN55022(CISPR22)ClassB
Complianceto EN61000-3-2,-3
CompliancetoEN61000-4-2,3,4,5,6,8,11;ENV50204,EN55024,Lightindustrylevel,criteria A
120WDualOutputSwitchingPowerSupply
AC input range selected by switch
Protections:Short circuit/Over load/Over voltage
Cooling by free air convection
100% full load burn-in test
Fixed switching frequency at 28KHz
2 years warranty
Features :
D - 1 2 0 series
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:3KVACI/P-FG:1.5KVACO/P-FG:0.5KVAC
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC
ENVIRONMENT
EMICONDUCTION&RADIATION
SAFETY &
EMC
(Note4)
PROTECTION
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
CH1
OUTPUTNUMBER




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
RJK6014DPPSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp
AD-120120W Dual Output Switching Power Supply 1 2 3 4 5 MoreAstrodyne Corporation
RD-6565W Dual Output Switching Power Supply 1 2 Astrodyne Corporation
D-3030W Dual Output Switching Power Supply 1 2 Mean Well Enterprises Co., Ltd.
RD-8585W Dual Output Switching Power Supply 1 2 Astrodyne Corporation
PSRL0402D400 Watt with Airflow Medical Approved Dual Output AC/DC Switching Power Supply with Active PFC 1 2 3 4 Wall Industries,Inc.
D-5050W Dual Output Switching Power Supply 1 2 Mean Well Enterprises Co., Ltd.
RD-125125W Dual Output Switching Power Supply 1 2 3 4 Astrodyne Corporation
PSPRL9802DActive PFC 200 Watt Dual Output AC/DC Switching Power Supply 1 2 3 Wall Industries,Inc.
D-6060W Dual Output Switching Power Supply 1 2 Mean Well Enterprises Co., Ltd.

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl