Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XO5167B1D Datasheet(PDF) 5 Page - MTRONPTI

Part # XO5167B1D
Description  14 DIP, 3.3 or 5.0 Volt, HCMOS Compatible Output, OCXO
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MTRONPTI [MTRONPTI]
Direct Link  http://www.mtronpti.com
Logo MTRONPTI - MTRONPTI

XO5167B1D Datasheet(HTML) 5 Page - MTRONPTI

  XO5167B1D Datasheet HTML 1Page - MTRONPTI XO5167B1D Datasheet HTML 2Page - MTRONPTI XO5167B1D Datasheet HTML 3Page - MTRONPTI XO5167B1D Datasheet HTML 4Page - MTRONPTI XO5167B1D Datasheet HTML 5Page - MTRONPTI XO5167B1D Datasheet HTML 6Page - MTRONPTI XO5167B1D Datasheet HTML 7Page - MTRONPTI  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application.
Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact MtronPTI for your application specific requirements at 800.762.8800 toll free or 605.665.9321.
MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application.
Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact MtronPTI for your application specific requirements at 800.762.8800 toll free or 605.665.9321.
5
Handling Information
Quality Parameters
Although protection circuitry has been designed into the XO5166 & XO5167 OCXO, proper precautions
should be taken to avoid exposure to electrostatic discharge (ESD) during handling and mounting.
MtronPTI utilizes a human-body model (HBM) and a machine model (MM) for ESD-susceptibility test-
ing and protection design evaluation. ESD voltage thresholds are dependent on the circuit parameters
usedtodefinethemodel.AstandardHBM(resistance=1500Ω,capacitance=100pF)andaMM
(capacitance=200pF)wereusedforESDthresholdtestingofthisproduct.
XO5166 and XO5167 Series
14 DIP, 3.3 or 5.0 Volt, HCMOS Compatible Output, OCXO
Part Marking Guide
Line 1: Model Number
Line 2: Frequency
Line 3: MtronPTI
Line 4: Date Code
Model
ESD Threshold, Minimum
Unit
Human Body
2000
V
Machine Model
200
V


Similar Part No. - XO5167B1D

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
XO5160 MTRONPTI-XO5160 Datasheet
57Kb / 1P
   Standard DIP/DIL Package
XO5160 MTRONPTI-XO5160 Datasheet
220Kb / 1P
   14 pin DIP, 5.0 Volt, HCMOS/TTL, OCXO
XO5160 MTRONPTI-XO5160 Datasheet
262Kb / 2P
   14 pin DIP, 5.0 Volt, HCMOS/TTL, OCXO
XO5160AR1 MTRONPTI-XO5160AR1 Datasheet
262Kb / 2P
   14 pin DIP, 5.0 Volt, HCMOS/TTL, OCXO
XO5160AR1-R MTRONPTI-XO5160AR1-R Datasheet
262Kb / 2P
   14 pin DIP, 5.0 Volt, HCMOS/TTL, OCXO
More results

Similar Description - XO5167B1D

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
XO5165 MTRONPTI-XO5165 Datasheet
247Kb / 1P
   14 pin DIP, 5.0 or 3.3 Volt, HCMOS, OCXO
XO5164 MTRONPTI-XO5164 Datasheet
245Kb / 1P
   14 pin DIP, 3.3 Volt, HCMOS, OCXO
XO5160 MTRONPTI-XO5160_07 Datasheet
262Kb / 2P
   14 pin DIP, 5.0 Volt, HCMOS/TTL, OCXO
XO5160 MTRONPTI-XO5160 Datasheet
220Kb / 1P
   14 pin DIP, 5.0 Volt, HCMOS/TTL, OCXO
logo
Raltron Electronics Cor...
VC-VE7850A-LZ-100-FREQ-EL RALTRON-VC-VE7850A-LZ-100-FREQ-EL Datasheet
23Kb / 1P
   3.3 & 5.0 VOLT - DIP 14
logo
MTRONPTI
XO5162 MTRONPTI-XO5162 Datasheet
216Kb / 1P
   14 pin DIP, 5.0 Volt, Sinewave, OCXO
MV11V1AD MTRONPTI-MV11V1AD Datasheet
275Kb / 1P
   14 DIP, 5.0 Volt, HCMOS/TTL, VCXO
MV MTRONPTI-MV_07 Datasheet
396Kb / 1P
   14 DIP, 5.0 Volt, HCMOS/TTL, VCXO
MTXO MTRONPTI-MTXO Datasheet
242Kb / 1P
   14 DIP, 5.0 Volt, HCMOS/TTL, TCXO
K1523BA MTRONPTI-K1523BA_07 Datasheet
534Kb / 2P
   14 DIP, 5.0 Volt, TTL/HCMOS, VCXO
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com