Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M12542GE Datasheet(PDF) 2 Page - MTRONPTI

Part # M12542GE
Description  Surface Mount Crystal 2.5 x 4.0 x 0.75 mm
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MTRONPTI [MTRONPTI]
Direct Link  http://www.mtronpti.com
Logo MTRONPTI - MTRONPTI

M12542GE Datasheet(HTML) 2 Page - MTRONPTI

  M12542GE Datasheet HTML 1Page - MTRONPTI M12542GE Datasheet HTML 2Page - MTRONPTI  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application.
Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact us for your application specific requirements: MtronPTI 1-800-762-8800.
MtronPTI Lead Free Solder Profile


Similar Part No. - M12542GE

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
M12542GE MTRONPTI-M12542GE Datasheet
254Kb / 1P
   Surface Mount Crystal 2.5 x 4.0 x 0.75 mm
M12542GE MTRONPTI-M12542GE Datasheet
267Kb / 2P
   Surface Mount Crystal
M12542GES MTRONPTI-M12542GES Datasheet
267Kb / 2P
   Surface Mount Crystal
M12542GEXX MTRONPTI-M12542GEXX Datasheet
267Kb / 2P
   Surface Mount Crystal
More results

Similar Description - M12542GE

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
M1254 MTRONPTI-M1254 Datasheet
254Kb / 1P
   Surface Mount Crystal 2.5 x 4.0 x 0.75 mm
M1253 MTRONPTI-M1253 Datasheet
253Kb / 1P
   Surface Mount Crystal 2.5 x 3.2 x 0.65 mm
logo
Kingbright Corporation
AA4040 KINGBRIGHT-AA4040 Datasheet
99Kb / 5P
   4.0 X 4.0 MM SURFACE MOUNT LED LAMP
logo
Transko Electronics, In...
CS42 TRANSKO-CS42 Datasheet
203Kb / 1P
   MINIATURE CERAMIC SMD CRYSTAL (4.0 x 2.5 x 0.75mm)
Rev. 3: 10-10-19
logo
Abracon Corporation
ASEK-1 ABRACON-ASEK-1 Datasheet
772Kb / 2P
   3.2 x 2.5 x 1.2 mm 32.768kHz CERAMIC SURFACE MOUNT CRYSTAL OSCILLATOR
03.03.09
ASDK ABRACON-ASDK Datasheet
707Kb / 2P
   2.5 x 2.0 x 0.95 mm 32.768kHz CERAMIC SURFACE MOUNT CRYSTAL OSCILLATOR
03.03.09
ASEK ABRACON-ASEK Datasheet
709Kb / 2P
   3.2 x 2.5 x 1.2 mm 32.768kHz CERAMIC SURFACE MOUNT CRYSTAL OSCILLATOR
03.03.09
logo
HK TO-GRACE TECHNOLOGY ...
KA-4040CGCKT TO-GRACE-KA-4040CGCKT Datasheet
894Kb / 4P
   4.0 x 4.0 mm Right Angle Surface Mount LED Lamp
KA-4040SECKT TO-GRACE-KA-4040SECKT Datasheet
889Kb / 4P
   4.0 x 4.0 mm Right Angle Surface Mount LED Lamp
logo
Kingbright Corporation
AA4040LCGCK-AMT KINGBRIGHT-AA4040LCGCK-AMT Datasheet
545Kb / 5P
   4.0 x 4.0 mm Right Angle Surface Mount LED Lamp
Rev No: V.2B Date: 03/21/2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com