Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV9904LG Datasheet(PDF) 5 Page - Supertex, Inc

Part # HV9904LG
Description  HV9904 Multi Converter Controller
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV9904LG Datasheet(HTML) 5 Page - Supertex, Inc

  HV9904LG Datasheet HTML 1Page - Supertex, Inc HV9904LG Datasheet HTML 2Page - Supertex, Inc HV9904LG Datasheet HTML 3Page - Supertex, Inc HV9904LG Datasheet HTML 4Page - Supertex, Inc HV9904LG Datasheet HTML 5Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Prepare by Telecom Group
5
Rev. D
3/29/2002
Supertex, Inc. 1235 Bordeaux Drive, Sunnyvale, CA 94089 TEL: (408) 744-0100 FAX: (408) 222-4895 www.supertex.com
HV9904
Application Information - Continued
Non-Isolated Constant Voltage Output PWM
PS
GATE
+Vin
Vdd
AGND
HV9904
1mH
220uH
100uF
10VDC to 400VDC
or
VAC to 265VAC
25k
VN2460N8
or
IRFBC30AS
1uF
0.01uF
PGND
NS
0.1uF
C1
D1
D2
D4 D3
C2
L1
L2
C3
C4
MURS120T3
D6
D7
R1
M1
U1
400V
1N4007
D5
MURS120T3
MURS120T3
Universal Input Power Supply
R2
25k
-5V
This circuit provides a non-isolated constant voltage output. The
value of C4 capacitor controls the peak-to-peak ripple, which
decreases with increasing capacitor value. The following BOM
provides a list of suggested components.
Item Number
Quantity
Reference
Value
Manufacturer
1
1
C1
0.1
µF, 500V
Vishay
2
1
C2
1
µF, 15V
Vishay
3
1
C3
0.01
µF, 500V
Vishay
4
1
C4
100
µF, 6.3V
Panasonic
5
4
D1, D2, D3, D4
1N4007
On Semiconductor
6
3
D5, D6, D7
MURS120T3
On Semiconductor
7
1
L1
DO1608C-105
Coilcraft
8
1
L2
DO1608C-224
Coilcraft
9
1
M1
VN2460N8
Supertex
10
1
R1
25k
11
1
R2
25k
12
1
U1
HV9904LG
Supertex
Total Part Count
17


Similar Part No. - HV9904LG

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9901 SUTEX-HV9901 Datasheet
75Kb / 6P
   Universal Relay Driver
HV9901 SUTEX-HV9901 Datasheet
580Kb / 7P
   Universal Relay Driver
logo
Microchip Technology
HV9901 MICROCHIP-HV9901 Datasheet
498Kb / 16P
   Universal Relay Driver
06/23/16
logo
Supertex, Inc
HV9901DB1 SUTEX-HV9901DB1 Datasheet
219Kb / 2P
   Universal Relay Driver
HV9901NG SUTEX-HV9901NG Datasheet
75Kb / 6P
   Universal Relay Driver
More results

Similar Description - HV9904LG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3101 LINER-LTC3101 Datasheet
421Kb / 32P
   Wide VIN, Multi-Output DC/DC Converter and PowerPath Controller
LTC3101 LINER-LTC3101_15 Datasheet
541Kb / 34P
   Wide VIN, Multi-Output DC/DC Converter and PowerPath Controller
LTC3101 LINER-LTC3101_10 Datasheet
537Kb / 34P
   Wide VIN, Multi-Output DC/DC Converter and PowerPath Controller
logo
ON Semiconductor
NCP81233 ONSEMI-NCP81233 Datasheet
320Kb / 44P
   Multi?륯hase Controller
March, 2017 ??Rev. P1
logo
Semtech Corporation
SC2643VX SEMTECH-SC2643VX Datasheet
189Kb / 11P
   Multi-Platform Multi-Phase PWM Controller
SC2647 SEMTECH-SC2647 Datasheet
211Kb / 11P
   Multi-Platform Multi-Phase PWM Controller
logo
Qorvo, Inc
QPG7015M QORVO-QPG7015M Datasheet
231Kb / 4P
   Multi-Protocol Multi-Channel Communications Controller
logo
Renesas Technology Corp
ISL6244 RENESAS-ISL6244 Datasheet
1Mb / 25P
   Multi-Phase PWM Controller
ISL6559 RENESAS-ISL6559 Datasheet
1Mb / 21P
   Multi-Phase PWM Controller
logo
Realtek Semiconductor C...
RTD2556-CG REALTEK-RTD2556-CG Datasheet
1Mb / 22P
   MULTI-FUNCTION DISPLAY CONTROLLER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com