Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV9906P Datasheet(PDF) 9 Page - Supertex, Inc

Part # HV9906P
Description  Simple Off-Line/PFC & >9V DC/DC Switcher
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV9906P Datasheet(HTML) 9 Page - Supertex, Inc

Back Button HV9906P Datasheet HTML 2Page - Supertex, Inc HV9906P Datasheet HTML 3Page - Supertex, Inc HV9906P Datasheet HTML 4Page - Supertex, Inc HV9906P Datasheet HTML 5Page - Supertex, Inc HV9906P Datasheet HTML 6Page - Supertex, Inc HV9906P Datasheet HTML 7Page - Supertex, Inc HV9906P Datasheet HTML 8Page - Supertex, Inc HV9906P Datasheet HTML 9Page - Supertex, Inc HV9906P Datasheet HTML 10Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
07/23/02
Supertex, Inc. 1235 Bordeaux Drive, Sunnyvale, CA 94089 TEL: (408) 744-0100 FAX: (408) 222-4895 www.supertex.com
HV9906
Application Information
Universal Input Non-Isolated Constant 10mA Average Current LED Lamp Power Supply
PS
GATE
+Vin
Vdd
AGND
HV9906
1mH
220uH
Optional
12VDC to 400VDC
or
65VAC to 280VAC
1 to 8
LEDs
250
VN2460N8
1uF
to
6.8uF
0.01uF
10mA
PGND
NS
0.1uF
C1
D1 D2
D4 D3
C2
L1
L2
C3
C4
MURS120T3
D6
D7
R5
M1
U1
400V
1N4007
D5
MURS120T3
MURS120T3
R1
R2
R3
R4
8M
100k
700k
200k
Von
-
+
This circuit provides a constant average current output, which may
be used to power LED lamps. The circuit maintains a constant
average current and the value of C4 capacitor controls the peak-to-
peak ripple, which decreases with increasing capacitor value.
If current ripple is permissible then C4 may be omitted.
Universal Input Non-Isolated Constant 0.5A Average Current LED Lamp Power Supply
PS
GATE
+Vin
Vdd
AGND
HV9906
56uH
15uH
Optional
12VDC to 400VDC
or
65VAC to 280VAC
100
IRFBC30AF
1uF
to
6.8uF
0.033uF
PGND
NS
0.047uF
C1
D1 D2
D4 D3
C2
L1
L2
C3
C4
MURS160
D6
D7
R5
M1
U1
400V
1N4007
D5
MURS160
MURS160
R1
R2
R3
R4
8M
100k
900k
300k
Von
LED-1
Row 1
20mA
LED-9
Row 1
LED-1
Row 2
20mA
LED-9
Row 2
LED-10
Row 2
LED-1
Row 3
20mA
LED-10
Row 3
LED-9
Row 3
LED-1
Row 25
20mA
LED-9
Row 25
LED-10
Row 25
Q1
Q2
Q3
Q25
NPN Bipolar Transistor Array or Matched 2N2222
Negative Voltage
-
+
This circuit provides 0.5A constant average current output to power
249 LEDs , each operating at 20mA to form a large LED lamp or
array. The circuit maintains a constant average current and the
value of C4 capacitor controls the peak-to-peak ripple, which
decreases with increasing capacitor value.
If current ripple is permissible then C4 may be omitted.


Similar Part No. - HV9906P

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9906P SUTEX-HV9906P Datasheet
281Kb / 11P
   Simple Off-Line/PFC & >9V DC/DC Switcher
More results

Similar Description - HV9906P

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9906 SUTEX-HV9906_04 Datasheet
281Kb / 11P
   Simple Off-Line/PFC & >9V DC/DC Switcher
logo
List of Unclassifed Man...
2VP5U9 ETC1-2VP5U9 Datasheet
481Kb / 6P
   DC/DC CONVERTERS - 9V OUTPUT
logo
ON Semiconductor
NCP1075A ONSEMI-NCP1075A Datasheet
442Kb / 33P
   Enhanced Off-line Switcher
November, 2017 ??Rev. 2
logo
Sanken electric
LC5222D SANKEN-LC5222D Datasheet
271Kb / 11P
   Off-Line DC / DC LED Driver ICs
LC5223D SANKEN-LC5223D Datasheet
260Kb / 10P
   Off-Line DC / DC LED Driver ICs
logo
AiT Semiconductor Inc.
A7142 AITSEMI-A7142 Datasheet
490Kb / 10P
   DC-DC CONVERTER/ BUCK (STEP-DOWN) SIMPLE SWITCHER POWER CONVERTER 150kHz, 2A PWM
REV2.1
logo
Pulse A Technitrol Comp...
P0841NL PULSE-P0841NL Datasheet
173Kb / 2P
   Simple Switcher
logo
Supertex, Inc
HV9906DB3 SUTEX-HV9906DB3 Datasheet
200Kb / 3P
   Off-Line PFC Current Source Controller
logo
Linear Technology
LT1246 LINER-LT1246_15 Datasheet
262Kb / 12P
   1MHz Off-Line Current Mode PWM and DC/DC Converter
LT1246 LINER-LT1246 Datasheet
290Kb / 12P
   1MHz Off-Line Current Mode PWM and DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com