Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1719CS8 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1719CS8
Description  4.5ns Single/Dual Supply 3V/5V Comparator with Rail-to-Rail Output
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1719CS8 Datasheet(HTML) 3 Page - Linear Technology

  LT1719CS8 Datasheet HTML 1Page - Linear Technology LT1719CS8 Datasheet HTML 2Page - Linear Technology LT1719CS8 Datasheet HTML 3Page - Linear Technology LT1719CS8 Datasheet HTML 4Page - Linear Technology LT1719CS8 Datasheet HTML 5Page - Linear Technology LT1719CS8 Datasheet HTML 6Page - Linear Technology LT1719CS8 Datasheet HTML 7Page - Linear Technology LT1719CS8 Datasheet HTML 8Page - Linear Technology LT1719CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
LT1719
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOL
Output Low Voltage
ISINK = 10mA, VIN = VTRIP– – 10mV
q
0.4
V
tPD20
Propagation Delay
VOVERDRIVE = 20mV (Note 9)
VEE = 0V(LT1719S8)
4.5
6.5
ns
V= 0V(LT1719S6)
q
8.0
ns
VOVERDRIVE = 20mV, VEE = – 5V
(LT1719S8 only)
4.2
ns
tPD5
Propagation Delay
VOVERDRIVE = 5mV (Notes 9, 10) VEE = 0V(LT1719S8)
7
10
ns
V= 0V(LT1719S6)
q
13
ns
tSKEW
Propagation Delay Skew
(Note 11)
0.5
1.5
ns
tr
Output Rise Time
10% to 90%
2.5
ns
tf
Output Fall Time
90% to 10%
2.2
ns
tJITTER
Output Timing Jitter
VIN = 1.2VP-P (6dBm), ZIN = 50Ω
tPD+
15
psRMS
f = 20MHz
tPD
11
psRMS
fMAX
Maximum Toggle Frequency
VOVERDRIVE = 50mV, +VS or V
+ = 3V
70
MHz
VOVERDRIVE = 50mV, +VS or V+ = 5V
62.5
MHz
tOFF
Turn-Off Delay
Time to ZOUT ≥10kΩ
75
ns
tON
Wake-Up Delay
Time to VOH or VOL, ILOAD = 1mA
350
ns
ICC
Positive Input Stage Supply Current
+ VS = VCC = 5V, VEE = – 5V
q
1.0
2.2
mA
(LT1719S8 0nly) + VS = VCC = 3V, VEE = 0V
q
0.9
1.8
mA
IEE
Negative Input Stage Supply Current
+ VS = VCC = 5V, VEE = – 5V
q
– 4.8
– 2.6
mA
(LT1719S8 0nly) + VS = VCC = 3V, VEE = 0V
q
– 3.8
– 2.2
mA
IS
Positive Output Stage Supply Current
+ VS = VCC = 5V, VEE = – 5V
q
4.2
8
mA
(LT1719S8 0nly) VS = VCC = 3V, VEE = 0V
q
3.3
6
mA
I+
Supply Current
(LT1719S6) V+ = 5V
q
4.6
9
mA
V+ = 3V
q
4.2
7
mA
ISHDN5
Shutdown Pin Current
+VS or V+ = 5V
q
–300
–110
–30
µA
ISHDN3
Shutdown Pin Current
+VS or V+ = 3V
q
–200
–80
–20
µA
ICCS
Disabled Supply Currents (LT1719S8) + VS = 6V, VCC = 5V, VEE = – 5V
q
0.2
30
µA
ISS
(LT1719S8) VSHDN = +VS – 0.5V
q
750
µA
IEES
(LT1719S8)
q
– 30
– 0.2
µA
I+S
(LT1719S6) V+ = 6V, VSHDN = +VS – 0.5V
q
780
µA
ICCSO
(LT1719S8) + VS = 6V, VCC = 5V, VEE = – 5V
q
0.1
20
µA
ISSO
(LT1719S8) Shutdown Pin Open
q
0.1
20
µA
IEEO
(LT1719S8)
q
– 20
0.1
µA
I+O
(LT1719S6) V+ = 6V, Shutdown Pin Open
q
0.2
40
µA
ELECTRICAL CHARACTERISTICS The q denotes specifications that apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. VCM = 1V, VSHDN = 0.5V, VOVERDRIVE = 20mV, COUT = 10pF and for the LT1719S8
VCC = +VS = 5V and VEE = –5V, for the LT1719S6 V
+ = 5V, V= 0V, unless otherwise specified.
Note 1: Absolute Maximum Ratings are those values beyond which the
life of a device may be impaired.
Note 2: If one input is within these common mode limits, the other
input can go outside the common mode limits and the output will be
valid.
Note 3: The LT1719 comparator includes internal hysteresis. The trip
points are the input voltage needed to change the output state in each
direction. The offset voltage is defined as the average of VTRIP+ and
VTRIP
, while the hysteresis voltage is the difference of these two.
Note 4: The LT1719S8 common mode rejection ratio is measured with
VCC = 5V, VEE = – 5V and is defined as the change in offset voltage
measured from VCM = – 5.1V to VCM = 3.8V, divided by 8.9V.
Note 5: The LT1719S6 common mode rejection ratio is measured
with V+ = 5V and is defined as the change in offset voltage measured
from VCM = –0.1V to VCM = 3.8V, divided by 3.9V.
Note 6: The LT1719S8 power supply rejection ratio is measured with
VCM = 1V and is defined as the worst of: the change in offset voltage
from VEE = – 5.5V to VEE = 0V divided by 5.5V, or the change in offset
voltage from VCC = + VS = 2.7V to VCC = + VS = 6V (with VEE = 0V)
divided by 3.3V.
Note 7: The 1719S6 power supply rejection ratio is measured with
VCM = 1V and is defined as the change in offset voltage measured from
V+ = 2.7V to V+ = 6V, divided by 3.3V.


Similar Part No. - LT1719CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1719CS8 LINER-LT1719CS8 Datasheet
217Kb / 16P
   4.5ns Single/Dual Supply 3V/5V Comparator with Rail-to-Rail Output
More results

Similar Description - LT1719CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1719 LINER-LT1719 Datasheet
217Kb / 16P
   4.5ns Single/Dual Supply 3V/5V Comparator with Rail-to-Rail Output
LT1719 LINER-LT1719_15 Datasheet
220Kb / 22P
   4.5ns Single/Dual Supply 3V/5V Comparator with Rail-to-Rail Output
LT1711 LINER-LT1711_15 Datasheet
226Kb / 12P
   Single/Dual 4.5ns, 3V/5V/5V, Rail-to-Rail Comparators
LT1711 LINER-LT1711 Datasheet
214Kb / 12P
   Single/Dual 4.5ns, 3V/5V, Rail-to-Rail Comparators
LT1712 LINER-LT1712_15 Datasheet
226Kb / 12P
   Single/Dual 4.5ns, 3V/5V/5V, Rail-to-Rail Comparators
LT1721 LINER-LT1721_15 Datasheet
273Kb / 28P
   Dual/Quad, 4.5ns, Single Supply 3V/5V Comparators with Rail-to-Rail Outputs
LT1720 LINER-LT1720_15 Datasheet
273Kb / 28P
   Dual/Quad, 4.5ns, Single Supply 3V/5V Comparators with Rail-to-Rail Outputs
LT1720 LINER-LT1720 Datasheet
317Kb / 28P
   Dual/Quad, 4.5ns, Single Supply 3V/5V Comparators with Rail-to-Rail Outputs
logo
Maxim Integrated Produc...
MAX49140 MAXIM-MAX49140 Datasheet
394Kb / 13P
   30ns, Low-Power, 3V/5V, Rail-to-Rail Single-Supply Comparator
2020
MAX4460 MAXIM-MAX4460_V01 Datasheet
431Kb / 20P
   SOT23, 3V/5V, Single-Supply, Rail-to-Rail Instrumentation Amplifiers
2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com