Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GC30U-2 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # GC30U-2
Description  16.8 ~ 30WAC-DC Power Adaptor with Charger Function
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

GC30U-2 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  GC30U-2 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. GC30U-2 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPECIFICATION
GC30U-0P1J
GC30U-1P1J
GC30U-11P1J
GC30U-2P1J
GC30U-4P1J
GC30U-5P1J
GC30U-6P1J
ORDERNO.
SAFETY MODEL NO.
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
RIPPLE&NOISE(max.) Note.3
OUTPUT
SETUP,RISE,HOLDUP TIME
VOLTAGERANGE
FREQUENCY RANGE
EFFICIENCY (Typ.)
Note.7
ACCURRENT
INPUT
ENVIRONMENT
INRUSHCURRENT(max.)
LEAKAGECURRENT(max.)
SAFETY STANDARDS
SAFETY &
EMC
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
DIMENSION
OTHERS
NOTE
PACKING
PROTECTION
4.2V
5.6V
7.2V
8.4V
14.3V
16.8V
28.6V
GC30U-0
GC30U-1
GC30U-11
GC30U-2
GC30U-4
GC30U-5
GC30U-6
4A
3.99A
3A
3A
2.09A
1.6A
1.04A
0~4A
0~3.99A
0~3A
0~3A
0~2.09A
0~1.6A
0~1.04A
16.8W
22.38W
21.6W
25.2W
30W
27W
30W
50mVp-p
50mVp-p
80mVp-p
80mVp-p
100mVp-p
100mVp-p
150mVp-p
LINEREGULATION
Note.5
1.0%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
200ms,50ms,16msatfullload
90~264VAC127~370VDC
47~63Hz
55%
70%
74%
76%
78%
78%
80%
1A /100VAC
40A /230VAC
0.25mA /240VAC
UL60950-1,CSA22.2approved
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:3KVAC
I/P-O/P:100MOhms/500VDC /25
/70%RH
0~+50
(Refertooutputloadderatingcurve)
20%~90%RHnon-condensing
-20~+85
,10~95%RH
0.03%/
(0~50
)
10~500Hz,2G10min./1cycle,periodfor60min. eachalongX, Y,Zaxes
108*67*36mm(L*W*H)
CONNECTOR
PLUG
CABLE
Standardtype
forstock
thertypeavailablebycustomerrequested
P1J:2.1
*5.5
*11mm,tuningforktypecenterpositive
;O
Standardtype18
and4ftfor4.2V~8.4Voutputonlyforstock
thertypeavailablebycustomerrequested
AwgUL11856ft
;O
1.All parameters are specified at 115VAC input, rated load, 25
70% RH ambient.
2.DC voltage: The output voltage set at point measure by plug terminal & 0% load.
3.Ripple & noise are measured at 20MHz by using a 12" twisted pair terminated with a 0.1uf & 47uf capacitor.
4.Output charging voltage range is measured from 0% to 100% rated load.
5.Line regulation is measured from low line to high line at rated load.
16.8~30W AC-DCPower AdaptorwithChargerFunction
G C 3 0 U series
Features :
CompliancetoEN55014-1classB,FCCpart15ClassB
CompliancetoEN61000-3-2,3
CompliancetoEN61000-4-2,3,4,5,6,11,l
criteria A
ightindustrylevel,
HARMONICCURRENT
EMSIMMUNITY
EMICONDUCTION&RADIATION
OVERLOAD
OVERVOLTAGE
110~135%ratedoutputvoltage
Protectiontype:Clampbyzenerdiode
Universal AC input / Full range
With USA type 6FT power cord(2pin)
Class
power (without earth pin)
No load power consumption <1.0W
Constant current and voltage(CC,CV mode)
Suitable for continue load
For high surge current equipment
Protections: Short circuit / Overload / Over voltage / Over temp.
2 colors LED indicate for charging status
Fully enclosed plastic case
High reliability
Approvals: UL / CUL / CB / FCC / CE
2 years warranty
IC1Tj130
OVERTEMPERATURE
Protectiontype:Shutdowno/pvoltage,recoversautomaticallyaftertemperaturegoesdown
DCVOLTAGESET AT
Note.2
LINEREGULATION
Note.5
3.6~4.4V
5~5.8V
6.5~7.5V
7.7~8.6V
13.5~14.5V
16~17V
27.1~28.8V
CHARGINGVOLTAGERANGE Note.4
LEDINDICATOR
FileName:GC30U-SPEC2008-05-08
405g;36pcs/16.5kg/CARTON
GreenLEDON<150~200mA <RedLEDON
90~110%Constantcurrentmodeandover300%pulsingmode
Protectiontype:Constantcurrentlimiting,recoversautomaticallyafterfaultconditionisremoved


Similar Part No. - GC30U-2

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
GC30U-2P1J TOTAL-POWER-GC30U-2P1J Datasheet
382Kb / 2P
   16.8 ~ 30WAC-DC Power Adaptor with Charger Function
More results

Similar Description - GC30U-2

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
GC-30U TOTAL-POWER-GC-30U Datasheet
382Kb / 2P
   16.8 ~ 30WAC-DC Power Adaptor with Charger Function
logo
Mean Well Enterprises C...
GC30B MEANWELL-GC30B Datasheet
206Kb / 2P
   16.8 ~ 30W Power Adaptor with Charging Function
logo
Total Power Internation...
GC-30B TOTAL-POWER-GC-30B Datasheet
216Kb / 2P
   16.8 ~ 30W Power Adaptor with Charging Function
logo
Mean Well Enterprises C...
GC30E MEANWELL-GC30E Datasheet
140Kb / 2P
   16.8 ~ 30W Power Adaptor with Charging Function
GEM30I MEANWELL-GEM30I Datasheet
520Kb / 5P
   30WAC-DC Reliable Green Interchangeable Medical Adaptor
logo
Schneider Electric
BMXCPS2010 SCHNEIDER-BMXCPS2010 Datasheet
164Kb / 5P
   power supply module X80 - 24 V DC - 16.8 W
Aug 10, 2019
logo
Shenzhen Huazhimei Semi...
HM4N65R HMSEMI-HM4N65R Datasheet
1Mb / 10P
   Power switch circuit of adaptor and charger.
HM6N70I HMSEMI-HM6N70I Datasheet
984Kb / 10P
   Power switch circuit of adaptor and charger.
HM4N90I HMSEMI-HM4N90I Datasheet
422Kb / 9P
   Power switch circuit of adaptor and charger
HM6N80K HMSEMI-HM6N80K Datasheet
471Kb / 9P
   Power switch circuit of adaptor and charger
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com