Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RG11AP110VAC Datasheet(PDF) 4 Page - Adam Technologies, Inc.

Part # RG11AP110VAC
Description  RELAY LOW PROFILE SMT SIGNAL RELAY-TYPE RT1
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAM-TECH [Adam Technologies, Inc.]
Direct Link  http://www.adam-tech.com
Logo ADAM-TECH - Adam Technologies, Inc.

RG11AP110VAC Datasheet(HTML) 4 Page - Adam Technologies, Inc.

  RG11AP110VAC Datasheet HTML 1Page - Adam Technologies, Inc. RG11AP110VAC Datasheet HTML 2Page - Adam Technologies, Inc. RG11AP110VAC Datasheet HTML 3Page - Adam Technologies, Inc. RG11AP110VAC Datasheet HTML 4Page - Adam Technologies, Inc. RG11AP110VAC Datasheet HTML 5Page - Adam Technologies, Inc. RG11AP110VAC Datasheet HTML 6Page - Adam Technologies, Inc. RG11AP110VAC Datasheet HTML 7Page - Adam Technologies, Inc. RG11AP110VAC Datasheet HTML 8Page - Adam Technologies, Inc. RG11AP110VAC Datasheet HTML 9Page - Adam Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Adam Technologies, Inc.
909 Rahway Avenue Union, New Jersey 07083 T: 908-687-5000 F: 908-687-5710 WWW.ADAM-TECH.COM
53
RELAY
SIGNAL RELAY THRU-HOLE RT2
R SERIES
Recommended PCB Layout
SCHEMATIC
ø.031
[0.80] TYP.
.012
[0.30]
.023 [0.60]
.300 [7.62]
.200 [5.08]
.200 [5.08]
.157 [4.00]
.472 [12.00]
MAX.
.826 [21.00]
MAX.
.433
[11.00]
MAX
.300
[7.62]
.300
[7.62]
.200
[5.08]
.200
[5.08]
V DC
Voltage
Max allowable
Nominal
Operating Power
mW
(±10%)
Coil Resistance
mA (±10%)
Operating Current
Nominal
Drop-out
Voltage
V DC (min.)
Pick-up Voltage
V DC (max.)
V DC
Voltage
Nominal
12
48
24
10
86
200
200
200
200
300
180
2,880
720
125
7,680
33.3
8.3
16.7
40
6.3
0.6
2.4
1.2
0.5
4.8
4.2
16.8
8.4
3.5
33.6
48
5
12
24
6
RT2 SERIES
RT2-24
Schematic


Similar Part No. - RG11AP110VAC

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
RG11AP110VAC ADAM-TECH-RG11AP110VAC Datasheet
179Kb / 2P
   RELAY GENERAL PURPOSE RELAY-TYPE RG1
More results

Similar Description - RG11AP110VAC

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
RT1-5 ADAM-TECH-RT1-5 Datasheet
151Kb / 2P
   RELAY LOW PROFILE SMT SIGNAL RELAY-TYPE RT1
RT1-XX ADAM-TECH-RT1-XX Datasheet
105Kb / 1P
   LOW PROFILE SMT SIGNAL RELAY
logo
Tyco Electronics
RT114005 MACOM-RT114005_05 Datasheet
243Kb / 4P
   Power PCB Relay RT1
1-1393240-1 MACOM-1-1393240-1 Datasheet
479Kb / 4P
   Power PCB Relay RT1
logo
TE Connectivity Ltd
RT1 TEC-RT1 Datasheet
492Kb / 4P
   Power PCB Relay RT1
logo
Tyco Electronics
2-1419108-8 MACOM-2-1419108-8 Datasheet
618Kb / 3P
   Power PCB Relay RT1
2-1393238-1 MACOM-2-1393238-1 Datasheet
726Kb / 4P
   Power PCB Relay RT1
2-1393238-5 MACOM-2-1393238-5 Datasheet
726Kb / 4P
   Power PCB Relay RT1
6-1393238-2 MACOM-6-1393238-2 Datasheet
492Kb / 4P
   Power PCB Relay RT1
RTD34012F MACOM-RTD34012F Datasheet
669Kb / 3P
   Power PCB Relay RT1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com