Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RG11CS110VAC Datasheet(PDF) 5 Page - Adam Technologies, Inc.

Part # RG11CS110VAC
Description  RELAY LOW PROFILE SMT SIGNAL RELAY-TYPE RT1
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAM-TECH [Adam Technologies, Inc.]
Direct Link  http://www.adam-tech.com
Logo ADAM-TECH - Adam Technologies, Inc.

RG11CS110VAC Datasheet(HTML) 5 Page - Adam Technologies, Inc.

  RG11CS110VAC Datasheet HTML 1Page - Adam Technologies, Inc. RG11CS110VAC Datasheet HTML 2Page - Adam Technologies, Inc. RG11CS110VAC Datasheet HTML 3Page - Adam Technologies, Inc. RG11CS110VAC Datasheet HTML 4Page - Adam Technologies, Inc. RG11CS110VAC Datasheet HTML 5Page - Adam Technologies, Inc. RG11CS110VAC Datasheet HTML 6Page - Adam Technologies, Inc. RG11CS110VAC Datasheet HTML 7Page - Adam Technologies, Inc. RG11CS110VAC Datasheet HTML 8Page - Adam Technologies, Inc. RG11CS110VAC Datasheet HTML 9Page - Adam Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Adam Technologies, Inc.
909 Rahway Avenue Union, New Jersey 07083 T: 908-687-5000 F: 908-687-5710 WWW.ADAM-TECH.COM
54
RELAY
MINIATURE POWER RELAY-TYPE RPS
R SERIES
INTRODUCTION:
Adam Tech RPS relays are modern PCB low power relays.
Sometimes known as ‘Sugar Cube’ relays, these small relays can
switch loads up to 10 amps. They are available in 1 form A, and 1
form C contact formats within a sealed package. These relays are
popular in applications such as small appliances, vending machines,
and office equipment.
FEATURES:
10 Amp switching capability
Power consumption of 360mW
Sealed construction.
SPECIFICATIONS:
ELECTRICAL:
Contact arrangement: 1 Form A & 1 Form C
Contact material: Silver Alloy
Contact Rating (Resistive load): 7A and 10A @ 250V AC
10A @ 30V DC
Max. Switching Voltage: 250V AC / 30V DC
Max. Switching Power: 2500VA / 300W
Contact resistance: 50 m
Ω max. Initial
Insulation resistance: 100 M
Ω min. @ 500V DC
Dielectric withstanding voltage:
Between Coil & Contact: 1500V AC 50/60Hz for 1 min.
Between Contacts: 1000V AC 50/60Hz for 1 min.
Operating time: 10 ms max.
Release time: 5 ms max.
Electrical Life: 100,000 Operations (at rated load)
MECHANICAL:
Vibration resistance (Endurance): 1.5mm Double Amplitude 10-55Hz
Shock resistance: 10G min.
Mechanical Life: 10,000,000 Operations (no load)
TEMPERATURE RATING:
Ambient temperature: -40°C to +85°C
PACKAGING:
Anti-ESD plastic trays or tubes
SAFETY AGENCY APPROVALS:
cUL Recognized File No. E305638
ORDERING INFORMATION
MINIATURE POWER RELAY
RPS
12
SERIES INDICATOR
RPS = Miniature
Power Relay
COIL VOLTAGE
5 = 5V DC
6 = 6V DC
12 = 12V DC
24 = 24V DC
48 = 48V DC
1C
CONTACT FORM
1A = 1 form A
1C = 1 form C
®
®
V
D E
UL
®
RoHS
COMPLIANT
RoHS
COMPLIANT
2002 / 95 / EC
2002 / 95 / EC
Pb
RoHS
COMPLIANT
c
US


Similar Part No. - RG11CS110VAC

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
RG11CS110VAC ADAM-TECH-RG11CS110VAC Datasheet
179Kb / 2P
   RELAY GENERAL PURPOSE RELAY-TYPE RG1
More results

Similar Description - RG11CS110VAC

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
RT1-5 ADAM-TECH-RT1-5 Datasheet
151Kb / 2P
   RELAY LOW PROFILE SMT SIGNAL RELAY-TYPE RT1
RT1-XX ADAM-TECH-RT1-XX Datasheet
105Kb / 1P
   LOW PROFILE SMT SIGNAL RELAY
logo
Tyco Electronics
RT114005 MACOM-RT114005_05 Datasheet
243Kb / 4P
   Power PCB Relay RT1
1-1393240-1 MACOM-1-1393240-1 Datasheet
479Kb / 4P
   Power PCB Relay RT1
logo
TE Connectivity Ltd
RT1 TEC-RT1 Datasheet
492Kb / 4P
   Power PCB Relay RT1
logo
Tyco Electronics
2-1419108-8 MACOM-2-1419108-8 Datasheet
618Kb / 3P
   Power PCB Relay RT1
2-1393238-1 MACOM-2-1393238-1 Datasheet
726Kb / 4P
   Power PCB Relay RT1
2-1393238-5 MACOM-2-1393238-5 Datasheet
726Kb / 4P
   Power PCB Relay RT1
6-1393238-2 MACOM-6-1393238-2 Datasheet
492Kb / 4P
   Power PCB Relay RT1
RTD34012F MACOM-RTD34012F Datasheet
669Kb / 3P
   Power PCB Relay RT1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com