Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1764AEQ-3.3 Datasheet(PDF) 11 Page - Linear Technology

Part # LT1764AEQ-3.3
Description  3A, Fast Transient Response, Low Noise,LDO Regulators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1764AEQ-3.3 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1764AEQ-3.3 Datasheet HTML 7Page - Linear Technology LT1764AEQ-3.3 Datasheet HTML 8Page - Linear Technology LT1764AEQ-3.3 Datasheet HTML 9Page - Linear Technology LT1764AEQ-3.3 Datasheet HTML 10Page - Linear Technology LT1764AEQ-3.3 Datasheet HTML 11Page - Linear Technology LT1764AEQ-3.3 Datasheet HTML 12Page - Linear Technology LT1764AEQ-3.3 Datasheet HTML 13Page - Linear Technology LT1764AEQ-3.3 Datasheet HTML 14Page - Linear Technology LT1764AEQ-3.3 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
LT1764A Series
1764afb
The LT1764A series are 3A low dropout regulators opti-
mized for fast transient response. The devices are capable
of supplying 3A at a dropout voltage of 340mV. The low
operating quiescent current (1mA) drops to less than 1
µA
in shutdown. In addition to the low quiescent current, the
LT1764A regulators incorporate several protection fea-
tures which make them ideal for use in battery-powered
systems. The devices are protected against both reverse
input and reverse output voltages. In battery backup
applications where the output can be held up by a backup
battery when the input is pulled to ground, the LT1764A-X
acts like it has a diode in series with its output and prevents
reverse current flow. Additionally, in dual supply applica-
tions where the regulator load is returned to a negative
supply, the output can be pulled below ground by as much
as 20V and still allow the device to start and operate.
Adjustable Operation
The adjustable version of the LT1764A has an output
voltage range of 1.21V to 20V. The output voltage is set by
the ratio of two external resistors as shown in Figure 2. The
device servos the output to maintain the voltage at the ADJ
pin at 1.21V referenced to ground. The current in R1 is
then equal to 1.21V/R1 and the current in R2 is the current
in R1 plus the ADJ pin bias current. The ADJ pin bias
current, 3
µA at 25°C, flows through R2 into the ADJ pin.
The output voltage can be calculated using the formula in
Figure 2. The value of R1 should be less than 4.17k to
minimize errors in the output voltage caused by the ADJ
pin bias current. Note that in shutdown the output is turned
off and the divider current will be zero.
The adjustable device is tested and specified with the ADJ
pin tied to the OUT pin for an output voltage of 1.21V.
Specifications for output voltages greater than 1.21V will
be proportional to the ratio of the desired output voltage to
1.21V: VOUT/1.21V. For example, load regulation for an
output current change of 1mA to 3A is – 3mV typical at
VOUT = 1.21V. At VOUT = 5V, load regulation is:
(5V/1.21V)(–3mV) = – 12.4mV
APPLICATIO S I FOR ATIO
Output Capacitors and Stability
The LT1764A regulator is a feedback circuit. Like any
feedback circuit, frequency compensation is needed to
make it stable. For the LT1764A, the frequency compensa-
tion is both internal and external—the output capacitor.
The size of the output capacitor, the type of the output
capacitor, and the ESR of the particular output capacitor all
affect the stability.
In addition to stability, the output capacitor also affects the
high frequency transient response. The regulator loop has
a finite band width. For high frequency transient loads,
recovery from a transient is a combination of the output
capacitor and the bandwidth of the regulator. The
LT1764A was designed to be easy to use and accept a
wide variety of output capacitors. However, the frequency
compensation is affected by the output capacitor and
optimum frequency stability may require some ESR, espe-
cially with ceramic capacitors.
For ease of use, low ESR polytantalum capacitors (POSCAP)
are a good choice for both the transient response and
stability of the regulator. These capacitors have intrinsic
ESR that improves the stability. Ceramic capacitors have
extremely low ESR, and while they are a good choice in
many cases, placing a small series resistance element will
sometimes achieve optimum stability and minimize ring-
ing. In all cases, a minimum of 10
µF is required while the
maximum ESR allowable is 3
Ω.
The place where ESR is most helpful with ceramics is low
output voltage. At low output voltages, below 2.5V, some
ESR helps the stability when ceramic output capacitors
are used. Also, some ESR allows a smaller capacitor
value to be used. When small signal ringing occurs with
ceramics due to insufficient ESR, adding ESR or increas-
Figure 2. Adjustable Operation
IN
1764 F02
R2
OUT
VIN
VOUT
ADJ
GND
LT1764A
R1
+
VV
R
R
IR
VV
IA
OUT
ADJ
ADJ
ADJ
=+
⎝⎜
⎠⎟
+
()( )
=
121 1
2
1
2
121
3
.
.
µ AT 25 C
OUTPUT RANGE = 1.21V TO 20V


Similar Part No. - LT1764AEQ-3.3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1764AEQ-3.3 LINER-LT1764AEQ-3.3 Datasheet
638Kb / 20P
   3A, Fast Transient Response, Low Noise, LDO Regulators
More results

Similar Description - LT1764AEQ-3.3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1764 LINER-LT1764_1 Datasheet
286Kb / 20P
   3A, Fast Transient Response, Low Noise,LDO Regulators
LT1764A LINER-LT1764A_15 Datasheet
638Kb / 20P
   3A, Fast Transient Response, Low Noise, LDO Regulators
logo
Linear Dimensions Semic...
LT1764-EQ LINEAR_DIMENSIONS-LT1764-EQ Datasheet
292Kb / 20P
   3A, Fast Transient Response, Low Noise, LDO Regulators
logo
Linear Technology
LT1764AEQ-25 LINER-LT1764AEQ-25 Datasheet
638Kb / 20P
   3A, Fast Transient Response, Low Noise, LDO Regulators
LT1764 LINER-LT1764_15 Datasheet
292Kb / 20P
   3A, Fast Transient Response, Low Noise, LDO Regulators
LT1764 LINER-LT1764 Datasheet
213Kb / 16P
   3A, Fast Transient Response, Low Noise,LDO Regulators
logo
Linear Dimensions Semic...
LT1764AEFEPBF LINEAR_DIMENSIONS-LT1764AEFEPBF Datasheet
638Kb / 20P
   3A, Fast Transient Response, Low Noise, LDO Regulators
logo
Linear Integrated Syste...
LT1963 LINEAR-LT1963 Datasheet
241Kb / 16P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
logo
Linear Technology
LT1963AES8-PBF LINER-LT1963AES8-PBF Datasheet
787Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
LT1963A LINER-LT1963A_15 Datasheet
545Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com