Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPSU15B-8 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # GPSU15B-8
Description  7.2~15WAC-DC Single Output Desktop
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

GPSU15B-8 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  GPSU15B-8 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. GPSU15B-8 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MechanicalSpecification
DeratingCurve
FileName:GS15B-SPEC 2008-05-06
Unit:mm
10
20
30
50
40
32.8
100
11
ID2.1xOD5.5
C"+"
64
Ta(
)
0
70
100
StaticCharacteristics
INPUTVOLTAGE
0
50
60
70
60
100
260
80
90
100
80
Plug Assignment
Standardplug:P1J(option)
P/N
OUTPUT
P1J
CENTER
+
32.8
NAMEPLATE
100
7.2~15W AC-DCSingleOutputDesktop
G S 1 5 B series
UL118518AWG1530+100/-0for3.3V
UL118518AWG1830+100/-0forother


Similar Part No. - GPSU15B-8

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
GPSU15B-8 MEANWELL-GPSU15B-8 Datasheet
231Kb / 2P
   12~15WAC-DC Single Output Desktop
More results

Similar Description - GPSU15B-8

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
GS15A MEANWELL-GS15A Datasheet
107Kb / 2P
   7.2~15WAC-DC Single Output Desktop
GS15A MEANWELL-GS15A_11 Datasheet
155Kb / 2P
   12~15WAC-DC Single Output Desktop
GS15B MEANWELL-GS15B_11 Datasheet
231Kb / 2P
   12~15WAC-DC Single Output Desktop
GS15E MEANWELL-GS15E Datasheet
105Kb / 2P
   7.2~15WAC-DC Single Output Wall-mounted type
GS15U MEANWELL-GS15U Datasheet
109Kb / 2P
   7.2~15WAC-DC Single Output Wall-mounted type
GS15U MEANWELL-GS15U_11 Datasheet
169Kb / 2P
   12~15WAC-DC Single Output Wall-mounted type
GE12 MEANWELL-GE12 Datasheet
192Kb / 2P
   10~15WAC-DC Single Output Interchangeable Wall-mounted type
GS15E MEANWELL-GS15E_11 Datasheet
138Kb / 2P
   12~15WAC-DC Single Output Wall-mounted type
GS40 MEANWELL-GS40_11 Datasheet
130Kb / 2P
   40WAC-DC Single Output Desktop
GS90 MEANWELL-GS90 Datasheet
127Kb / 2P
   90WAC-DC Single Output Desktop
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com