Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP2C8A70T324I6N Datasheet(PDF) 3 Page - Altera Corporation

Part # EP2C8A70T324I6N
Description  Cyclone II Device Family
Download  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2C8A70T324I6N Datasheet(HTML) 3 Page - Altera Corporation

  EP2C8A70T324I6N Datasheet HTML 1Page - Altera Corporation EP2C8A70T324I6N Datasheet HTML 2Page - Altera Corporation EP2C8A70T324I6N Datasheet HTML 3Page - Altera Corporation EP2C8A70T324I6N Datasheet HTML 4Page - Altera Corporation EP2C8A70T324I6N Datasheet HTML 5Page - Altera Corporation EP2C8A70T324I6N Datasheet HTML 6Page - Altera Corporation EP2C8A70T324I6N Datasheet HTML 7Page - Altera Corporation EP2C8A70T324I6N Datasheet HTML 8Page - Altera Corporation EP2C8A70T324I6N Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 168 page
background image
Altera Corporation
1–1
February 2008
1. Introduction
Introduction
Following the immensely successful first-generation Cyclone® device
family, Altera® Cyclone II FPGAs extend the low-cost FPGA density
range to 68,416 logic elements (LEs) and provide up to 622 usable I/O
pins and up to 1.1 Mbits of embedded memory. Cyclone II FPGAs are
manufactured on 300-mm wafers using TSMC's 90-nm low-k dielectric
process to ensure rapid availability and low cost. By minimizing silicon
area, Cyclone II devices can support complex digital systems on a single
chip at a cost that rivals that of ASICs. Unlike other FPGA vendors who
compromise power consumption and performance for low-cost, Altera’s
latest generation of low-cost FPGAs—Cyclone II FPGAs, offer 60% higher
performance and half the power consumption of competing 90-nm
FPGAs. The low cost and optimized feature set of Cyclone II FPGAs make
them ideal solutions for a wide array of automotive, consumer,
communications, video processing, test and measurement, and other
end-market solutions. Reference designs, system diagrams, and IP, found
at www.altera.com, are available to help you rapidly develop complete
end-market solutions using Cyclone II FPGAs.
Low-Cost Embedded Processing Solutions
Cyclone II devices support the Nios II embedded processor which allows
you to implement custom-fit embedded processing solutions. Cyclone II
devices can also expand the peripheral set, memory, I/O, or performance
of embedded processors. Single or multiple Nios II embedded processors
can be designed into a Cyclone II device to provide additional
co-processing power or even replace existing embedded processors in
your system. Using Cyclone II and Nios II together allow for low-cost,
high-performance embedded processing solutions, which allow you to
extend your product's life cycle and improve time to market over
standard product solutions.
Low-Cost DSP Solutions
Use Cyclone II FPGAs alone or as DSP co-processors to improve
price-to-performance ratios for digital signal processing (DSP)
applications. You can implement high-performance yet low-cost DSP
systems with the following Cyclone II features and design support:
Up to 150 18 × 18 multipliers
Up to 1.1 Mbit of on-chip embedded memory
High-speed interfaces to external memory
CII51001-3.2


Similar Part No. - EP2C8A70T324I6N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2C8A ALTERA-EP2C8A Datasheet
2Mb / 182P
   Package Information Datasheet for Mature Altera Devices
EP2C8A ALTERA-EP2C8A Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C8AQ324C6ES ALTERA-EP2C8AQ324C6ES Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C8AQ324C6N ALTERA-EP2C8AQ324C6N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C8AQ324C7ES ALTERA-EP2C8AQ324C7ES Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
More results

Similar Description - EP2C8A70T324I6N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2C15AF484C7N ALTERA-EP2C15AF484C7N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5F256I8N ALTERA-EP2C5F256I8N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C20F484C6N ALTERA-EP2C20F484C6N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5F256C7N ALTERA-EP2C5F256C7N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5F256C6N ALTERA-EP2C5F256C6N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C8Q208C6 ALTERA-EP2C8Q208C6 Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5Q208C8N ALTERA-EP2C5Q208C8N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP4CE115F29I7N ALTERA-EP4CE115F29I7N Datasheet
372Kb / 14P
   Cyclone IV FPGA Device Family
EP3C10U256C6N ALTERA-EP3C10U256C6N Datasheet
7Mb / 274P
   Cyclone III Device Family Overview
EP4CE10E22C8N ALTERA-EP4CE10E22C8N Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com