Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2FB60F Datasheet(PDF) 1 Page - Adam Technologies, Inc.

Part # 2FB60F
Description  FUTURE BUS 2.00mm CENTERLINE EIA STANDARD
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAM-TECH [Adam Technologies, Inc.]
Direct Link  http://www.adam-tech.com
Logo ADAM-TECH - Adam Technologies, Inc.

2FB60F Datasheet(HTML) 1 Page - Adam Technologies, Inc.

  2FB60F Datasheet HTML 1Page - Adam Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Adam Technologies, Inc.
909 Rahway Avenue Union, New Jersey 07083 T: 908-687-5000 F: 908-687-5710 WWW.ADAM-TECH.COM
230
INTRODUCTION:
Adam Tech 2FB Series 2.00mm Futurebus Backpanel connectors
are a two piece connector system comprised of vertical male headers
and right angle receptacles. This high density, high speed signal
connector set connects PC boards to backplanes. They are widely
used in networking, telecom and high speed computing applications.
Adam Tech’s specially designed Press-Fit tails offer fast, solderless
attachment to printed circuit boards. Our connector bodies are
manufactured from high-temp, glass filled LCP thermoplastic and our
contacts are specially designed for improved signal performance.
These headers and sockets offer the convenience of end to end
stacking. They are industry compatible, and intermateable with other
connectors manufactured to Future Bus standards.
FEATURES:
Industry standard 2.00 Backplane system
Two piece mated design
High density & end to end stackable
High Speed, improved signal performance
Superior grounding and Shielding
MATING CONNECTORS:
Adam Tech 2FB series and All industry standard 2.0mm
Future Bus Connectors.
SPECIFICATIONS:
Material:
Standard Hi-Temp insulator: LCP, glass filled, rated UL94V-0
Insulator Color: Gray
Contacts: Brass or Phosphor Bronze
Contact Plating:
Gold over Nickel on contact area, Tin over Copper underplate
on tails
Electrical:
Operating voltage: 500V AC max.
Current rating: 1 Amp max
Contact resistance: 30 m
Ω max. initial
Insulation resistance: 1000 M
Ω min.
Dielectric withstanding voltage: 500V AC for 1 minute
Mechanical:
Insertion force: 0.101 lbs / contact max.
Withdrawal force: 0.045 lbs / contact min
Temperature Rating:
Operating temperature: -65°C to +125°C
Soldering process temperature: 260°C
PACKAGING:
Anti-static plastic tubes
APPROVALS AND CERTIFICATIONS:
UL Recognized File No. E224053
CSA Certified File No. LR1578596
OPTIONS:
Add designator(s) to end of part number
30 = 30 µin gold plating in contact area
Custom pin lengths available
ORDERING INFORMATION
FUTURE BUS
2.00mm CENTERLINE EIA STANDARD
2FB SERIES
2FB
SERIES INDICATOR
2FB = 2.0mm
Future Bus
Connector
M
CONTACT TYPE
M = Male straight
F = Female
right angle
24
POSITIONS
Power:
8 & 10
Signal:
24, 30, 48,
60, 96, 120,
192, 240
®
®
V
D E
UL
®
RoHS
COMPLIANT
2002 / 95 / EC
2002 / 95 / EC
Pb
RoHS
COMPLIANT
HI-TEMP
INSULATOR
A V A I L A B L E


Similar Part No. - 2FB60F

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
2FB-48-M ADAM-TECH-2FB-48-M Datasheet
84Kb / 1P
   FUTURE BUS 48 POSITION STRAIGHT MALE
2FB-60-F ADAM-TECH-2FB-60-F Datasheet
148Kb / 1P
   FUTURE BUS CONNECTOR
2FB-XX-F-353 ADAM-TECH-2FB-XX-F-353 Datasheet
125Kb / 1P
   FUTURE BUS CONNECTOR
2FB-XX-F-ST ADAM-TECH-2FB-XX-F-ST Datasheet
103Kb / 1P
   FUTURE BUS SIGNAL
2FB-XX-F-ST-5 ADAM-TECH-2FB-XX-F-ST-5 Datasheet
121Kb / 1P
   FUTURE BUS SIGNAL
More results

Similar Description - 2FB60F

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
2FB-XX-M-ST-XXXX ADAM-TECH-2FB-XX-M-ST-XXXX Datasheet
107Kb / 1P
   FUTURE BUS SIGNAL
2FB-XX-F-ST ADAM-TECH-2FB-XX-F-ST Datasheet
103Kb / 1P
   FUTURE BUS SIGNAL
2FB-60-F ADAM-TECH-2FB-60-F Datasheet
148Kb / 1P
   FUTURE BUS CONNECTOR
2FB-XX-F-ST-5 ADAM-TECH-2FB-XX-F-ST-5 Datasheet
121Kb / 1P
   FUTURE BUS SIGNAL
2FB-XX-F-353 ADAM-TECH-2FB-XX-F-353 Datasheet
125Kb / 1P
   FUTURE BUS CONNECTOR
2FB-XX-F-V ADAM-TECH-2FB-XX-F-V Datasheet
102Kb / 1P
   FUTURE BUS SIGNAL
2PCIAM154A0 ADAM-TECH-2PCIAM154A0 Datasheet
160Kb / 1P
   COMPACT PCI 2.00mm CENTERLINE
logo
National Semiconductor ...
DS16F95QML NSC-DS16F95QML Datasheet
745Kb / 16P
   EIA-485/EIA-422A Differential Bus Transceiver
DS16F95 NSC-DS16F95 Datasheet
274Kb / 14P
   EIA-485/EIA-422A Differential Bus Transceiver
logo
EHAOAN.
304IR-3B EHAOAN-304IR-3B Datasheet
2Mb / 7P
   EIA Standard Packaging
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com