Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1764EFE15 Datasheet(PDF) 9 Page - Linear Technology

Part # 1764EFE15
Description  3A, Fast Transient Response, Low Noise,LDO Regulators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

1764EFE15 Datasheet(HTML) 9 Page - Linear Technology

Back Button 1764EFE15 Datasheet HTML 5Page - Linear Technology 1764EFE15 Datasheet HTML 6Page - Linear Technology 1764EFE15 Datasheet HTML 7Page - Linear Technology 1764EFE15 Datasheet HTML 8Page - Linear Technology 1764EFE15 Datasheet HTML 9Page - Linear Technology 1764EFE15 Datasheet HTML 10Page - Linear Technology 1764EFE15 Datasheet HTML 11Page - Linear Technology 1764EFE15 Datasheet HTML 12Page - Linear Technology 1764EFE15 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
LT1764 Series
1764fb
LT1764-3.3 10Hz to 100kHz
Output Noise
LT1764-3.3 Transient Response
TEMPERATURE (
°C)
–50
25
1764 G34
–25
0
50
10
5
0
–5
–10
–15
–20
–25
–30
75
100
125
LT1764
LT1764-3.3
LT1764-2.5
LT1764-1.8
∆IL = 1mA TO 3A
VIN = 2.7V (LT1764)
VIN = VOUT(NOM) + 1V
(LT1764-1.8/-2.5/-3.3)
FREQUENCY (Hz)
10
0.01
0.1
1
100
1k
10k
100k
1764 G35
LT1764-3.3
LT1764-2.5
LT1764-1.8
LT1764
COUT = 10µF
ILOAD = 3A
LOAD CURRENT (A)
10
15
25
35
40
0.0001
0.01
0.1
10
1764 G36
5
0.001
1
30
20
0
LT1764-3.3
LT1764-2.5
LT1764-1.8
LT1764
COUT = 10µF
VOUT
100
µV/
DIV
COUT = 10µF
1ms/DIV
1764 G37
IL = 3A
TIME (
µs)
0
–0.1
0.1
–0.2
0
0.2
16
1764 G38
1.00
0.50
0.75
0.25
0
46
2
8
12 14
18
10
20
VIN = 4.3V
CIN = 3.3µF TANTALUM
COUT = 10µF TANTALUM
LT1764-3.3 Transient Response
TIME (
µs)
0
–0.1
0.1
–0.2
0
0.2
16
1764 G39
2
3
1
0
46
2
8
12 14
18
10
20
VIN = 4.3V
CIN = 33µF
COUT = 100µF TANTALUM
+ 10
× 1µF CERAMIC
TYPICAL PERFOR A CE CHARACTERISTICS
Load Regulation
Output Noise Spectral Density
RMS Output Noise vs Load Current
(10Hz to 100kHz)


Similar Part No. - 1764EFE15

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
1764 GILWAY-1764 Datasheet
65Kb / 1P
   T-1 Subminiature Lamps
logo
Winchester Electronics ...
1764-1 WINCHESTER-1764-1 Datasheet
60Kb / 1P
   20 KV HV, RECEPTACLE BULKHEAD MOUNT
logo
Emcore Corporation
1764-18-BB-SC-10 EMCORE-1764-18-BB-SC-10 Datasheet
755Kb / 6P
   1764 1550 nm C-Band DWDM DFB Laser Module
1764-18-BB-SC-10 EMCORE-1764-18-BB-SC-10 Datasheet
765Kb / 6P
   Advanced Analog Chip Design
1764-19-BB-SC-10 EMCORE-1764-19-BB-SC-10 Datasheet
755Kb / 6P
   1764 1550 nm C-Band DWDM DFB Laser Module
More results

Similar Description - 1764EFE15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1764A LINER-LT1764A_15 Datasheet
638Kb / 20P
   3A, Fast Transient Response, Low Noise, LDO Regulators
logo
Linear Dimensions Semic...
LT1764-EQ LINEAR_DIMENSIONS-LT1764-EQ Datasheet
292Kb / 20P
   3A, Fast Transient Response, Low Noise, LDO Regulators
logo
Linear Technology
LT1764AEQ-25 LINER-LT1764AEQ-25 Datasheet
638Kb / 20P
   3A, Fast Transient Response, Low Noise, LDO Regulators
LT1764 LINER-LT1764_15 Datasheet
292Kb / 20P
   3A, Fast Transient Response, Low Noise, LDO Regulators
LT1764 LINER-LT1764 Datasheet
213Kb / 16P
   3A, Fast Transient Response, Low Noise,LDO Regulators
logo
Linear Dimensions Semic...
LT1764AEFEPBF LINEAR_DIMENSIONS-LT1764AEFEPBF Datasheet
638Kb / 20P
   3A, Fast Transient Response, Low Noise, LDO Regulators
logo
Linear Technology
LT1764A LINER-LT1764A Datasheet
632Kb / 20P
   3A, Fast Transient Response, Low Noise,LDO Regulators
logo
Linear Integrated Syste...
LT1963 LINEAR-LT1963 Datasheet
241Kb / 16P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
logo
Linear Technology
LT1963AES8-PBF LINER-LT1963AES8-PBF Datasheet
787Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
LT1963A LINER-LT1963A_15 Datasheet
545Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com