Electronic Components Datasheet Search |
|
LT1763CS8-1.8PBF Datasheet(PDF) 7 Page - Linear Technology |
|
LT1763CS8-1.8PBF Datasheet(HTML) 7 Page - Linear Technology |
7 / 20 page LT1763 Series 7 1763fe TYPICAL PERFORMANCE CHARACTERISTICS LT1763-1.8 Quiescent Current LT1763-2.5 Quiescent Current LT1763-3 Quiescent Current LT1763-3.3 Quiescent Current LT1763-5 Quiescent Current LT1763 Quiescent Current LT1763-5 Output Voltage LT1763 ADJ Pin Voltage LT1763-1.5 Quiescent Current TEMPERATURE (°C) –50 100 1763 G10 050 5.100 5.075 5.050 5.025 5.000 4.975 4.950 4.925 4.900 –25 25 75 125 IL = 1mA TEMPERATURE (°C) –50 100 1763 G11 050 1.240 1.235 1.230 1.225 1.220 1.215 1.210 1.205 1.200 –25 25 75 125 IL = 1mA INPUT VOLTAGE (V) 0 250 225 200 175 150 125 100 75 50 25 0 8 1763 G12 2 13 5 7 9 4 6 10 VSHDN = VIN TJ = 25°C RL = VSHDN = 0V INPUT VOLTAGE (V) 0 250 225 200 175 150 125 100 75 50 25 0 8 1763 G13 2 13 5 7 9 4 6 10 VSHDN = VIN TJ = 25°C RL = VSHDN = 0V INPUT VOLTAGE (V) 0 250 225 200 175 150 125 100 75 50 25 0 8 1763 G14 2 13 5 7 9 4 6 10 VSHDN = VIN TJ = 25°C RL = VSHDN = 0V INPUT VOLTAGE (V) 0 250 225 200 175 150 125 100 75 50 25 0 8 1763 G15 2 13 5 7 9 4 6 10 VSHDN = VIN TJ = 25°C RL = VSHDN = 0V INPUT VOLTAGE (V) 0 250 225 200 175 150 125 100 75 50 25 0 8 1763 G16 2 13 5 7 9 4 6 10 VSHDN = VIN TJ = 25°C RL = VSHDN = 0V INPUT VOLTAGE (V) 0 250 225 200 175 150 125 100 75 50 25 0 8 1763 G17 2 13 5 7 9 4 6 10 VSHDN = VIN TJ = 25°C RL = VSHDN = 0V INPUT VOLTAGE (V) 0 40 35 30 25 20 15 10 5 0 16 1763 G18 4 2 6 10 14 18 8 12 20 VSHDN = VIN TJ = 25°C RL = 250k VSHDN = 0V |
Similar Part No. - LT1763CS8-1.8PBF |
|
Similar Description - LT1763CS8-1.8PBF |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |