Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1763CS8-1.8PBF Datasheet(PDF) 10 Page - Linear Technology

Part # LT1763CS8-1.8PBF
Description  500mA, Low Noise, LDO Micropower Regulators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1763CS8-1.8PBF Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1763CS8-1.8PBF Datasheet HTML 6Page - Linear Technology LT1763CS8-1.8PBF Datasheet HTML 7Page - Linear Technology LT1763CS8-1.8PBF Datasheet HTML 8Page - Linear Technology LT1763CS8-1.8PBF Datasheet HTML 9Page - Linear Technology LT1763CS8-1.8PBF Datasheet HTML 10Page - Linear Technology LT1763CS8-1.8PBF Datasheet HTML 11Page - Linear Technology LT1763CS8-1.8PBF Datasheet HTML 12Page - Linear Technology LT1763CS8-1.8PBF Datasheet HTML 13Page - Linear Technology LT1763CS8-1.8PBF Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
LT1763 Series
10
1763fe
TYPICAL PERFORMANCE CHARACTERISTICS
Current Limit
Reverse Output Current
Reverse Output Current
Input Ripple Rejection
Input Ripple Rejection
Ripple Rejection
SHDN Pin Input Current
ADJ Pin Bias Current
Current Limit
TEMPERATURE (°C)
–50
100
1763 G37
050
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
–25
25
75
125
VSHDN = 20V
TEMPERATURE (°C)
–50
0
50
75
1763 G38
–25
25
100
125
140
120
100
80
60
40
20
0
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
INPUT VOLTAGE (V)
0
2
4
5
1763 G39
1
3
6
7
VOUT = 0V
TEMPERATURE (°C)
–50
1.2
1.0
0.8
0.6
0.4
0.2
0
0
50
75
1763 G40
–25
25
100
125
VIN = 7
VOUT = 0V
OUTPUT VOLTAGE (V)
100
90
80
70
60
50
40
30
20
10
0
1763 G41
0123
4
5
67
8
9
10
TJ = 25°C, VIN = 0V
CURRENT FLOWS
INTO OUTPUT PIN
VOUT = VADJ (LT1763)
LT1763
LT1763-5
LT1763-1.5
LT1763-3.3
LT1763-3
LT1763-2.5
LT1763-1.8
20
18
16
14
12
10
8
6
4
2
0
1763 G42
VIN = 0V, VOUT = 1.22V (LT1763)
VOUT = 1.5V (LT1763-1.5)
VOUT = 1.8V (LT1763-1.8)
VOUT = 2.5V (LT1763-2.5)
VOUT = 3V (LT1763-3)
VOUT = 3.3V (LT1763-3.3)
VOUT = 5V (LT1763-5)
LT1763-1.5/-1.8/
-2.5/-3/-3.3/-5
LT1763
TEMPERATURE (°C)
–50
0
50
75
–25
25
100
125
FREQUENCY (Hz)
80
70
60
50
40
30
20
10
0
10
1k
10k
1M
1763 G43
100
100k
IL = 500mA
VIN = VOUT(NOMINAL) +
1V + 50mVRMS RIPPLE
CBYP = 0
COUT = 4.7μF
COUT = 10μF
FREQUENCY (Hz)
80
70
60
50
40
30
20
10
0
10
1k
10k
1M
1763 G44
100
100k
IL = 500mA
VIN = VOUT(NOMINAL) +
1V + 50mVRMS RIPPLE
COUT = 10μF
CBYP = 0.01μF
CBYP = 100pF
CBYP = 1000pF
TEMPERATURE (°C)
–50
100
1763 G45
050
68
66
64
62
60
58
56
54
52
–25
25
75
125
VIN = VOUT (NOMINAL) +
1V + 0.5VP-P RIPPLE
AT f = 120Hz
IL = 500mA


Similar Part No. - LT1763CS8-1.8PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1763CS8-1.8 LINER-LT1763CS8-1.8 Datasheet
278Kb / 16P
   500mA, Low Noise, LDO Micropower Regulators
LT1763CS8-1.8 LINER-LT1763CS8-1.8 Datasheet
1Mb / 22P
   500mA, Low Noise, LDO Micropower Regulators
LT1763CS8-1.8-PBF LINER-LT1763CS8-1.8-PBF Datasheet
1Mb / 22P
   500mA, Low Noise, LDO Micropower Regulators
LT1763CS8-1.8-TR LINER-LT1763CS8-1.8-TR Datasheet
1Mb / 22P
   500mA, Low Noise, LDO Micropower Regulators
LT1763CS8-1.8-TRPBF LINER-LT1763CS8-1.8-TRPBF Datasheet
1Mb / 22P
   500mA, Low Noise, LDO Micropower Regulators
More results

Similar Description - LT1763CS8-1.8PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1763 LINER-LT1763 Datasheet
278Kb / 16P
   500mA, Low Noise, LDO Micropower Regulators
LT1763 LINER-LT1763_15 Datasheet
1Mb / 22P
   500mA, Low Noise, LDO Micropower Regulators
LT1763 LINER-LT1763_10 Datasheet
1Mb / 22P
   500mA, Low Noise, LDO Micropower Regulators
LT1962EMS8-1.8 LINER-LT1962EMS8-1.8 Datasheet
281Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1962EMS8-5PBF LINER-LT1962EMS8-5PBF Datasheet
297Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1962EMS8-1.5 LINER-LT1962EMS8-1.5 Datasheet
292Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1762 LINER-LT1762 Datasheet
229Kb / 16P
   150mA, Low Noise, LDO Micropower Regulators
LT1962 LINER-LT1962 Datasheet
138Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1762 LINER-LT1762_15 Datasheet
425Kb / 16P
   150mA, Low Noise, LDO Micropower Regulators
LT1962 LINER-LT1962_15 Datasheet
475Kb / 18P
   300mA, Low Noise, Micropower LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com