Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP2C8A5Q324I6N Datasheet(PDF) 8 Page - Altera Corporation

Part # EP2C8A5Q324I6N
Description  Cyclone II Device Family
Download  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2C8A5Q324I6N Datasheet(HTML) 8 Page - Altera Corporation

Back Button EP2C8A5Q324I6N Datasheet HTML 4Page - Altera Corporation EP2C8A5Q324I6N Datasheet HTML 5Page - Altera Corporation EP2C8A5Q324I6N Datasheet HTML 6Page - Altera Corporation EP2C8A5Q324I6N Datasheet HTML 7Page - Altera Corporation EP2C8A5Q324I6N Datasheet HTML 8Page - Altera Corporation EP2C8A5Q324I6N Datasheet HTML 9Page - Altera Corporation EP2C8A5Q324I6N Datasheet HTML 10Page - Altera Corporation EP2C8A5Q324I6N Datasheet HTML 11Page - Altera Corporation EP2C8A5Q324I6N Datasheet HTML 12Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 168 page
background image
1–6
Altera Corporation
Cyclone II Device Handbook, Volume 1
February 2008
Features
Cyclone II devices support vertical migration within the same package
(for example, you can migrate between the EP2C35, EPC50, and EP2C70
devices in the 672-pin FineLine BGA package). The exception to vertical
migration support within the Cyclone II family is noted in Table 1–3.
Table 1–2. Cyclone II Package Options & Maximum User I/O Pins
Notes (1) (2)
Device
144-Pin
TQFP (3)
208-Pin
PQFP (4)
240-Pin
PQFP
256-Pin
FineLine
BGA
484-Pin
FineLine
BGA
484-Pin
Ultra
FineLine
BGA
672-Pin
FineLine
BGA
896-Pin
FineLine
BGA
EP2C5 (6) (8)
89
142
158 (5)
——
EP2C8 (6)
85
138
182
EP2C8A (6), (7)
——
182
EP2C15A (6), (7)
152
315
EP2C20 (6)
142
152
315
EP2C20A (6), (7)
152
315
EP2C35 (6)
322
322
475
EP2C50 (6)
294
294
450
EP2C70 (6)
422
622
Notes to Table 1–2:
(1)
Cyclone II devices support vertical migration within the same package (for example, you can migrate between the
EP2C20 device in the 484-pin FineLine BGA package and the EP2C35 and EP2C50 devices in the same package).
(2)
The Quartus® II software I/O pin counts include four additional pins,
TDI, TDO, TMS, and TCK, which are not
available as general purpose I/O pins.
(3)
TQFP: thin quad flat pack.
(4)
PQFP: plastic quad flat pack.
(5)
Vertical migration is supported between the EP2C5F256 and the EP2C8F256 devices. However, not all of the DQ
and DQS groups are supported. Vertical migration between the EP2C5 and the EP2C15 in the F256 package is not
supported.
(6)
The I/O pin counts for the EP2C5, EP2C8, and EP2C15A devices include 8 dedicated clock pins that can be used
for data inputs. The I/O counts for the EP2C20, EP2C35, EP2C50, and EP2C70 devices include 16 dedicated clock
pins that can be used for data inputs.
(7)
EP2C8A, EP2C15A, and EP2C20A have a Fast On feature that has a faster POR time. The EP2C15A is only available
with the Fast On option.
(8)
The EP2C5 optionally support the Fast On feature, which is designated with an “A” in the device ordering code.
The EP2C5A is only available in the automotive speed grade. Refer to the Cyclone II section in the Automotive-Grade
Device Handbook.


Similar Part No. - EP2C8A5Q324I6N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2C8A ALTERA-EP2C8A Datasheet
2Mb / 182P
   Package Information Datasheet for Mature Altera Devices
EP2C8A ALTERA-EP2C8A Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C8AQ324C6ES ALTERA-EP2C8AQ324C6ES Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C8AQ324C6N ALTERA-EP2C8AQ324C6N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C8AQ324C7ES ALTERA-EP2C8AQ324C7ES Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
More results

Similar Description - EP2C8A5Q324I6N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2C15AF484C7N ALTERA-EP2C15AF484C7N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5F256I8N ALTERA-EP2C5F256I8N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C20F484C6N ALTERA-EP2C20F484C6N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5F256C7N ALTERA-EP2C5F256C7N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5F256C6N ALTERA-EP2C5F256C6N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C8Q208C6 ALTERA-EP2C8Q208C6 Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5Q208C8N ALTERA-EP2C5Q208C8N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP4CE115F29I7N ALTERA-EP4CE115F29I7N Datasheet
372Kb / 14P
   Cyclone IV FPGA Device Family
EP3C10U256C6N ALTERA-EP3C10U256C6N Datasheet
7Mb / 274P
   Cyclone III Device Family Overview
EP4CE10E22C8N ALTERA-EP4CE10E22C8N Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com