Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BDV66A Datasheet(PDF) 2 Page - Mospec Semiconductor

Part # BDV66A
Description  POWER TRANSISTORS(16A,60-100V,125W)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

BDV66A Datasheet(HTML) 2 Page - Mospec Semiconductor

  BDV66A Datasheet HTML 1Page - Mospec Semiconductor BDV66A Datasheet HTML 2Page - Mospec Semiconductor BDV66A Datasheet HTML 3Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
A


Similar Part No. - BDV66A

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BDV66A ISC-BDV66A Datasheet
115Kb / 2P
   isc Silicon PNP Darlington Power Transistor
logo
Comset Semiconductor
BDV66A COMSET-BDV66A Datasheet
79Kb / 4P
   PNP SILICON DARLINGTONS POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
BDV66A NJSEMI-BDV66A Datasheet
139Kb / 2P
   Silicon PNP Darlington Power Transistor
More results

Similar Description - BDV66A

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP140 MOSPEC-TIP140 Datasheet
204Kb / 4P
   POWER TRANSISTORS(10A,60-100V,125W)
MJ4030 MOSPEC-MJ4030 Datasheet
125Kb / 3P
   POWER TRANSISTORS(16A,60-100V,150W)
MJE4340 MOSPEC-MJE4340 Datasheet
135Kb / 4P
   POWER TRANSISTORS(16A,100-160V,125W)
TIP35 MOSPEC-TIP35 Datasheet
154Kb / 3P
   POWER TRANSISTORS(25A,40-100V,125W)
BDV64 MOSPEC-BDV64 Datasheet
170Kb / 4P
   POWER TRANSISTORS(12A,125W)
TIP120 MOSPEC-TIP120 Datasheet
206Kb / 4P
   POWER TRANSISTORS(5.0A,60-100V,65W)
TIP130 MOSPEC-TIP130 Datasheet
150Kb / 3P
   POWER TRANSISTORS(8.0A,60-100V,70W)
TIP140T MOSPEC-TIP140T Datasheet
204Kb / 4P
   POWER TRANSISTORS(10A,60-100V,80W)
2N6544 MOSPEC-2N6544 Datasheet
217Kb / 4P
   POWER TRANSISTORS(8A,125W)
TIP100 MOSPEC-TIP100 Datasheet
200Kb / 4P
   POWER TRANSISTORS(8A,60-100V,80W)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com