Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IN74ACT138D Datasheet(PDF) 3 Page - IK Semicon Co., Ltd

Part # IN74ACT138D
Description  1-of-8 Decoder/Demultiplexer High-Speed Silicon-Gate CMOS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IN74ACT138D Datasheet(HTML) 3 Page - IK Semicon Co., Ltd

  IN74ACT138D Datasheet HTML 1Page - IK Semicon Co., Ltd IN74ACT138D Datasheet HTML 2Page - IK Semicon Co., Ltd IN74ACT138D Datasheet HTML 3Page - IK Semicon Co., Ltd IN74ACT138D Datasheet HTML 4Page - IK Semicon Co., Ltd IN74ACT138D Datasheet HTML 5Page - IK Semicon Co., Ltd IN74ACT138D Datasheet HTML 6Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
IN74ACT138
Rev. 00
DC ELECTRICAL CHARACTERISTICS (Voltages Referenced to GND)
VCC
Guaranteed Limits
Symbol
Parameter
Test Conditions
V
25
°C
-40
°C to
85
°C
Unit
VIH
Minimum High-
Level Input Voltage
VOUT=0.1 V or VCC-0.1 V
4.5
5.5
2.0
2.0
2.0
2.0
V
VIL
Maximum Low -
Level Input Voltage
VOUT=0.1 V or VCC-0.1 V
4.5
5.5
0.8
0.8
0.8
0.8
V
VOH
Minimum High-
Level Output Voltage
IOUT ≤ -50 μA
4.5
5.5
4.4
5.4
4.4
5.4
V
*V
IN=VIH or VIL
IOH=-24 mA
IOH=-24 mA
4.5
5.5
3.86
4.86
3.76
4.76
VOL
Maximum Low-
Level Output Voltage
IOUT ≤ 50 μA
4.5
5.5
0.1
0.1
0.1
0.1
V
*V
IN= VIH or VIL
IOL=24 mA
IOL=24 mA
4.5
5.5
0.36
0.36
0.44
0.44
IIN
Maximum Input
Leakage Current
VIN=VCC or GND
5.5
±0.1
±1.0
μA
ΔI
CCT
Additional Max.
ICC/Input
VIN=VCC - 2.1 V
5.5
1.5
mA
IOLD
+Minimum Dynamic
Output Current
VOLD=1.65 V Max
5.5
75
mA
IOHD
+Minimum Dynamic
Output Current
VOHD=3.85 V Min
5.5
-75
mA
ICC
Maximum Quiescent
Supply Current
(per Package)
VIN=VCC or GND
5.5
8.0
80
μA
* All outputs loaded; thresholds on input associated with output under test.
+Maximum test duration 2.0 ms, one output loaded at a time.


Similar Part No. - IN74ACT138D

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74ACT138D INTEGRAL-IN74ACT138D Datasheet
161Kb / 5P
   1-OF-8 DECODER/DEMULTIPLEXER
More results

Similar Description - IN74ACT138D

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN74AC138 IKSEMICON-IN74AC138 Datasheet
182Kb / 6P
   1-of-8 Decoder/Demultiplexer High-Speed Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74AC138 KODENSHI-KK74AC138 Datasheet
264Kb / 6P
   1-of-8 Decoder/Demultiplexer High-Speed Silicon-Gate CMOS
logo
Integral Corp.
IN74AC138 INTEGRAL-IN74AC138 Datasheet
164Kb / 5P
   1-OF-8 DECODER/DEMULTIPLEXER High-Speed Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74ACT138 KODENSHI-KK74ACT138 Datasheet
254Kb / 6P
   1-of-8 Decoder/Demultiplexer High-Speed Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74HCT138A IKSEMICON-IN74HCT138A Datasheet
208Kb / 6P
   1-of-8 Decoder/Demultiplexer High-Performance Silicon-Gate CMOS
logo
System Logic Semiconduc...
SL74HCT138 SLS-SL74HCT138 Datasheet
52Kb / 5P
   1- of-8 Decoder/Demultiplexer(High-Performance Silicon-Gate CMOS)
logo
Motorola, Inc
MC54HC138 MOTOROLA-MC54HC138 Datasheet
274Kb / 4P
   1-of-8 Decoder / Demultiplexer High-Performance Silicon-Gate CMOS
logo
Integral Corp.
IN74HC138 INTEGRAL-IN74HC138 Datasheet
103Kb / 5P
   1-of-8 Decoder/Demultiplexer High-Performance Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74HCT138A KODENSHI-KK74HCT138A Datasheet
222Kb / 6P
   1-of-8 Decoder/Demultiplexer High-Performance Silicon-Gate CMOS
logo
Integral Corp.
IN74AC139 INTEGRAL-IN74AC139 Datasheet
121Kb / 5P
   Dual 1-of-4 Decoder/Demultiplexer High-Speed Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com