Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IN74ACT192D Datasheet(PDF) 5 Page - IK Semicon Co., Ltd

Part # IN74ACT192D
Description  Presettable BCD/Decade UP/DOWN Counter High-Speed Silicon-Gate CMOS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IN74ACT192D Datasheet(HTML) 5 Page - IK Semicon Co., Ltd

  IN74ACT192D Datasheet HTML 1Page - IK Semicon Co., Ltd IN74ACT192D Datasheet HTML 2Page - IK Semicon Co., Ltd IN74ACT192D Datasheet HTML 3Page - IK Semicon Co., Ltd IN74ACT192D Datasheet HTML 4Page - IK Semicon Co., Ltd IN74ACT192D Datasheet HTML 5Page - IK Semicon Co., Ltd IN74ACT192D Datasheet HTML 6Page - IK Semicon Co., Ltd IN74ACT192D Datasheet HTML 7Page - IK Semicon Co., Ltd IN74ACT192D Datasheet HTML 8Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
IN74ACT192
TIMING REQUIREMENTS (CL=50pF, Input tr=tf=3.0 ns, VCC=5.0 V ± 10%)
Guaranteed Limits
Symbol
Parameter
25
°C
-40
°C to
85
°C
Unit
tsu
Minimum Setup Time, Pn to PL (Figure 7)
8
9
ns
th
Minimum Hold Time, PL to Pn (Figure 7)
-1.0
-1.0
ns
tw
Minimum Pulse Width, PL (Figure 4)
14
15
ns
tw
Minimum Pulse Width, CPU or CPD
(Figure 1)
10
11
ns
tw
Minimum Pulse Width, MR (Figure 5)
12
14
ns
trec
Minimum Recovery Time, PL to CPU or CPD (Figure
5)
8
9
ns
trec
Minimum Recovery Time, MR to CPU or CPD
(Figure 5)
14
16
ns
Figure 1. Switching Waveforms
Figure 2. Switching Waveforms
Figure 3. Switching Waveforms
Figure 4. Switching Waveforms
Rev. 00


Similar Part No. - IN74ACT192D

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74ACT192D INTEGRAL-IN74ACT192D Datasheet
364Kb / 7P
   PRESETTABLE BCD/DECADE UP/DOWN COUNTER
More results

Similar Description - IN74ACT192D

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK74ACT192 KODENSHI-KK74ACT192 Datasheet
508Kb / 8P
   Presettable BCD/Decade UP/DOWN Counter High-Speed Silicon-Gate CMOS
KK74AC192 KODENSHI-KK74AC192 Datasheet
521Kb / 8P
   Presettable BCD/Decade UP/DOWN Counter High-Speed Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74AC192 IKSEMICON-IN74AC192 Datasheet
382Kb / 8P
   Presettable BCD/Decade UP/DOWN Counter High-Speed Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74HC192A KODENSHI-KK74HC192A Datasheet
360Kb / 8P
   Presettable BCD/Decade UP/DOWN Counter High-Performance Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74HC192A IKSEMICON-IN74HC192A Datasheet
244Kb / 8P
   Presettable BCD/Decade UP/DOWN Counter High-Performance Silicon-Gate CMOS
logo
Integral Corp.
IN74ACT192 INTEGRAL-IN74ACT192 Datasheet
364Kb / 7P
   PRESETTABLE BCD/DECADE UP/DOWN COUNTER
logo
System Logic Semiconduc...
SL74HC192 SLS-SL74HC192 Datasheet
69Kb / 7P
   Presettable BCD/Decade UP/DOWN Counter
logo
NXP Semiconductors
74HC190 PHILIPS-74HC190 Datasheet
101Kb / 13P
   Presettable synchronous BCD decade up/down counter
December 1990
74HC192 PHILIPS-74HC192 Datasheet
90Kb / 13P
   Presettable synchronous BCD decade up/down counter
December 1990
logo
Motorola, Inc
SN54LS192 MOTOROLA-SN54LS192 Datasheet
276Kb / 9P
   PRESETTABLE BCD/DECADE UP/DOWN COUNTER PRESETTABLE 4-BIT BINARY UP/DOWN COUNTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com