Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BH095 Datasheet(PDF) 1 Page - Adam Technologies, Inc.

Part # BH095
Description  BATTERY HOLDERS & SNAPS AA, AAA, C, D & COIN CELL
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAM-TECH [Adam Technologies, Inc.]
Direct Link  http://www.adam-tech.com
Logo ADAM-TECH - Adam Technologies, Inc.

BH095 Datasheet(HTML) 1 Page - Adam Technologies, Inc.

  BH095 Datasheet HTML 1Page - Adam Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Adam Technologies, Inc.
909 Rahway Avenue Union, New Jersey 07083 T: 908-687-5000 F: 908-687-5710 WWW.ADAM-TECH.COM
358
BATTERY HOLDERS & SNAPS
AA, AAA, C, D & COIN CELL
BH & BS SERIES
INTRODUCTION:
Adam Tech BH and BS series battery holders and Battery snaps are
designed to contain batteries in electronic equipment. This series
includes battery holders and coin cell holders for a complete range of
AAA, AA, C, D, 9V and Coin Cells. Adam Tech produces this series
in a variety of terminations such as thru-hole PCB leads, SMT leads,
wire leads and solder lugs. Custom lead lengths on wired
configurations are also available. Our superior retention holders are
molded of UL94-VO or UL94-HB material with spring steel contacts
and perform extremely well under normal or adverse environment
conditions.
FEATURES:
Lightweight and compact
Multiple termination options
Various battery configurations
Alkaline and Lithium types
BATTERY HOLDER
SPECIFICATIONS:
Material:
Insulator: Impact resistant Polypropylene, rated UL94-HB
9V Holder, ABS, Glass filled rated UL94-HB
Coin Cell: PBT, rated UL94V-0
Insulator Color: Black
Spring: Spring Steel, Nickel plated
Contacts: Spring steel, Nickel plated
Snap terminals: Brass, Nickel plated
Wire: 26 Awg, PVC
BATTERY SNAPS
SPECIFICATIONS:
Material:
Soft PVC or rigid PP or PE
Snap terminals: Brass, nickel plated
Wire: 26 Awg stranded, UL1007, PVC insulation
Electrical:
Operating voltage: 9V max.
Temperature Rating:
Operating temperature: -10°C to +180°C
Electrical:
Operating voltage: 1.5V & 9V DC max.
Temperature Ratings:
Operating temperature: -10°C to +80°C
9V holder: -30°C to +105°C
Coin Cell: -55°C to + 205°C
SAFETY AGENCY APPROVALS:
UL Recognized File No. E224053
CSA Certified File No. LR1578596
ORDERING INFORMATION
BATTERY HOLDER
BH
SERIES INDICATOR
BH = Battery Holder
3
TERMINATION
1 = PC Board Tails
2 = Male/Female Snaps
3 = Solder Terminals
4 = Wire Leads
5.90 [150.00]
5 = SMT (Coin Cell Types)
01
TYPE
01 thru 23
ORDERING INFORMATION
BATTERY SNAPS
BS
1
1
SERIES
INDICATOR
BS = Battery Snap
LEADS
1 = Standard
5.90 [150.00]
length leads with
stripped ends
2 = Special lead
length specified
in inches as total
length/stripped
length (ie: 7/.250
7" leads with
.250" strip length)
TYPE
01 thru 6
®
®
V
D E
UL
®
RoHS
COMPLIANT
2002 / 95 / EC
2002 / 95 / EC
Pb
RoHS
COMPLIANT


Similar Part No. - BH095

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
BH006TG DOINGTER-BH006TG Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced SGT technology
logo
List of Unclassifed Man...
BH011 ETC-BH011 Datasheet
548Kb / 11P
   FOUR ZONE HOOK UP, USING EB- ZS-4
logo
Fairchild Semiconductor
BH0170A FAIRCHILD-BH0170A Datasheet
944Kb / 16P
   Green Mode Fairchild Power Switch
BH0270 FAIRCHILD-BH0270 Datasheet
708Kb / 16P
   Green Mode Fairchild Power Switch (FPS??
BH0270 FAIRCHILD-BH0270 Datasheet
801Kb / 16P
   Green Mode Fairchild Power Switch
More results

Similar Description - BH095

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
BH-25 ADAM-TECH-BH-25 Datasheet
155Kb / 1P
   BATTERY HOLDERS COIN CELL BATTERY HOLDERS
BH-10 ADAM-TECH-BH-10 Datasheet
141Kb / 1P
   BATTERY HOLDERS AAA, D SINGLE & MULTIPLE CELLS
logo
List of Unclassifed Man...
12BH331C-GR ETC2-12BH331C-GR Datasheet
147Kb / 1P
   3 AA Battery Holders
12BH162A-GR ETC2-12BH162A-GR Datasheet
84Kb / 1P
   6 D Battery Holders with Leads or Snaps
12BH331B-GR ETC2-12BH331B-GR Datasheet
91Kb / 1P
   3 AA Battery Holder with Snaps
12BH322B-GR ETC2-12BH322B-GR Datasheet
78Kb / 1P
   2 AA Battery Holder with Snaps
12BH310B-GR ETC2-12BH310B-GR Datasheet
115Kb / 1P
   10 AA Battery Holder with Snaps
12BH341-GR ETC2-12BH341-GR Datasheet
47Kb / 1P
   4 AA Battery Holder with Snaps
12BH365-GR ETC2-12BH365-GR Datasheet
38Kb / 1P
   6 AA Battery Holder with Snaps
12BH382B-GR ETC2-12BH382B-GR Datasheet
39Kb / 1P
   8 AA Battery Holder with Snaps
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com