Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MES50A-0 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # MES50A-0
Description  24 ~ 50WAC-DC Single Output and Medical Type Desktop
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

MES50A-0 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  MES50A-0 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. MES50A-0 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
U S P - 2 2 5 series
U S P - 2 2 5 series
MechanicalSpecification
DeratingCurve
FileName:MES50A-SPEC 2007-05-14
Unit:mm
ID2.1xOD5.5
11
24~50W AC-DCSingleOutputandMedical TypeDesktop
M E S 5 0 A series
147
147
POWERLED
POWERLED
145
145
43.2
43.2
Ta(
)
0
15
30
45
60
70
50
100
StaticCharacteristics
INPUTVOLTAGE
0
50
60
70
60
100
260
80
90
100
80
C"+"
100 10mm
100 10mm
UL118518AWG6ftforother
UL118516AWG6ftfor9V
UL246418AWG4ftfor3.3~7.5V
Plug Assignment
Standardplug:3.3V,5V,7.5VR1B(option)
Standardplug:OthersP1J(option)
P/N
CENTER
OUTPUT
+
P1J
PINNO
1
2
3
4
5
OUTPUT
COM
COM
+Vout
+Vout
COM
1
2
3
4
5
45
o
11
ID2.1xOD5.5


Similar Part No. - MES50A-0

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
MES50A-0R1B MEANWELL-MES50A-0R1B Datasheet
235Kb / 2P
   24 ~ 50WAC-DC Single Output and Medical Type Desktop
More results

Similar Description - MES50A-0

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
MES50A MEANWELL-MES50A_09 Datasheet
235Kb / 2P
   24 ~ 50WAC-DC Single Output and Medical Type Desktop
P50A-T MEANWELL-P50A-T Datasheet
183Kb / 2P
   46.5~50WAC-DC Triple Output Desktop
P50A-T MEANWELL-P50A-T_07 Datasheet
183Kb / 2P
   46.5~50WAC-DC Triple Output Desktop
MES30A MEANWELL-MES30A_09 Datasheet
136Kb / 2P
   16.5~30WAC-DC Single Output and Medical Type Desktop
MES30C MEANWELL-MES30C_09 Datasheet
134Kb / 2P
   16.5~30WAC-DC Single Output and Medical Type Desktop
MES30C MEANWELL-MES30C Datasheet
132Kb / 2P
   16.5~30WAC-DC Single Output and Medical Type Desktop
MES30B MEANWELL-MES30B Datasheet
130Kb / 2P
   16.5~30WAC-DC Single Output and Medical Type Desktop
MES30B MEANWELL-MES30B_09 Datasheet
132Kb / 2P
   16.5~30WAC-DC Single Output and Medical Type Desktop
MES30A MEANWELL-MES30A Datasheet
134Kb / 2P
   16.5~30WAC-DC Single Output and Medical Type Desktop
logo
Wall Industries,Inc.
DTAM65 WALL-DTAM65 Datasheet
130Kb / 2P
   65 Watt Single Output AC/DC Medical Desktop Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com