Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR037SG Datasheet(PDF) 7 Page - Supertex, Inc

Part # SR037SG
Description  Inductorless, Dual Output Off-Line Regulators
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

SR037SG Datasheet(HTML) 7 Page - Supertex, Inc

  SR037SG Datasheet HTML 1Page - Supertex, Inc SR037SG Datasheet HTML 2Page - Supertex, Inc SR037SG Datasheet HTML 3Page - Supertex, Inc SR037SG Datasheet HTML 4Page - Supertex, Inc SR037SG Datasheet HTML 5Page - Supertex, Inc SR037SG Datasheet HTML 6Page - Supertex, Inc SR037SG Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
SR036/SR037
Applications Information, continued
1235 Bordeaux Drive, Sunnyvale, CA 94089
TEL: (408) 744-0100 • FAX: (408) 222-4895
www.supertex.com
06/13/02rev.12
©2002 Supertex Inc. All rights reserved. Unauthorized use or reproduction prohibited.
220
µF
1
µF
SR037
VN2460N8
120VAC
or
240VAC
Fuse
Logic
Control
Circuit
Unregulated Voltage
5.0V
5V Coil
Relay
Vz
5.1V
HV
IN
GND
Gate
Source
V
OUT
Figure 6: Driving 5V Relay Coils with Zener Diode Clamp
The circuit shown in Figure 6 uses the SR037 to supply a
regulated 5.0V for the logic control circuitry. A 5.1V Zener diode
is used in parallel with the 5.0V relay coil to ensure that the relay
coil’s maximum operating voltage is not exceeded. The Zener
diode also acts as the catch diode when the coil is switched to the
off state. An external series resistor is used to limit the amount
of Zener current.
220
µF
1
µF
SR036 or
SR037
TN2425N8
120VAC
Fuse
330
330
Unregulated Voltage
HV
IN
GND
Gate
Source
V
OUT
Figure 7: Driving LEDs from 120VAC
VREG
The circuit shown in Figure 7 uses the SR036 or SR037 to drive
12 high efficient red LEDs from a 120V AC line. The average LED
current is approximately 20mA.


Similar Part No. - SR037SG

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
SR037SG SUTEX-SR037SG Datasheet
2Mb / 18P
   Inductorless, Dual Output Off-Line Regulators
SR037SG SUTEX-SR037SG Datasheet
3Mb / 19P
   Inductorless, Dual Output Off-Line Regulators
More results

Similar Description - SR037SG

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
SR036 SUTEX-SR036_04 Datasheet
3Mb / 19P
   Inductorless, Dual Output Off-Line Regulators
SR03 SUTEX-SR03 Datasheet
2Mb / 18P
   Inductorless, Dual Output Off-Line Regulators
SR08X SUTEX-SR08X Datasheet
342Kb / 7P
   Adjustable Off-Line Inductorless Switching Regulator
logo
Allegro MicroSystems
STR-S6401 ALLEGRO-STR-S6401 Datasheet
116Kb / 8P
   OFF-LINE SWITCHING REGULATORS WITH POWER MOSFET OUTPUT
STR-S6411 ALLEGRO-STR-S6411 Datasheet
115Kb / 8P
   OFF-LINE SWITCHING REGULATORS . WITH POWER MOSFET OUTPUT
logo
Microchip Technology
SR086 MICROCHIP-SR086 Datasheet
541Kb / 16P
   Adjustable Offline Inductorless Switching Regulators
11/07/16
logo
Allegro MicroSystems
STR-X6737 ALLEGRO-STR-X6737 Datasheet
555Kb / 11P
   Off-Line Quasi-Resonant Switching Regulators
STR-X6759N_V ALLEGRO-STR-X6759N_V Datasheet
434Kb / 9P
   Off-Line Quasi-Resonant Switching Regulators
logo
Sanken electric
STR-Y6753 SANKEN-STR-Y6753 Datasheet
292Kb / 11P
   Off-Line Quasi-Resonant Switching Regulators
STR-X6757 SANKEN-STR-X6757 Datasheet
450Kb / 9P
   Off-Line Quasi-Resonant Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com