Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MES30C-5 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # MES30C-5
Description  16.5~30WAC-DC Single Output and Medical Type Desktop
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

MES30C-5 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  MES30C-5 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. MES30C-5 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
U S P - 2 2 5 series
U S P - 2 2 5 series
MechanicalSpecification
DeratingCurve
FileName:MES30C-SPEC 2008-05-08
Unit:mm
Plug Assignment
69.9
RUBBERFOOTX4
NAMEPLATE
18
R1
3
POWERLED
106
108
Standardplug:P1J(option)
36
Ta(
)
0
15
30
45
40
60
70
50
100
StaticCharacteristics
INPUTVOLTAGE
0
50
60
70
60
100
260
80
90
100
80
M E S 3 0 C series
16.5~30W AC-DCSingleOutputandMedical TypeDesktop
P/N
OUTPUT
P1J
CENTER
+
UL 118518AWG6ftforothers
SPT-216AWG4ftfor3.3V,5V,7.5V
ID2.1xOD5.5
11
C"+"
100 10mm


Similar Part No. - MES30C-5

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
MES30C-5P1J MEANWELL-MES30C-5P1J Datasheet
134Kb / 2P
   16.5~30WAC-DC Single Output and Medical Type Desktop
More results

Similar Description - MES30C-5

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
MES30B MEANWELL-MES30B_09 Datasheet
132Kb / 2P
   16.5~30WAC-DC Single Output and Medical Type Desktop
MES30A MEANWELL-MES30A Datasheet
134Kb / 2P
   16.5~30WAC-DC Single Output and Medical Type Desktop
MES30A MEANWELL-MES30A_09 Datasheet
136Kb / 2P
   16.5~30WAC-DC Single Output and Medical Type Desktop
MES30C MEANWELL-MES30C_09 Datasheet
134Kb / 2P
   16.5~30WAC-DC Single Output and Medical Type Desktop
MES30B MEANWELL-MES30B Datasheet
130Kb / 2P
   16.5~30WAC-DC Single Output and Medical Type Desktop
MES50A MEANWELL-MES50A_09 Datasheet
235Kb / 2P
   24 ~ 50WAC-DC Single Output and Medical Type Desktop
MES50A MEANWELL-MES50A Datasheet
234Kb / 2P
   24 ~ 50WAC-DC Single Output and Medical Type Desktop
logo
Wall Industries,Inc.
DTAM65 WALL-DTAM65 Datasheet
130Kb / 2P
   65 Watt Single Output AC/DC Medical Desktop Adapter
logo
Mean Well Enterprises C...
GEM30I MEANWELL-GEM30I Datasheet
520Kb / 5P
   30WAC-DC Reliable Green Interchangeable Medical Adaptor
logo
Wall Industries,Inc.
DTMPU63 WALL-DTMPU63 Datasheet
151Kb / 3P
   63 Watt Single Output AC/DC Medical Desktop Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com