Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPS-120-12 Datasheet(PDF) 3 Page - Mean Well Enterprises Co., Ltd.

Part # MPS-120-12
Description  1~4 Output Medical Type
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

MPS-120-12 Datasheet(HTML) 3 Page - Mean Well Enterprises Co., Ltd.

  MPS-120-12 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. MPS-120-12 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. MPS-120-12 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
(HORIZONTAL)
ACInputConnector(CN1):Molex5273-05orequivalent
DCOutputConnector(CN2):Molex5273-13orequivalent
PinNo.
PinNo.
3
3
1
1
5
4
5
6
7
8
9
10
11
12
13
2,4
2
MPS-120
MPS-120
MPD-120
MPD-120
MPT-120
MPT-120
MPQ-120
MPQ-120
MatingHousing
MatingHousing
Terminal
Terminal
AC/L
-V
-V
-V
-V
+V
+V
P.F.D.
NC
NoPin
NC
AC/L
COM
COM
COM
COM
V2
V2
P.F.D.
NC
NoPin
NC
AC/L
COM
COM
COM
COM
V2
V2
P.F.D.
V3
NoPin
NC
AC/L
COM
COM
COM
COM
V2
V2
P.F.D.
V3
NoPin
V4
NoPin
+V
+V
+V
NoPin
V1
V1
V1
NoPin
V1
V1
V1
NoPin
V1
V1
V1
AC/N
AC/N
AC/N
AC/N
Molex5195
Molex5195
Molex5194
Molex5194
orequivalent
orequivalent
orequivalent
orequivalent
FG
FG
FG
FG
Unit:mm
MechanicalSpecification
165.1[6.5"]
177.8[7"]
13
6
2
CN2
1
4
3
5
9
7
8
11
10
12
+V ADJ
CN1
2
3
1
4
5
4-
3.96[0.156"]
FAN
DeratingCurve
Pin Assignment
StaticCharacteristics
90
100
115
135
155
264
230
100
90
80
70
60
50
40
INPUTVOLTAGE(V)60Hz
1~4OutputMedical Type
1 2 0 WM e d i c a l series
FileName:120WMEDICAL-SPEC2008-03-25
10
20
30
40
50 55 60
70
20
40
60
80
100
-20
0
25CFMforcedaircooling
Convectioncooling
53WMPS-120-3.3only
73.7WMPS-120-5only
80Wothers
AMBIENTTEMPERATURE(
)
MPS/D-120
MPT/Q-120
2
max.
[0.078"]


Similar Part No. - MPS-120-12

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
MPS-120-12 ASTRODYNE-MPS-120-12 Datasheet
390Kb / 3P
   120W 1~4 Output for Medical Type
logo
XP Power Limited
MPS-120-12 XPPOWER-MPS-120-12 Datasheet
290Kb / 3P
   1~4 Output Medical Type
logo
Mean Well Enterprises C...
MPS-120-12 MEANWELL-MPS-120-12 Datasheet
283Kb / 3P
   1~4 Output Medical Type
MPS-120-12 MEANWELL-MPS-120-12 Datasheet
283Kb / 3P
   1~4 Output Medical Type
MPS-120-12 MEANWELL-MPS-120-12 Datasheet
317Kb / 3P
   1~4 Output Medical Type
More results

Similar Description - MPS-120-12

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
MPD-200 MEANWELL-MPD-200_10 Datasheet
325Kb / 4P
   1~4 Output Medical Type
MPQ-200 MEANWELL-MPQ-200 Datasheet
325Kb / 4P
   1~4 Output Medical Type
MPT-200 MEANWELL-MPT-200 Datasheet
325Kb / 4P
   1~4 Output Medical Type
MPS-120 MEANWELL-MPS-120 Datasheet
317Kb / 3P
   1~4 Output Medical Type
MPT-120 MEANWELL-MPT-120 Datasheet
289Kb / 3P
   1~4 Output Medical Type
MPD-200 MEANWELL-MPD-200 Datasheet
323Kb / 4P
   1~4 Output Medical Type
MPD-120 MEANWELL-MPD-120_11 Datasheet
283Kb / 3P
   1~4 Output Medical Type
MPQ-200 MEANWELL-MPQ-200_12 Datasheet
341Kb / 4P
   1~4 Output Medical Type
MPQ-120 MEANWELL-MPQ-120 Datasheet
283Kb / 3P
   1~4 Output Medical Type
MPS-200 MEANWELL-MPS-200 Datasheet
325Kb / 4P
   1~4 Output Medical Type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com