Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPT-200D Datasheet(PDF) 4 Page - Mean Well Enterprises Co., Ltd.

Part # MPT-200D
Description  1~4 Output Medical Type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

MPT-200D Datasheet(HTML) 4 Page - Mean Well Enterprises Co., Ltd.

  MPT-200D Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. MPT-200D Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. MPT-200D Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. MPT-200D Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
DCOutputConnector(CN4): TKP DH2I-2*3orequivalent
PinNo.
1
2
3
4
5
6
Assignment
PG
RS-
GND
RC+
RS+
RC-
MatingHousing
TKP DH2-2*3
orequivalent
Terminal
TKP DHT
orequivalent
ACInputConnector(CN1):JST B3P-VHorequivalent
DCOutputConnector(CN2,3):JST B8P-VH*2orequivalent
PinNo.
PinNo.
1,2,3,4
5~11
12,13
14
15
16
1
2
3
Assignment
Assignment
V1
COM
V2
V3
Nopin
V4
AC/N
NoPin
AC/L
MatingHousing
MatingHousing
JST VHR
JST VHR
JST SVH-21T-P1.1
JST SVH-21T-P1.1
orequivalent
orequivalent
orequivalent
orequivalent
Terminal
Terminal
90
100
115
140
160
180
200
220
240
264
100
90
80
70
60
50
40
INPUTVOLTAGE(V)60Hz
10
20
30
40
50
60
70
20
40
60
80
100
-20
0
25CFMforcedaircooling
Convectioncooling
AMBIENTTEMPERATURE(
)
MPT/Q-200
MPD-200
MPT/Q-200
MPD-200
6.35[0.25"]
(HORIZONTAL)
3[0.118"]max.
DeratingCurve(MPD/T/Q-200)
StaticCharacteristics(MPD,T,Q-200)
1~4OutputMedical Type
2 0 0 WM e d i c a l series
FileName:200WMEDICAL-SPEC2008-03-25
MechanicalSpecification(MPD/T/Q-200)
LED
SVR1
3
1
CN4
165.1[6.5"]
177.8[7"]
4-
3.96[0.156"]
4
6
5
2
2
1
FG
CN1
3
16
CN3
CN2
1
25CFMmin.
FAN


Similar Part No. - MPT-200D

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
MPT-200D ASTRODYNE-MPT-200D Datasheet
439Kb / 4P
   200W 1~4 Output for Medical Type
logo
MicroPower Direct, LLC
MPT-200D MPD-MPT-200D Datasheet
1Mb / 4P
   Low Cost, 1-4 Output 200W EN60601 (Medical) Approved AC/DC Power Supplies
logo
Mean Well Enterprises C...
MPT-200D MEANWELL-MPT-200D Datasheet
325Kb / 4P
   1~4 Output Medical Type
MPT-200D MEANWELL-MPT-200D Datasheet
325Kb / 4P
   1~4 Output Medical Type
MPT-200D MEANWELL-MPT-200D Datasheet
325Kb / 4P
   1~4 Output Medical Type
More results

Similar Description - MPT-200D

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
MPD-200 MEANWELL-MPD-200_10 Datasheet
325Kb / 4P
   1~4 Output Medical Type
MPQ-200 MEANWELL-MPQ-200 Datasheet
325Kb / 4P
   1~4 Output Medical Type
MPD-120 MEANWELL-MPD-120 Datasheet
281Kb / 3P
   1~4 Output Medical Type
MPT-200 MEANWELL-MPT-200 Datasheet
325Kb / 4P
   1~4 Output Medical Type
MPS-120 MEANWELL-MPS-120 Datasheet
317Kb / 3P
   1~4 Output Medical Type
MPT-120 MEANWELL-MPT-120 Datasheet
289Kb / 3P
   1~4 Output Medical Type
MPD-120 MEANWELL-MPD-120_11 Datasheet
283Kb / 3P
   1~4 Output Medical Type
MPQ-200 MEANWELL-MPQ-200_12 Datasheet
341Kb / 4P
   1~4 Output Medical Type
MPQ-120 MEANWELL-MPQ-120 Datasheet
283Kb / 3P
   1~4 Output Medical Type
MPS-200 MEANWELL-MPS-200 Datasheet
325Kb / 4P
   1~4 Output Medical Type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com